Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRT86L30IB Datasheet(PDF) 6 Page - Exar Corporation

Part # XRT86L30IB
Description  SINGLE T1/E1/J1 FRAMER/LIU COMBO
Download  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86L30IB Datasheet(HTML) 6 Page - Exar Corporation

Back Button XRT86L30IB Datasheet HTML 2Page - Exar Corporation XRT86L30IB Datasheet HTML 3Page - Exar Corporation XRT86L30IB Datasheet HTML 4Page - Exar Corporation XRT86L30IB Datasheet HTML 5Page - Exar Corporation XRT86L30IB Datasheet HTML 6Page - Exar Corporation XRT86L30IB Datasheet HTML 7Page - Exar Corporation XRT86L30IB Datasheet HTML 8Page - Exar Corporation XRT86L30IB Datasheet HTML 9Page - Exar Corporation XRT86L30IB Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 279 page
background image
XRT86L30
III
SINGLE T1/E1/J1 FRAMER/LIU COMBO
REV. 1.0.0
XRT84V24 COMPATIBLE 2.048MBIT/S MODE .......................................................................................................... 189
10.2 TRANSMIT/RECEIVE HIGH-SPEED BACK-PLANE INTERFACE ............................................................... 192
10.2.1 NON-MULTIPLEXED HIGH-SPEED MODE ............................................................................................................. 192
10.2.2 MULTIPLEXED HIGH-SPEED MODE ...................................................................................................................... 195
10.3 BRIEF DISCUSSION OF COMMON CHANNEL SIGNALING IN E1 FRAMING FORMAT .......................... 201
10.4 BRIEF DISCUSSION OF CHANNEL ASSOCIATED SIGNALING IN E1 FRAMING FORMAT ................... 201
10.5 INSERT/EXTRACT SIGNALING BITS FROM TSCR REGISTER ................................................................. 201
10.6 INSERT/EXTRACT SIGNALING BITS FROM TXCHN[0]_N/TXSIG PIN ...................................................... 201
10.7 ENABLE CHANNEL ASSOCIATED SIGNALING AND SIGNALING DATA SOURCE CONTROL ............. 202
11.0 THE DS1 TRANSMIT/RECEIVE FRAMER ........................................................................................203
11.1 DESCRIPTION OF THE TRANSMIT/RECEIVE PAYLOAD DATA INPUT INTERFACE BLOCK ................ 203
11.1.1 BRIEF DISCUSSION OF THE TRANSMIT/RECEIVE PAYLOAD DATA INPUT INTERFACE BLOCK OPERATING AT
1.544MBIT/S MODE ..................................................................................................................................................... 203
11.2 TRANSMIT/RECEIVE HIGH-SPEED BACK-PLANE INTERFACE ............................................................... 206
11.2.1 T1 TRANSMIT/RECEIVE INTERFACE - MVIP 2.048 MHZ ...................................................................................... 206
11.2.2 NON-MULTIPLEXED HIGH-SPEED MODE ............................................................................................................. 207
11.2.3 MULTIPLEXED HIGH-SPEED MODE ...................................................................................................................... 209
11.3 BRIEF DISCUSSION OF ROBBED-BIT SIGNALING IN DS1 FRAMING FORMAT .................................... 215
11.3.1 CONFIGURE THE FRAMER TO TRANSMIT ROBBED-BIT SIGNALING ............................................................... 215
11.3.2 INSERT SIGNALING BITS FROM TSCR REGISTER .............................................................................................. 216
11.3.3 INSERT SIGNALING BITS FROM TXSIG_N PIN ..................................................................................................... 216
12.0 ALARMS AND ERROR CONDITIONS ..............................................................................................218
12.1 AIS ALARM .................................................................................................................................................... 218
12.2 RED ALARM .................................................................................................................................................. 220
12.3 YELLOW ALARM .......................................................................................................................................... 221
12.4 BIPOLAR VIOLATION ................................................................................................................................... 223
12.5 E1 BRIEF DISCUSSION OF ALARMS AND ERROR CONDITIONS ........................................................... 226
12.5.1 HOW TO CONFIGURE THE FRAMER TO TRANSMIT AIS .................................................................................... 231
12.5.2 HOW TO CONFIGURE THE FRAMER TO GENERATE RED ALARM ................................................................... 232
12.5.3 HOW TO CONFIGURE THE FRAMER TO TRANSMIT YELLOW ALARM ............................................................. 232
12.5.4 TRANSMIT YELLOW ALARM .................................................................................................................................. 233
12.5.5 TRANSMIT CAS MULTI-FRAME YELLOW ALARM ............................................................................................... 233
12.6 T1 BRIEF DISCUSSION OF ALARMS AND ERROR CONDITIONS ............................................................ 234
12.6.1 HOW TO CONFIGURE THE FRAMER TO TRANSMIT AIS .................................................................................... 237
12.6.2 HOW TO CONFIGURE THE FRAMER TO GENERATE RED ALARM ................................................................... 238
12.6.3 HOW TO CONFIGURE THE FRAMER TO TRANSMIT YELLOW ALARM ............................................................. 238
12.6.4 TRANSMIT YELLOW ALARM IN SF MODE ............................................................................................................ 239
12.6.5 TRANSMIT YELLOW ALARM IN ESF MODE .......................................................................................................... 239
12.6.6 TRANSMIT YELLOW ALARM IN N MODE .............................................................................................................. 239
12.6.7 TRANSMIT YELLOW ALARM IN T1DM MODE ....................................................................................................... 239
13.0 PERFORMANCE MONITORING (PMON) .........................................................................................242
13.1 RECEIVE LINE CODE VIOLATION COUNTER (16-BIT) ..............................................................................242
13.2 16-BIT RECEIVE FRAME ALIGNMENT ERROR COUNTER (16-BIT) ......................................................... 242
13.3 RECEIVE SEVERELY ERRORED FRAME COUNTER (8-BIT) .................................................................... 242
13.4 RECEIVE CRC-6/4 BLOCK ERROR COUNTER (16-BIT) ............................................................................ 242
13.5 RECEIVE FAR-END BLOCK ERROR COUNTER (16-BIT) .......................................................................... 242
13.6 RECEIVE SLIP COUNTER (8-BIT) ................................................................................................................ 242
13.7 RECEIVE LOSS OF FRAME COUNTER (8-BIT) .......................................................................................... 242
13.8 RECEIVE CHANGE OF FRAME ALIGNMENT COUNTER (8-BIT) .............................................................. 242
13.9 FRAME CHECK SEQUENCE ERROR COUNTERS 1, 2, AND 3 (8-BIT EACH) ......................................... 242
13.10 PRBS ERROR COUNTER (16-BIT) ............................................................................................................. 242
13.11 TRANSMIT SLIP COUNTER (8-BIT) ........................................................................................................... 242
13.12 EXCESSIVE ZERO VIOLATION COUNTER (16-BIT) ................................................................................. 243
14.0 APPENDIX A: DS-1/E1 FRAMING FORMATS ..................................................................................244
14.1 THE E1 FRAMING STRUCTURE .................................................................................................................. 244
14.1.1 FAS FRAME .............................................................................................................................................................. 244
14.1.2 NON-FAS FRAME ..................................................................................................................................................... 245
14.2 THE E1 MULTI-FRAME STRUCTURE .......................................................................................................... 246
14.2.1 THE CRC MULTI-FRAME STRUCTURE .................................................................................................................. 246
14.2.2 CAS MULTI-FRAMES AND CHANNEL ASSOCIATED SIGNALING ...................................................................... 248
14.3 THE DS1 FRAMING STRUCTURE ................................................................................................................ 250
14.4 T1 SUPER FRAME FORMAT (SF) ................................................................................................................ 251


Similar Part No. - XRT86L30IB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86L30IB EXAR-XRT86L30IB Datasheet
3Mb / 284P
   SINGLE T1/E1/J1 FRAMER/LIU COMBO
More results

Similar Description - XRT86L30IB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86L30 EXAR-XRT86L30_08 Datasheet
1Mb / 284P
   SINGLE T1/E1/J1 FRAMER/LIU COMBO
XRT86L30 EXAR-XRT86L30 Datasheet
3Mb / 284P
   SINGLE T1/E1/J1 FRAMER/LIU COMBO
XRT86VL30 EXAR-XRT86VL30_10 Datasheet
124Kb / 3P
   Single T1 E1 J1 Framer LIU Combo E1 Register Description
XRT86VL30 EXAR-XRT86VL30 Datasheet
821Kb / 188P
   SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL30 EXAR-XRT86VL30_1 Datasheet
1Mb / 175P
   SINGLE T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VL3X EXAR-XRT86VL3X Datasheet
2Mb / 149P
   T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
XRT86VL3X EXAR-XRT86VL3X_07 Datasheet
2Mb / 153P
   T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
XRT86VL3X_0710 EXAR-XRT86VL3X_0710 Datasheet
1Mb / 154P
   T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
XRT86VL32 EXAR-XRT86VL32_07 Datasheet
2Mb / 174P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38 Datasheet
2Mb / 180P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com