Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0603X102K3RAC Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0603X102K3RAC
Description  Surface Mount Ceramic Chip Capacitors / FT-CAP / Flexible Terminations
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0603X102K3RAC Datasheet(HTML) 1 Page - Kemet Corporation

  C0603X102K3RAC Datasheet HTML 1Page - Kemet Corporation C0603X102K3RAC Datasheet HTML 2Page - Kemet Corporation C0603X102K3RAC Datasheet HTML 3Page - Kemet Corporation C0603X102K3RAC Datasheet HTML 4Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
F3281 5/07
Product Bulletin
Dimensions – Millimeters (Inches)
EIA Size
Code
Metric Size
Code
L
Length
W
Width
B
Bandwidth
S
Separation
0603
1608
1.6 (.063) ± 0.15 (.006)
0.8 (.032) ± 0.15 (.006)
0.35 (.014) ± 0.15 (.006)
0.70 (.028)
0805
2012
2.0 (.079) ± 0.20 (.008) 1.25 (.049) ± 0.20 (.008)
0.05 (.02) ± 0.25 (.010)
0.75 (.030)
1206
3216
3.2 (.126) ± 0.20 (.008)
1.6 (.063) ± 0.20 (.008)
0.50 (.02) ± .25 (.010)
N/A
1210
3225
3.2 (.126) ± 0.20 (.008)
2.5 (.098) ± 0.20 (.008)
0.50 (.02) ± .25 (.010)
N/A
Outline Drawing
Surface Mount Ceramic Chip Capacitors
/
FT-CAP / Flexible Terminations
See Capacitance Value Table next page for thickness dimension.
C
0603
X
224
K
3
R
A
C
Style
C - Ceramic
Size Code
See dimension table
Specification
X - Flexible Termination
Capacitance Code, pF
First two digits represent significant figures.
Third digit specifies number of zeros. 100 pF = 101.
(Use “9” for 1.0 through 9.9 pF)
Capacitance Tolerance
K = ±10%; M = ±20%; J = ±5%
Voltage
9 = 6.3V, 8 = 10V, 4 = 16V, 3 = 25V,
5 = 50V, 1 = 100V, 2 = 200V
Temperature Characteristic
Designated by Capacitance
Change over Temperature Range
R – X7R (±15%) (-55°C +125°C)
End Metallization
C = Standard (Tin-plate)
Failure Rate Level
A = Not Applicable
Ordering Information
The FT-CAP is a surface mount multi-layer ceramic capacitor that incorporates a unique and flexible termi-
nation system. Integrated with KEMET's standard termination materials, a conductive epoxy is utilized
between the conductive metallization and nickel barrier finish in order to establish pliability while maintain-
ing terminal strength, solderability and electrical performance. This technology directs board flex stress away
from the ceramic body and into the termination area. As a result, this termination system mitigates the risk
of low-IR or short-circuit failures associated with board flex. The FT-CAP complements our current "Open
Mode" and "Flexible Electrode (FE-CAP)" products by providing our customers with a complete portfolio of
flex solutions.
Tin Plate
Nickel Plate
Silver Epoxy
Conductive Metallization
Electrodes
W
L
B
S
T
T
W
S
L
B


Similar Part No. - C0603X102K3RAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603X102K3RACAUTO KEMET-C0603X102K3RACAUTO Datasheet
60Kb / 1P
   SMD Auto X7R Flex, Ceramic, 1000 pF, 10%, 25 VDC, X7R, SMD, MLCC, FT-CAP, Automotive Grade, 0603
C0603X102K3RACTU KEMET-C0603X102K3RACTU Datasheet
60Kb / 1P
   SMD Comm X7R Flex, Ceramic, 1000 pF, 10%, 25 VDC, X7R, SMD, MLCC, FT-CAP, Temperature Stable, 0603
More results

Similar Description - C0603X102K3RAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805X474K3RACTU KEMET-C0805X474K3RACTU Datasheet
119Kb / 4P
   Surface Mount Ceramic Chip Capacitors / FT-CAP / Flexible Terminations
logo
List of Unclassifed Man...
CZ1 ETC2-CZ1 Datasheet
122Kb / 2P
   Surface Mount Chip Terminations
CZ12010T0050GTR ETC2-CZ12010T0050GTR Datasheet
116Kb / 2P
   Surface Mount Chip Terminations
CZ12010T0050GTR ETC2-CZ12010T0050GTR Datasheet
116Kb / 2P
   Surface Mount Chip Terminations
logo
Vishay Siliconix
VJCER-F VISHAY-VJCER-F Datasheet
83Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors for Film Cap Replacement
Revision: 29-Sep-08
logo
Anaren Microwave
RFP-250375-4Z50-2 ANAREN-RFP-250375-4Z50-2 Datasheet
504Kb / 2P
   Surface Mount Terminations
logo
Vishay Siliconix
VJ0805A391JXAAT VISHAY-VJ0805A391JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 23-Sep-09
logo
Kemet Corporation
03029BX222ZJZC7189 KEMET-03029BX222ZJZC7189 Datasheet
482Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors
C1206C104J3JACTU KEMET-C1206C104J3JACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ1206A102JXCAT VISHAY-VJ1206A102JXCAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com