Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRT83L34 Datasheet(PDF) 7 Page - Exar Corporation

Part # XRT83L34
Description  QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83L34 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRT83L34 Datasheet HTML 3Page - Exar Corporation XRT83L34 Datasheet HTML 4Page - Exar Corporation XRT83L34 Datasheet HTML 5Page - Exar Corporation XRT83L34 Datasheet HTML 6Page - Exar Corporation XRT83L34 Datasheet HTML 7Page - Exar Corporation XRT83L34 Datasheet HTML 8Page - Exar Corporation XRT83L34 Datasheet HTML 9Page - Exar Corporation XRT83L34 Datasheet HTML 10Page - Exar Corporation XRT83L34 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 99 page
background image
xr
XRT83L34
QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR REV. 1.0.1
III
TABLE 18: MICROPROCESSOR REGISTER ADDRESS .............................................................................. 60
TABLE 19: MICROPROCESSOR REGISTER BIT DESCRIPTION .................................................................. 60
MICROPROCESSOR REGISTER DESCRIPTIONS ............................................................................................... 63
TABLE 20: MICROPROCESSOR REGISTER #0, BIT DESCRIPTION ............................................................ 63
TABLE 21: MICROPROCESSOR REGISTER #1, BIT DESCRIPTION ............................................................ 64
TABLE 22: MICROPROCESSOR REGISTER #2, BIT DESCRIPTION ............................................................ 66
TABLE 23: MICROPROCESSOR REGISTER #3, BIT DESCRIPTION ............................................................ 68
TABLE 24: MICROPROCESSOR REGISTER #4, BIT DESCRIPTION ............................................................ 70
TABLE 25: MICROPROCESSOR REGISTER #5, BIT DESCRIPTION ............................................................ 71
TABLE 26: MICROPROCESSOR REGISTER #6, BIT DESCRIPTION ............................................................ 73
TABLE 27: MICROPROCESSOR REGISTER #7, BIT DESCRIPTION ............................................................ 74
TABLE 28: MICROPROCESSOR REGISTER #8, BIT DESCRIPTION ............................................................ 75
TABLE 29: MICROPROCESSOR REGISTER #9, BIT DESCRIPTION ............................................................ 75
TABLE 30: MICROPROCESSOR REGISTER #10, BIT DESCRIPTION .......................................................... 76
TABLE 31: MICROPROCESSOR REGISTER #11, BIT DESCRIPTION .......................................................... 76
TABLE 32: MICROPROCESSOR REGISTER #12, BIT DESCRIPTION .......................................................... 77
TABLE 33: MICROPROCESSOR REGISTER #13, BIT DESCRIPTION .......................................................... 77
TABLE 34: MICROPROCESSOR REGISTER #14, BIT DESCRIPTION .......................................................... 78
TABLE 35: MICROPROCESSOR REGISTER #15, BIT DESCRIPTION .......................................................... 78
TABLE 36: MICROPROCESSOR REGISTER #64, BIT DESCRIPTION .......................................................... 79
CLOCK SELECT REGISTER.............................................................................................. 80
Figure 29. Register 0x81h Sub Registers ....................................................................................... 80
TABLE 37: MICROPROCESSOR REGISTER #65, BIT DESCRIPTION .......................................................... 81
TABLE 38: MICROPROCESSOR REGISTER #66, BIT DESCRIPTION .......................................................... 82
ELECTRICAL CHARACTERISTICS................................................................................... 84
TABLE 39: ABSOLUTE MAXIMUM RATINGS ............................................................................................ 84
TABLE 40: DC DIGITAL INPUT AND OUTPUT ELECTRICAL CHARACTERISTICS ......................................... 84
TABLE 41: XRT83L34 POWER CONSUMPTION..................................................................................... 84
TABLE 42: E1 RECEIVER ELECTRICAL CHARACTERISTICS ..................................................................... 85
TABLE 43: T1 RECEIVER ELECTRICAL CHARACTERISTICS ..................................................................... 86
TABLE 44: E1 TRANSMIT RETURN LOSS REQUIREMENT ........................................................................ 86
TABLE 45: E1 TRANSMITTER ELECTRICAL CHARACTERISTICS ............................................................... 87
TABLE 46: T1 TRANSMITTER ELECTRICAL CHARACTERISTICS ............................................................... 87
Figure 30. ITU G.703 Pulse Template.............................................................................................. 88
TABLE 47: TRANSMIT PULSE MASK SPECIFICATION .............................................................................. 88
Figure 31. DSX-1 Pulse Template (normalized amplitude) ........................................................... 89
TABLE 48: DSX1 INTERFACE ISOLATED PULSE MASK AND CORNER POINTS ........................................... 89
TABLE 49: AC ELECTRICAL CHARACTERISTICS .................................................................................... 90
Figure 32. Transmit Clock and Input Data Timing ......................................................................... 90
Figure 33. Receive Clock and Output Data Timing ....................................................................... 91
MICROPROCESSOR INTERFACE I/O TIMING.................................................................................................... 91
Intel Interface Timing - Asynchronous ........................................................................................................ 91
Figure 34. Intel Asynchronous Programmed I/O Interface Timing .............................................. 91
TABLE 50: ASYNCHRONOUS MODE 1 - INTEL 8051 AND 80188 INTERFACE TIMING................................ 92
Motorola Asychronous Interface Timing ..................................................................................................... 93
Figure 35. Motorola 68K Asynchronous Programmed I/O Interface Timing ............................... 93
TABLE 51: ASYNCHRONOUS - MOTOROLA 68K - INTERFACE TIMING SPECIFICATION .............................. 93
Figure 36. Microprocessor Interface Timing - Reset Pulse Width ............................................... 93
ORDERING INFORMATION ............................................................................................... 94
PACKAGE DIMENSIONS - 14X20 MM, 128 PIN PACKAGE ................................................................................. 94
REVISIONS ................................................................................................................................................... 95
NOTES:.......................................................................................................................................... 96


Similar Part No. - XRT83L34

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83L34 EXAR-XRT83L34 Datasheet
529Kb / 82P
   QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L34IV EXAR-XRT83L34IV Datasheet
529Kb / 82P
   QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
More results

Similar Description - XRT83L34

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83L34 EXAR-XRT83L34 Datasheet
529Kb / 82P
   QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83VL38 EXAR-XRT83VL38 Datasheet
825Kb / 88P
   OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L38 EXAR-XRT83L38 Datasheet
1Mb / 91P
   OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L38 EXAR-XRT83L38_07 Datasheet
1Mb / 87P
   OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL34 EXAR-XRT83SL34 Datasheet
856Kb / 80P
   QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L30 EXAR-XRT83L30_06 Datasheet
1Mb / 78P
   SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L30 EXAR-XRT83L30 Datasheet
429Kb / 78P
   SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL38 EXAR-XRT83SL38 Datasheet
586Kb / 89P
   OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL30 EXAR-XRT83SL30 Datasheet
417Kb / 76P
   SINGLE-CHANNEL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL38 EXAR-XRT83SL38_07 Datasheet
1Mb / 88P
   OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com