Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRT83L30 Datasheet(PDF) 7 Page - Exar Corporation

Part # XRT83L30
Description  SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83L30 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRT83L30_06 Datasheet HTML 3Page - Exar Corporation XRT83L30_06 Datasheet HTML 4Page - Exar Corporation XRT83L30_06 Datasheet HTML 5Page - Exar Corporation XRT83L30_06 Datasheet HTML 6Page - Exar Corporation XRT83L30_06 Datasheet HTML 7Page - Exar Corporation XRT83L30_06 Datasheet HTML 8Page - Exar Corporation XRT83L30_06 Datasheet HTML 9Page - Exar Corporation XRT83L30_06 Datasheet HTML 10Page - Exar Corporation XRT83L30_06 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 78 page
background image
XRT83L30
III
REV. 1.0.1
SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
TABLE 30: MICROPROCESSOR REGISTER #12 BIT DESCRIPTION .................................................................. 58
TABLE 31: MICROPROCESSOR REGISTER #13 BIT DESCRIPTION .................................................................. 59
TABLE 32: MICROPROCESSOR REGISTER #14 BIT DESCRIPTION .................................................................. 59
TABLE 33: MICROPROCESSOR REGISTER #15 BIT DESCRIPTION .................................................................. 60
TABLE 34: MICROPROCESSOR REGISTER #16 BIT DESCRIPTION .................................................................. 61
TABLE 35: MICROPROCESSOR REGISTER #17 BIT DESCRIPTION .................................................................. 62
TABLE 36: MICROPROCESSOR REGISTER #18 BIT DESCRIPTION .................................................................. 63
ELECTRICAL CHARACTERISTICS .................................................................................................................. 65
TABLE 37: ABSOLUTE MAXIMUM RATINGS ................................................................................................. 65
TABLE 38: DC DIGITAL INPUT AND OUTPUT ELECTRICAL CHARACTERISTICS .............................................. 65
TABLE 39: XRT83L30 POWER CONSUMPTION .......................................................................................... 65
TABLE 40: E1 RECEIVER ELECTRICAL CHARACTERISTICS ........................................................................... 66
TABLE 41: T1 RECEIVER ELECTRICAL CHARACTERISTICS ........................................................................... 67
TABLE 42: E1 TRANSMIT RETURN LOSS REQUIREMENT .............................................................................. 67
TABLE 43: E1 TRANSMITTER ELECTRICAL CHARACTERISTICS ..................................................................... 68
TABLE 44: T1 TRANSMITTER ELECTRICAL CHARACTERISTICS ..................................................................... 68
Figure 26. ITU G.703 Pulse Template ................................................................................................... 69
TABLE 45: TRANSMIT PULSE MASK SPECIFICATION .................................................................................... 69
Figure 27. DSX-1 Pulse Template (normalized amplitude) ................................................................. 70
TABLE 46: DSX1 INTERFACE ISOLATED PULSE MASK AND CORNER POINTS ............................................... 70
TABLE 47: AC ELECTRICAL CHARACTERISTICS .......................................................................................... 71
Figure 28. Transmit Clock and Input Data Timing .............................................................................. 71
Figure 29. Receive Clock and Output Data Timing ............................................................................. 72
PACKAGE DIMENSIONS ................................................................................................. 73
64 LEAD THIN QUAD FLAT PACK ............................................................................................ 73
(10 X 10 X 1.4 MM TQFP) ............................................................................................................. 73
REV
. 3.00 ..................................................................................................................................... 73
ORDERING INFORMATION ............................................................................................. 74
TABLE 48. ................................................................................................................................................ 74
REVISION HISTORY ..................................................................................................................................... 74
NOTES .............................................................................................................................................. 75


Similar Part No. - XRT83L30_06

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83L30 EXAR-XRT83L30 Datasheet
429Kb / 78P
   SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
More results

Similar Description - XRT83L30_06

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83L30 EXAR-XRT83L30 Datasheet
429Kb / 78P
   SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83VL38 EXAR-XRT83VL38 Datasheet
825Kb / 88P
   OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L34 EXAR-XRT83L34_05 Datasheet
1Mb / 99P
   QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L38 EXAR-XRT83L38 Datasheet
1Mb / 91P
   OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L34 EXAR-XRT83L34 Datasheet
529Kb / 82P
   QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L38 EXAR-XRT83L38_07 Datasheet
1Mb / 87P
   OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL30 EXAR-XRT83SL30 Datasheet
417Kb / 76P
   SINGLE-CHANNEL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL34 EXAR-XRT83SL34 Datasheet
856Kb / 80P
   QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL38 EXAR-XRT83SL38 Datasheet
586Kb / 89P
   OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL38 EXAR-XRT83SL38_07 Datasheet
1Mb / 88P
   OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com