Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CWR09CH105KCA Datasheet(PDF) 4 Page - Kemet Corporation

Part # CWR09CH105KCA
Description  Tantalum Surface Mount Capacitor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CWR09CH105KCA Datasheet(HTML) 4 Page - Kemet Corporation

  CWR09CH105KCA Datasheet HTML 1Page - Kemet Corporation CWR09CH105KCA Datasheet HTML 2Page - Kemet Corporation CWR09CH105KCA Datasheet HTML 3Page - Kemet Corporation CWR09CH105KCA Datasheet HTML 4Page - Kemet Corporation CWR09CH105KCA Datasheet HTML 5Page - Kemet Corporation CWR09CH105KCA Datasheet HTML 6Page - Kemet Corporation CWR09CH105KCA Datasheet HTML 7Page - Kemet Corporation CWR09CH105KCA Datasheet HTML 8Page - Kemet Corporation CWR09CH105KCA Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
T409 (CWR09) Ratings & Part Number Reference
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
Capaci-
tance
μF
Case
Size
KEMET
Part Number
Mil-C-55365/4F
Part Number
DC
Leakage
μμA @ 25ºC
Max
DF %
@ +25ºC
120 Hz
Max
ESR
Ω
Ω
@ +25°C
100 kHz
Max
50 Volt Rating at +85 C (33 Volt Rating at + 125 C)
0.10
A
T409A104(1)050(2)(3)(4)
CWR09N(3)104(1)(2)(5)
1.0
6.0
22.0
0.15
A
T409A154(1)050(2)(3)(4)
CWR09N(3)154(1)(2)(5)
1.0
6.0
17.0
0.22
B
T409B224(1)050(2)(3)(4)
CWR09N(3)224(1)(2)(5)
1.0
6.0
14.0
0.33
B
T409B334(1)050(2)(3)(4)
CWR09N(3)334(1)(2)(5)
1.0
6.0
12.0
0.47
C
T409C474(1)050(2)(3)(4)
CWR09N(3)474(1)(2)(5)
1.0
6.0
8.0
0.68
D
T409D684(1)050(2)(3)(4)
CWR09N(3)684(1)(2)(5)
1.0
6.0
7.0
1.0
E
T409E105(1)050(2)(3)(4)
CWR09N(3)105(1)(2)(5)
1.0
6.0
6.0
1.5
F
T409F155(1)050(2)(3)(4)
CWR09N(3)155(1)(2)(5)
1.0
6.0
4.0
2.2
F
T409F225(1)050(2)(3)(4)
CWR09N(3)225(1)(2)(5)
2.0
6.0
2.5
3.3
G
T409G335(1)050(2)(3)(4)
CWR09N(3)335(1)(2)(5)
2.0
6.0
2.0
4.7
H
T409H475(1)050(2)(3)(4)
CWR09N(3)475(1)(2)(5)
3.0
6.0
1.5
KEMET
Case Codes
Tape and Reel Dimensions
Tape
Width - mm
Pitch - mm ± 0.1
Reel Quantity
Part
Sprocket
180mm
(7” diameter)
330mm
(13” diameter)
A
1005
8
4
4
2500
9500
B
1505
12
4
4
2500
9500
C
2005
12
4
4
2500
9500
D
1510
12
4
4
2500
9500
E
2010
12
4
4
2500
9500
F
2214
12
8
4
1000
3500
G
2711
12
8
4
500
2500
H
2915
12
8
4
500
2500
X
2824
12
8
4
500
2500
Packaging Information
(1) To complete KEMET/CWR part number, insert K = ±10%; M = ±20% and J = ±5% Capacitance tolerance.
(2) To complete KEMET/CWR part number, insert A = Non-ER; Weibull: B = 0.1%/1000 Hrs.; C = 0.01%/1000 Hrs or D# = 0.001%/1000 Hrs. or
Exponential: M = 1.0%/1000 hrs., P = 0.1%/1000 hrs., R = 0.01%/1000 hrs. or S = 0.001%/1000 hrs. Reliability Level.
Note: D# - 50 Volt Components not Qualified to D Product Level.
(3) To complete KEMET part number, insert B = Gold plated; C = Hot solder dipped; H = Solder plated or K = Solder Fused Termination Finish.
(4) To complete KEMET part number, insert 4250 = +25°C after Weibull; 4251 = -55° + 85°C after Weibull; or 4252 = -55, & +85°C before Weibull
Surge Current Option.
(5) To complete CWR part number, insert A = +25°C after Weibull; B = -55° + 85°C after Weibull; or C = -55, & +85°C before Weibull Surge Current
Option.
• No c-spec required for 7” reel packaging. C-7280 required for 13” reel packaging
• Standard reel packaging is not mandatory
• Bulk packaging also available using C-7610


Similar Part No. - CWR09CH105KCA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CWR09 AVX-CWR09 Datasheet
303Kb / 14P
   TAZ Series CWR09 - MIL-PRF-55365/4 Established Reliability, COTS-Plus & Space Level
logo
Kyocera Kinseki Corpota...
CWR09MC105KCB KSS-CWR09MC105KCB Datasheet
1Mb / 14P
   CWR09 - MIL-PRF-55365/4 Established Reliability
More results

Similar Description - CWR09CH105KCA

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NTP NIC-NTP Datasheet
147Kb / 7P
   Surface Mount Polymer-Tantalum Capacitor
logo
Kemet Corporation
T525T107M2R5AH4095 KEMET-T525T107M2R5AH4095 Datasheet
419Kb / 2P
   High Temperature Tantalum Surface Mount Capacitor
T528Z337M2R5ATE009 KEMET-T528Z337M2R5ATE009 Datasheet
222Kb / 3P
   Face Down Termination Tantalum Surface Mount Capacitor
T496C686M004AH4095 KEMET-T496C686M004AH4095 Datasheet
422Kb / 3P
   Fail-Safe Fused Tantalum Surface Mount Capacitor
logo
AVX Corporation
TACK225M00 AVX-TACK225M00 Datasheet
129Kb / 6P
   The world?셲 smallest surface mount tantalum capacitor
TACL106M006XTA AVX-TACL106M006XTA Datasheet
114Kb / 3P
   The world?셲 smallest surface mount tantalum capacitor
logo
Kemet Corporation
T491B106K016ZT KEMET-T491B106K016ZT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
NTE Electronics
SCTA104K35 NTE-SCTA104K35 Datasheet
15Kb / 1P
   SURFACE MOUNT TANTALUM
logo
Kemet Corporation
T530D477M2R5AH4097 KEMET-T530D477M2R5AH4097 Datasheet
106Kb / 2P
   High Capacitance/Ultra-Low ESR Tantalum Surface Mount Capacitor
T491B106M016AT KEMET-T491B106M016AT Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com