Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0504A339J2GAC Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0504A339J2GAC
Description  CAPACITOR OUTLINE DRAWINGS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0504A339J2GAC Datasheet(HTML) 1 Page - Kemet Corporation

  C0504A339J2GAC Datasheet HTML 1Page - Kemet Corporation C0504A339J2GAC Datasheet HTML 2Page - Kemet Corporation C0504A339J2GAC Datasheet HTML 3Page - Kemet Corporation C0504A339J2GAC Datasheet HTML 4Page - Kemet Corporation C0504A339J2GAC Datasheet HTML 5Page - Kemet Corporation C0504A339J2GAC Datasheet HTML 6Page - Kemet Corporation C0504A339J2GAC Datasheet HTML 7Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
17
CAPACITOR OUTLINE DRAWINGS
T
Size
L
Thickness
Code
Length
Width
Max.
0805
2.03 (.080) ± 0.38 (.015)
1.27 (.050) ± 0.38 (.015)
1.4 (.055)
1005
2.56 (.100) ± 0.38 (.015)
1.27 (.050) ± 0.38 (.015)
1.5 (.059)
1206
3.07 (.120) ± 0.38 (.015)
1.52 (.060) ± 0.38 (.015)
1.6 (.065)
1210
3.07 (.120) ± 0.38 (.015)
2.56 (.100) ± 0.38 (.015)
1.6 (.065)
1805
4.57 (.180) ± 0.38 (.015)
1.27 (.050) ± 0.38 (.015)
1.4 (.055)
1808
4.57 (.180) ± 0.38 (.015)
2.03 (.080) ± 0.38 (.015)
1.6 (.065)
1812
4.57 (.180) ± 0.38 (.015)
3.18 (.125) ± 0.38 (.015)
2.03 (.080)
1825
4.57 (.180) ± 0.38 (.015)
6.35 (.250) ± 0.38 (.015)
2.03 (.080)
2225
5.59 (.220) ± 0.38 (.015)
6.35 (.250) ± 0.38 (.015)
2.03 (.080)
DIMENSIONS — MILLIMETERS (INCHES)
ORDERING INFORMATION
C 0805 A 103
K
5
X A C
CERAMIC
SIZE CODE
See table above
SPECIFICATION
A — KEMET GR900 (CHIPS)
CAPACITANCE CODE
Expressed in Picofarads (pF)
First two digit-significant figures.
Third digit-number of zeros. (Use 9 for 1.0 thru 9.9 pF.
Example: 2.2 pF — 229).
CAPACITANCE TOLERANCE
M —± 20%
G — ±2% (G(BP) Temperature Characteristic Only)
K —± 10%
F — ±1% (G(BP) Temperature Characteristic Only)
J — ±5%
*D — ±0.5 pF (G(BP) Temperature Characteristic Only)
*C — ±0.25 pF (G(BP) Temperature Characteristic Only)
END METALLIZATION
C—Tin-Coated, Final (SolderGuard II)
H—Solder-Coated, Final (SolderGuard I)
FAILURE RATE LEVEL
(%/1,000 HOURS)
A—Standard—Not applicable
TEMPERATURE CHARACTERISTIC
Designated by Capacitance Change over
Temperature Range
G—BP (±30 PPM/C )
X—BX (±15%, +15%, -25% with bias.)
*These tolerances available only for 1.0 through 10 pF capacitors.
VOLTAGE
1—100
2—200
5—50
MARKING
Capacitors shall be legibly laser marked in contrasting color with
the KEMET trademark and 2-digit capacitance symbol.
W
CERAMIC MOLDED/RADIAL - HIGH RELIABILITY
GR900 SERIES (BP DIELECTRIC)


Similar Part No. - C0504A339J2GAC

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
C0505 TTELEC-C0505 Datasheet
867Kb / 2P
   Wire Bondable Chip Capacitor
logo
PANDUIT CORP.
C050X013KBT PANDUIT-C050X013KBT Datasheet
95Kb / 3P
   Thermal Transfer Component Labels
C050X013KCT PANDUIT-C050X013KCT Datasheet
95Kb / 3P
   Thermal Transfer Component Labels
C050X020KBT PANDUIT-C050X020KBT Datasheet
95Kb / 3P
   Thermal Transfer Component Labels
C050X044CBT PANDUIT-C050X044CBT Datasheet
95Kb / 3P
   Thermal Transfer Component Labels
More results

Similar Description - C0504A339J2GAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CDR01BP101BKZM KEMET-CDR01BP101BKZM Datasheet
1Mb / 10P
   CAPACITOR OUTLINE DRAWINGS
C0805Z101K5GAL KEMET-C0805Z101K5GAL Datasheet
270Kb / 3P
   CAPACITOR OUTLINE DRAWINGS
CDR35BX474AKUS KEMET-CDR35BX474AKUS Datasheet
1Mb / 10P
   CAPACITOR OUTLINE DRAWINGS
C0805Z101K5GAH KEMET-C0805Z101K5GAH Datasheet
271Kb / 4P
   CAPACITOR OUTLINE DRAWINGS
logo
ITT Industries
040-0054-000 ITT-040-0054-000 Datasheet
93Kb / 1P
   CUSTOMER DRAWINGS CUPPTTING KPTO8PIO-24
logo
List of Unclassifed Man...
AD021-00E ETC2-AD021-00E Datasheet
159Kb / 12P
   Package Drawings and Specifications
OM1905NMM ETC-OM1905NMM Datasheet
26Kb / 4P
   HERMETIC SURFACE MOUNT FIXED VOLTAGE NEGATIVE REGULATORS APPROVED TO DESC DRAWINGS
logo
International Rectifier
OM1805NKM IRF-OM1805NKM Datasheet
34Kb / 4P
   HERMETIC TO-3 FIXED VOLTAGE REGULATORS APPROVED TO DESC DRAWINGS
logo
SYNC POWER Crop.
SOT-353 SYNC-POWER-SOT-353 Datasheet
30Kb / 1P
   OUTLINE
logo
List of Unclassifed Man...
TO-251 ETC2-TO-251 Datasheet
32Kb / 1P
   OUTLINE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com