Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRT75R12D Datasheet(PDF) 81 Page - Exar Corporation

Part # XRT75R12D
Description  TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75R12D Datasheet(HTML) 81 Page - Exar Corporation

Back Button XRT75R12D Datasheet HTML 77Page - Exar Corporation XRT75R12D Datasheet HTML 78Page - Exar Corporation XRT75R12D Datasheet HTML 79Page - Exar Corporation XRT75R12D Datasheet HTML 80Page - Exar Corporation XRT75R12D Datasheet HTML 81Page - Exar Corporation XRT75R12D Datasheet HTML 82Page - Exar Corporation XRT75R12D Datasheet HTML 83Page - Exar Corporation XRT75R12D Datasheet HTML 84Page - Exar Corporation XRT75R12D Datasheet HTML 85Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 134 page
background image
XRT75R12D
76
REV. 1.0.1
TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
2
TAOS
R/W
Transmit All OneS Pattern - Channel_n:
This READ/WRITE bit-field is used to command the Transmit Section of
Channel_n to generate and transmit an unframed, All Ones pattern via the
DS3, E3 or STS-1 line signal (to the remote terminal equipment).
Whenever the user implements this configuration setting, the Transmit Sec-
tion will ignore the data that it is accepting from the System-side equipment
and output the "All Ones" Pattern.
0 - Configures the Transmit Section to transmit the data that it accepts from
the System-side Interface.
1 - Configures the Transmit Section to generate and transmit the Unframed,
All Ones pattern.
1
TxCLKINV
R/W
Transmit Clock Invert Select - Channel_n:
This READ/WRITE bit-field is used to select the edge of the TxCLK_n input
that the Transmit Section of Channel_n will use to sample the TxPOS_n and
TxNEG_n input pins, as described below.
0 - Configures the Transmit Section (within the corresponding channel) to
sample the TxPOS_n and TxNEG_n input pins upon the falling edge of
TxCLK_n.
1 - Configures the Transmit Section (within the corresponding channel) to
sample the TxPOS_n and TxNEG_n input pins upon the rising edge of
TxCLK_n.
NOTE: This is done on a per-channel basis.
0
TxLEV
R/W
Transmit Line Build-Out Select - Channel_n:
This READ/WRITE bit-field is used to enable or disable the Transmit Line
Build-Out (e.g., pulse-shaping) circuit within the corresponding channel.
The user should set this bit-field to either "0" or to "1" based upon the follow-
ing guidelines.
0 - If the cable length between the Transmit Output (of the corresponding
Channel) and the DSX-3/STSX-1 location is 225 feet or less.
1 - If the cable length between the Transmit Output (of the corresponding
Channel) and the DSX-3/STSX-1 location is more than 225 feet .
The user must follow these guidelines in order to insure that the Transmit
Section (of Channel_n) will always generate a DS3 pulse that complies with
the Isolated Pulse Template requirements per Bellcore GR-499-CORE, or
an STS-1 pulse that complies with the Pulse Template requirements per Tel-
cordia GR-253-CORE.
NOTE: This bit-field is ignored if the channel has been configured to operate
in the E3 Mode.
TRANSMIT CONTROL REGISTER - CHANNEL N ADDRESS LOCATION = 0XM4
BIT NUMBER
NAME
TYPE
DESCRIPTION


Similar Part No. - XRT75R12D

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75R12D EXAR-XRT75R12D Datasheet
1Mb / 131P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75R12D EXAR-XRT75R12D Datasheet
856Kb / 133P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT75R12DIB EXAR-XRT75R12DIB Datasheet
1Mb / 131P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75R12DIB EXAR-XRT75R12DIB Datasheet
856Kb / 133P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT75R12D EXAR-XRT75R12D_07 Datasheet
856Kb / 133P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
More results

Similar Description - XRT75R12D

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75R12D EXAR-XRT75R12D_07 Datasheet
856Kb / 133P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT75R12D EXAR-XRT75R12D Datasheet
1Mb / 131P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT73R12_0710 EXAR-XRT73R12_0710 Datasheet
513Kb / 89P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73R12 EXAR-XRT73R12 Datasheet
766Kb / 87P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73R12 EXAR-XRT73R12_07 Datasheet
510Kb / 89P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT75VL00D EXAR-XRT75VL00D_08 Datasheet
842Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT75R12 EXAR-XRT75R12_07 Datasheet
1Mb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75R12 EXAR-XRT75R12_15 Datasheet
2Mb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75R12_0710 EXAR-XRT75R12_0710 Datasheet
541Kb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75L00D EXAR-XRT75L00D Datasheet
894Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com