Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T499B685M006AHE1K5 Datasheet(PDF) 2 Page - Kemet Corporation

Part # T499B685M006AHE1K5
Description  Tantalum Chip Capacitor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T499B685M006AHE1K5 Datasheet(HTML) 2 Page - Kemet Corporation

  T499B685M006AHE1K5 Datasheet HTML 1Page - Kemet Corporation T499B685M006AHE1K5 Datasheet HTML 2Page - Kemet Corporation T499B685M006AHE1K5 Datasheet HTML 3Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
T499 Ratings & Part Number Reference
(1) To complete KEMET part number, insert K - ± 10% or M - ±20% capacitance tolerance.
(2) To complete KEMET part number, insert Lead Material T = 100% Tin; G = Gold; H = SnPb.
** 6 volt product equivalent to 6.3 volt product.
Capaci-
tance
μF
Case
Size
KEMET
Part Number
DC
Leakage
μμA@
25ºC
Max
DF %
@ +25ºC
120 Hz
Max
ESR
Ω
Ω
@ +25°C
100 kHz
Max
**6 Volt Rating at +85ºC (3 Volt Rating at +175ºC)
2.2
A
T499A225(1)006A(2)E6K5
0.5
6
6.5
3.3
A
T499A335(1)006A(2)E8K0
0.5
6
8.0
4.7
A
T499A475(1)006A(2)E6K0
0.5
6
6.0
6.8
A
T499A685(1)006A(2)E6K0
0.5
6
6.0
6.8
B
T499B685(1)006A(2)E3K5
0.5
6
3.5
10.0
B
T499B106(1)006A(2)E3K5
0.6
6
3.5
15.0
B
T499B156(1)006A(2)E3K5
0.9
6
3.5
15.0
C
T499C156(1)006A(2)E1K8
0.9
6
1.8
22.0
B
T499B226(1)006A(2)E3K5
1.4
6
3.5
22.0
C
T499C226(1)006A(2)E1K8
1.4
6
1.8
33.0
B
T499B336(1)006A(2)E3K0
2.1
6
3.0
33.0
C
T499C336(1)006A(2)E1K8
2.0
6
1.8
47.0
C
T499C476(1)006A(2)E1K8
3.0
6
1.8
47.0
D
T499D476(1)006A(2)E800
2.9
6
0.8
68.0
C
T499C686(1)006A(2)E1K2
4.1
6
1.2
68.0
D
T499D686(1)006A(2)E800
4.1
6
0.8
100.0
D
T499D107(1)006A(2)E800
6.3
8
0.8
150.0
D
T499D157(1)006A(2)E700
9.0
8
0.7
10 Volt Rating at +85ºC (5 Volt Rating at +175ºC)
1.5
A
T499A155(1)010A(2)E8K0
0.5
6
8.0
2.2
A
T499A225(1)010A(2)E8K0
0.5
6
8.0
3.3
A
T499A335(1)010A(2)E6K0
0.5
6
6.0
4.7
A
T499A475(1)010A(2)E6K0
0.5
6
6.0
4.7
B
T499B475(1)010A(2)E3K5
0.5
6
3.5
6.8
A
T499A685(1)010A(2)E6K0
0.7
6
6.0
6.8
B
T499B685(1)010A(2)E3K5
0.7
6
3.5
10.0
B
T499B106(1)010A(2)E3K5
1.0
6
3.5
10.0
C
T499C106(1)010A(2)E1K8
1.0
6
1.8
15.0
B
T499B156(1)010A(2)E3K5
1.5
6
3.5
15.0
C
T499C156(1)010A(2)E1K8
1.5
6
1.8
22.0
B
T499B226(1)010A(2)E3K0
2.2
6
3.0
22.0
C
T499C226(1)010A(2)E1K8
2.2
6
1.8
33.0
C
T499C336(1)010A(2)E1K8
3.3
6
1.8
33.0
D
T499D336(1)010A(2)E1K6
3.3
6
1.6
47.0
D
T499D476(1)010A(2)E800
4.7
6
0.8
68.0
D
T499D686(1)010A(2)E800
6.8
6
0.8
100.0
D
T499D107(1)010A(2)E700
10.0
8
0.7
220.0
X
T499X227(1)010A(2)E500
22.0
8
0.5
16 Volt Rating at +85ºC (8 Volt Rating at +175ºC)
1.0
A
T499A105(1)016A(2)E10K
0.5
4
10.0
1.5
A
T499A155(1)016A(2)E8K0
0.5
6
8.0
2.2
A
T499A225(1)016A(2)E6K0
0.5
6
6.0
3.3
A
T499A335(1)016A(2)E6K0
0.5
6
6.0
3.3
B
T499B335(1)016A(2)E3K5
0.8
6
3.5
4.7
B
T499B475(1)016A(2)E6K0
0.8
6
6.0
6.8
A
T499A685(1)016A(2)E7K0
1.1
6
7.0
6.8
B
T499B685(1)016A(2)E3K5
1.1
6
3.5
6.8
C
T499C685(1)016A(2)E1K8
1.6
6
1.8
10.0
B
T499B106(1)016A(2)E3K5
1.6
6
3.5
10.0
C
T499C106(1)016A(2)E1K8
1.6
6
1.8
15.0
C
T499C156(1)016A(2)E1K8
2.4
6
1.8
22.0
C
T499C226(1)016A(2)E1K6
3.6
6
1.6
22.0
D
T499D226(1)016A(2)E800
3.5
6
0.8
33.0
D
T499D336(1)016A(2)E800
5.3
6
0.8
47.0
D
T499D476(1)016A(2)E800
7.5
6
0.8
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com


Similar Part No. - T499B685M006AHE1K5

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T499B685K006ATE3K5 KEMET-T499B685K006ATE3K5 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, High Temperature, T499, 6.8 uF, 10%, 6.3 V, 3528, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AECQ200, N/A, 3.5 Ohms, Height Max = 2.1mm
More results

Similar Description - T499B685M006AHE1K5

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTTCC CT-CTTCC Datasheet
258Kb / 2P
   Chip Tantalum Capacitor
logo
AVX Corporation
TRJC476K016R0350 AVX-TRJC476K016R0350 Datasheet
100Kb / 6P
   Professional Tantalum Chip Capacitor
TRJD685K050RRJ AVX-TRJD685K050RRJ Datasheet
100Kb / 6P
   Professional Tantalum Chip Capacitor
TRJD686M016RRJ AVX-TRJD686M016RRJ Datasheet
138Kb / 6P
   Professional Tantalum Chip Capacitor
TRJB105K035RRJ AVX-TRJB105K035RRJ Datasheet
100Kb / 6P
   Professional Tantalum Chip Capacitor
logo
Suntan Capacitors
TS20 SUNTAN-TS20_17 Datasheet
168Kb / 1P
   CHIP TANTALUM CAPACITOR - SMD
logo
Abracon Corporation
ATCC-211A-010 ABRACON-ATCC-211A-010 Datasheet
2Mb / 4P
   Solid Tantalum Chip Capacitor
12.22.12
ATCC-211B-025 ABRACON-ATCC-211B-025 Datasheet
2Mb / 4P
   Solid Tantalum Chip Capacitor
12.22.12
ATCC-211P-016 ABRACON-ATCC-211P-016 Datasheet
2Mb / 4P
   Solid Tantalum Chip Capacitor
12.22.12
logo
AVX Corporation
TRJC106M025RRJ AVX-TRJC106M025RRJ Datasheet
130Kb / 6P
   Professional Tantalum Chip Capacitor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com