Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRT75R03D Datasheet(PDF) 81 Page - Exar Corporation

Part # XRT75R03D
Description  EXAR DATA SHEET FORMAT TEMPLATES
Download  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75R03D Datasheet(HTML) 81 Page - Exar Corporation

Back Button XRT75R03D Datasheet HTML 77Page - Exar Corporation XRT75R03D Datasheet HTML 78Page - Exar Corporation XRT75R03D Datasheet HTML 79Page - Exar Corporation XRT75R03D Datasheet HTML 80Page - Exar Corporation XRT75R03D Datasheet HTML 81Page - Exar Corporation XRT75R03D Datasheet HTML 82Page - Exar Corporation XRT75R03D Datasheet HTML 83Page - Exar Corporation XRT75R03D Datasheet HTML 84Page - Exar Corporation XRT75R03D Datasheet HTML 85Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 135 page
background image
XRT75R03D
77
REV. 1.0.4
THREE CHANNEL E3/DS3/STS-1 LINE
4
Insert PRBS Error
R/W
0
Insert PRBS Error - Channel_n:
A "0 to 1" transition within this bit-field configures the PRBS
Generator (within the Transmit Section of Channel_n) to
generate a single bit error within the outbound PRBS pat-
tern-stream.
NOTES:
1.
This bit-field is only active if the PRBS Generator
and Receiver have been enabled within the
corresponding Channel.
2.
After writing the "1" into this register, the user must
execute a write operation to clear this particular
register bit to "0" in order to facilitate the next "0 to
1" transition in this bit-field.
3
Unused
R/O
0
2
TAOS
R/W
0
Transmit All OneS Pattern - Channel_n:
This READ/WRITE bit-field is used to command the Trans-
mit Section of Channel_n to generate and transmit an
unframed, All Ones pattern via the DS3, E3 or STS-1 line
signal (to the remote terminal equipment).
Whenever the user implements this configuration setting
then the Transmit Section will ignore the data that it is
accepting from the System-side equipment and overwrite
this data with the "All Ones" Pattern.
0 - Configures the Transmit Section to transmit the data that
it accepts from the System-side Interface.
1 - Configures the Transmit Section to generate and trans-
mit the Unframed, All Ones pattern.
BIT NUMBER
NAME
TYPE
DEFAULT
VALUE
DESCRIPTION


Similar Part No. - XRT75R03D

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75R03D EXAR-XRT75R03D Datasheet
803Kb / 134P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCRONIZER
XRT75R03DIV EXAR-XRT75R03DIV Datasheet
803Kb / 134P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCRONIZER
More results

Similar Description - XRT75R03D

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP37210-200 MICROCHIP-MCP37210-200 Datasheet
3Mb / 116P
   Output Data Format
07/14/15
logo
List of Unclassifed Man...
RDM630 ETC2-RDM630 Datasheet
143Kb / 4P
   TTL interface RS232 data format
R2705E ETC2-R2705E Datasheet
49Kb / 3P
   27.195MHz FSK Radio Data Receiver for Manchester Data Format
logo
Sanyo Semicon Device
LC8955 SANYO-LC8955 Datasheet
107Kb / 4P
   CD-1 Format ADPCM Data Replay LSI
logo
Exar Corporation
DAN-136 EXAR-DAN-136 Datasheet
54Kb / 5P
   EXAR XR16L580 COMPARED
DAN-135 EXAR-DAN-135 Datasheet
23Kb / 2P
   EXAR XR16L580 COMPARED
logo
Yea Shin Technology Co....
MMBD3004A YEASHIN-MMBD3004A Datasheet
437Kb / 2P
   DATA SHEET
logo
Aplus Intergrated Circu...
IVR3K21 APLUS-IVR3K21 Datasheet
342Kb / 11P
   Data Sheet
IVR3K10 APLUS-IVR3K10 Datasheet
342Kb / 11P
   Data Sheet
IVR341N APLUS-IVR341N Datasheet
596Kb / 10P
   Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com