Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRT75R03D Datasheet(PDF) 50 Page - Exar Corporation

Part # XRT75R03D
Description  EXAR DATA SHEET FORMAT TEMPLATES
Download  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75R03D Datasheet(HTML) 50 Page - Exar Corporation

Back Button XRT75R03D Datasheet HTML 46Page - Exar Corporation XRT75R03D Datasheet HTML 47Page - Exar Corporation XRT75R03D Datasheet HTML 48Page - Exar Corporation XRT75R03D Datasheet HTML 49Page - Exar Corporation XRT75R03D Datasheet HTML 50Page - Exar Corporation XRT75R03D Datasheet HTML 51Page - Exar Corporation XRT75R03D Datasheet HTML 52Page - Exar Corporation XRT75R03D Datasheet HTML 53Page - Exar Corporation XRT75R03D Datasheet HTML 54Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 135 page
background image
XRT75R03D
46
THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCRONIZER
REV. 1.0.4
6.2
Clock and Data Recovery:
The Clock and Data Recovery Circuit extracts the embedded clock, RxClk_n from the sliced digital data stream
and provides the retimed data to the B3ZS (HDB3) decoder.
The Clock Recovery PLL can be in one of the following two modes:
Training Mode:
In the absence of input signals at RTIP_n and RRing_n pins, or when the frequency difference between the
recovered line clock signal and the reference clock applied on the ExClk_n input pins exceed 0.5%, a Loss of
Lock condition is declared by toggling RLOL_n output pin “High” (in Hardware Mode) or setting the RLOL_n bit
to “1” in the control registers (in Host Mode). Also, the clock output on the RxClk_n pins are the same as the
reference clock applied on ExClk_n pins.
Data/Clock Recovery Mode:
In the presence of input line signals on the RTIP_n and RRing_n input pins and when the frequency difference
between the recovered clock signal and the reference clock signal is less than 0.5%, the clock that is output on
the RxClk_n out pins is the Recovered Clock signal.
FIGURE 19. INTERFERENCE MARGIN TEST SET UP FOR E3.
TABLE 9: INTERFERENCE MARGIN TEST RESULTS
MODE
CABLE LENGTH (ATTENUATION)
INTERFERENCE TOLERANCE
E3
0 dB
Equalizer “IN”
-17 dB
12 dB
-14 gB
DS3
0 feet
-15 dB
225 feet
-15 dB
450 feet
-14 dB
STS-1
0 feet
-15 dB
225 feet
-14 dB
450 feet
-14 dB
Noise Generator
2
23
-1 PRBS
Signal Source
N
S
Attenuator 1
Attenuator 2
Test Equipment
Cable Simulator
DUT
XRT75R03D


Similar Part No. - XRT75R03D

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75R03D EXAR-XRT75R03D Datasheet
803Kb / 134P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCRONIZER
XRT75R03DIV EXAR-XRT75R03DIV Datasheet
803Kb / 134P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCRONIZER
More results

Similar Description - XRT75R03D

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP37210-200 MICROCHIP-MCP37210-200 Datasheet
3Mb / 116P
   Output Data Format
07/14/15
logo
List of Unclassifed Man...
RDM630 ETC2-RDM630 Datasheet
143Kb / 4P
   TTL interface RS232 data format
R2705E ETC2-R2705E Datasheet
49Kb / 3P
   27.195MHz FSK Radio Data Receiver for Manchester Data Format
logo
Sanyo Semicon Device
LC8955 SANYO-LC8955 Datasheet
107Kb / 4P
   CD-1 Format ADPCM Data Replay LSI
logo
Exar Corporation
DAN-136 EXAR-DAN-136 Datasheet
54Kb / 5P
   EXAR XR16L580 COMPARED
DAN-135 EXAR-DAN-135 Datasheet
23Kb / 2P
   EXAR XR16L580 COMPARED
logo
Yea Shin Technology Co....
MMBD3004A YEASHIN-MMBD3004A Datasheet
437Kb / 2P
   DATA SHEET
logo
Aplus Intergrated Circu...
IVR3K21 APLUS-IVR3K21 Datasheet
342Kb / 11P
   Data Sheet
IVR3K10 APLUS-IVR3K10 Datasheet
342Kb / 11P
   Data Sheet
IVR341N APLUS-IVR341N Datasheet
596Kb / 10P
   Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com