Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B3666 Datasheet(PDF) 3 Page - EPCOS

Part # B3666
Description  SAW Components Low-loss Filter 82,20 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3666 Datasheet(HTML) 3 Page - EPCOS

  B3666 Datasheet HTML 1Page - EPCOS B3666 Datasheet HTML 2Page - EPCOS B3666 Datasheet HTML 3Page - EPCOS B3666 Datasheet HTML 4Page - EPCOS B3666 Datasheet HTML 5Page - EPCOS B3666 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Oct 23, 2000
SAW Components
B3666
82,20 MHz
Low-Loss Filter
Data Sheet
Characteristics
Reference temperature:
T
= -10 ... +80 ˚C
Terminating source impedance:
ZS = 50 Ω unbalanced and matching network
Terminating load impedance:
ZL = 50 Ω unbalanced and matching network
1) Temperature dependance of fc: fc(T) = fc(T0)(1 + TCf(T – T0)2)
min.
typ.
max.
Nominal frequency
fN
82,2
MHz
Minimum insertion loss
α
min
3,7
5,0
dB
3dB bandwidth
30
50
kHz
Amplitude variation (p-p)
∆α
fN - 15 kHz ... fN + 15 kHz
0,9
3,0
dB
Amplitude ripple (peak to adjacent valley)
∆α
fN - 15 kHz ... fN + 15 kHz
0,0
1,5
dB
Absolute group delay (at fN)
τ
—16
µs
Group delay ripple (p-p)
∆τ
fN - 11 kHz ... fN + 11 kHz
1,6
10
µs
Relative attenuation (relative to
α
min)
α
rel
fN − 1000 kHz ... fN − 925 kHz
40
70
dB
fN − 925 kHz ... fN − 885 kHz
70
75
dB
fN − 885 kHz ... fN − 700 kHz
40
70
dB
fN − 700 kHz ... fN − 400 kHz
30
65
dB
fN − 400 kHz ... fN − 120 kHz
40
60
dB
fN − 120 kHz ... fN − 60 kHz
20
34
dB
fN + 60 kHz ... fN + 120 kHz
20
29
dB
fN + 120 kHz ... fN + 150 kHz
40
57
dB
fN + 150 kHz ... fN + 400 kHz
30
55
dB
fN + 400 kHz ... fN + 1000 kHz
40
55
dB
Intermodulation distortion
Intermodulation in the composit signal by fN ± 60
kHz and fN ± 120 kHz, each of -20 dBm
-90
dB
Temperature coefficient of frequency 1)
TCf
– 0,036
ppm/K2
Turnover temperature
T0
—30
˚C


Similar Part No. - B3666

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B366 ETC2-B366 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
logo
EPCOS
B3662 EPCOS-B3662 Datasheet
85Kb / 6P
   SAW Components Low-loss Filter 333,0 MHz
B3665 EPCOS-B3665 Datasheet
69Kb / 6P
   SAW Components Low-loss Filter 380,00 MHz
B3668 EPCOS-B3668 Datasheet
63Kb / 5P
   SAW Components Low-loss Filter 1950 MHz
B3669 EPCOS-B3669 Datasheet
62Kb / 5P
   SAW Components Low-Loss Filter 2140 MHz
More results

Similar Description - B3666

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3853 EPCOS-B3853 Datasheet
85Kb / 7P
   SAW Components Low-Loss Filter Low-Loss Filter 141,0 MHz
B3640 EPCOS-B3640 Datasheet
72Kb / 6P
   SAW Components Low-loss Filter 238,0 MHz
B3829 EPCOS-B3829 Datasheet
67Kb / 6P
   SAW Components Low-loss Filter 87,0 MHz
B3588 EPCOS-B3588 Datasheet
61Kb / 5P
   SAW Components Low-loss Filter 915,00 MHz
B3607 EPCOS-B3607 Datasheet
71Kb / 6P
   SAW Components Low-loss Filter 140,00 MHz
B3841 EPCOS-B3841 Datasheet
68Kb / 6P
   SAW Components Low-Loss Filter 174,2 MHz
B3859 EPCOS-B3859 Datasheet
59Kb / 7P
   SAW Components Low-Loss Filter 937,0 MHz
B3665 EPCOS-B3665 Datasheet
69Kb / 6P
   SAW Components Low-loss Filter 380,00 MHz
B3893 EPCOS-B3893 Datasheet
61Kb / 5P
   SAW Components Low-Loss Filter 248,6 MHz
B3897 EPCOS-B3897 Datasheet
70Kb / 5P
   SAW Components Low-Loss Filter 70,00 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com