Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B39231-B3640-Z510 Datasheet(PDF) 5 Page - EPCOS

Part # B39231-B3640-Z510
Description  SAW Components Low-loss Filter 238,0 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39231-B3640-Z510 Datasheet(HTML) 5 Page - EPCOS

  B39231-B3640-Z510 Datasheet HTML 1Page - EPCOS B39231-B3640-Z510 Datasheet HTML 2Page - EPCOS B39231-B3640-Z510 Datasheet HTML 3Page - EPCOS B39231-B3640-Z510 Datasheet HTML 4Page - EPCOS B39231-B3640-Z510 Datasheet HTML 5Page - EPCOS B39231-B3640-Z510 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Apr 04, 2001
SAW Components
B3640
238,0 MHz
Low-Loss Filter
Data Sheet
Normalized frequency response
Normalized frequency response (pass band)


Similar Part No. - B39231-B3640-Z510

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39231-B4846-U310 EPCOS-B39231-B4846-U310 Datasheet
81Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 225,0 MHz
B39231-B7304-A910 EPCOS-B39231-B7304-A910 Datasheet
68Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 225,0 MHz
More results

Similar Description - B39231-B3640-Z510

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3853 EPCOS-B3853 Datasheet
85Kb / 7P
   SAW Components Low-Loss Filter Low-Loss Filter 141,0 MHz
B3829 EPCOS-B3829 Datasheet
67Kb / 6P
   SAW Components Low-loss Filter 87,0 MHz
B3588 EPCOS-B3588 Datasheet
61Kb / 5P
   SAW Components Low-loss Filter 915,00 MHz
B3607 EPCOS-B3607 Datasheet
71Kb / 6P
   SAW Components Low-loss Filter 140,00 MHz
B3841 EPCOS-B3841 Datasheet
68Kb / 6P
   SAW Components Low-Loss Filter 174,2 MHz
B3859 EPCOS-B3859 Datasheet
59Kb / 7P
   SAW Components Low-Loss Filter 937,0 MHz
B3665 EPCOS-B3665 Datasheet
69Kb / 6P
   SAW Components Low-loss Filter 380,00 MHz
B3893 EPCOS-B3893 Datasheet
61Kb / 5P
   SAW Components Low-Loss Filter 248,6 MHz
B3897 EPCOS-B3897 Datasheet
70Kb / 5P
   SAW Components Low-Loss Filter 70,00 MHz
B4057 EPCOS-B4057 Datasheet
59Kb / 5P
   SAW Components Low Loss Filter 1228.0 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com