Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B3588 Datasheet(PDF) 3 Page - EPCOS

Part # B3588
Description  SAW Components Low-loss Filter 915,00 MHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3588 Datasheet(HTML) 3 Page - EPCOS

  B3588 Datasheet HTML 1Page - EPCOS B3588 Datasheet HTML 2Page - EPCOS B3588 Datasheet HTML 3Page - EPCOS B3588 Datasheet HTML 4Page - EPCOS B3588 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Apr 04, 2002
SAW Components
B3588
915,00 MHz
Low Loss Filter
Preliminary Data
Characteristics
Operating temperature range:
T
= 0 ... 70 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency
fc
915,00
MHz
Maximum insertion attenuation
α
max
902,00 ... 928,00 MHz
2,9
3,3
dB
Amplitude ripple
∆α
902,00 ... 928,00 MHz
0,9
1,5
dB
Relative attenuation (relative to
α
max)
α
rel
10,00 ... 800,00 MHz
50,0
55,0
dB
800,00 ... 845,00 MHz
45,0
50,0
dB
845,00 ... 880,00 MHz
35,0
43,0
dB
947,00 ... 992,00 MHz
15,0
22,0
dB
992,00 ...1020,00 MHz
35,0
45,0
dB
1020,00 ...1200,00 MHz
45,0
50,0
dB
Temperature coefficient of frequency
TCf
-30
ppm/K


Similar Part No. - B3588

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3588 EPCOS-B3588 Datasheet
60Kb / 7P
   SAW RF filter Short range devices
logo
Powerbox
B3588 POWERBOX-B3588 Datasheet
180Kb / 3P
   Overvoltage protection with auto restart
B3588V POWERBOX-B3588V Datasheet
180Kb / 3P
   Overvoltage protection with auto restart
logo
EPCOS
B3588 EPCOS-B3588_1 Datasheet
60Kb / 7P
   SAW RF filter Short range devices
More results

Similar Description - B3588

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3705 EPCOS-B3705 Datasheet
62Kb / 6P
   SAW Components Low-Loss Filter 915,00 MHz
B3853 EPCOS-B3853 Datasheet
85Kb / 7P
   SAW Components Low-Loss Filter Low-Loss Filter 141,0 MHz
B3640 EPCOS-B3640 Datasheet
72Kb / 6P
   SAW Components Low-loss Filter 238,0 MHz
B3829 EPCOS-B3829 Datasheet
67Kb / 6P
   SAW Components Low-loss Filter 87,0 MHz
B3607 EPCOS-B3607 Datasheet
71Kb / 6P
   SAW Components Low-loss Filter 140,00 MHz
B3841 EPCOS-B3841 Datasheet
68Kb / 6P
   SAW Components Low-Loss Filter 174,2 MHz
B3859 EPCOS-B3859 Datasheet
59Kb / 7P
   SAW Components Low-Loss Filter 937,0 MHz
B3665 EPCOS-B3665 Datasheet
69Kb / 6P
   SAW Components Low-loss Filter 380,00 MHz
B3893 EPCOS-B3893 Datasheet
61Kb / 5P
   SAW Components Low-Loss Filter 248,6 MHz
B3897 EPCOS-B3897 Datasheet
70Kb / 5P
   SAW Components Low-Loss Filter 70,00 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com