Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFFR450M Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SFFR450M
Description  -10 AMP -500 VOLTS 0.60 ohm RADIATION HARDENED N-Channel Power MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFFR450M Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SFFR450M Datasheet HTML 1Page - Solid States Devices, Inc SFFR450M Datasheet HTML 2Page - Solid States Devices, Inc SFFR450M Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image


Similar Part No. - SFFR450M

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFFR150M SSDI-SFFR150M Datasheet
230Kb / 2P
   RADIATION HARDENED N-CHANNEL MOSFET
SFFR160N SSDI-SFFR160N Datasheet
232Kb / 2P
   50 AMP 100 VOLTS 0.04 ohm RADIATION HARDENED N-Channel Power MOSFET
SFFR160P SSDI-SFFR160P Datasheet
232Kb / 2P
   50 AMP 100 VOLTS 0.04 ohm RADIATION HARDENED N-Channel Power MOSFET
SFFR250 SSDI-SFFR250 Datasheet
226Kb / 2P
   27 AMP 200 VOLTS 0.100 RADIATION HARDENED N-CHANNEL MOSFET
SFFR250M SSDI-SFFR250M Datasheet
249Kb / 2P
   RADIATION HARDENED N-CHANNEL MOSFET
More results

Similar Description - SFFR450M

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFFR160N SSDI-SFFR160N Datasheet
232Kb / 2P
   50 AMP 100 VOLTS 0.04 ohm RADIATION HARDENED N-Channel Power MOSFET
SFFR250 SSDI-SFFR250 Datasheet
226Kb / 2P
   27 AMP 200 VOLTS 0.100 RADIATION HARDENED N-CHANNEL MOSFET
SFF440M SSDI-SFF440M Datasheet
218Kb / 2P
   8 AMP 500 Volts 0.85 OHM N-Channel POWER MOSFET
SFF450M SSDI-SFF450M Datasheet
125Kb / 3P
   13 AMP / 500 Volts 0.4 OHM N-Channel POWER MOSFET
SFF430-5 SSDI-SFF430-5 Datasheet
223Kb / 2P
   4.5 AMP 500 Volts 1.6 OHM N-Channel POWER MOSFET
SFF420J SSDI-SFF420J Datasheet
195Kb / 2P
   2.5 AMP 500 VOLTS 3.0 ohm N-Channel Power MOSFET
SFF24N50M SSDI-SFF24N50M Datasheet
54Kb / 3P
   24 AMP / 500 Volts 0.2 OHM N-Channel POWER MOSFET
SFF24N50B SSDI-SFF24N50B Datasheet
216Kb / 2P
   24 AMP / 500 Volts 0.23 OHM N-Channel POWER MOSFET
SFF440 SSDI-SFF440 Datasheet
214Kb / 2P
   8 AMP 500 Volts 0.85 OHM N-Channel POWER MOSFET
SFF450 SSDI-SFF450 Datasheet
209Kb / 2P
   12 AMP 500 Volts 0.40 OHM N-Channel POWER MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com