Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR17V254 Datasheet(PDF) 2 Page - Exar Corporation

Part # XR17V254
Description  66MHZ PCI BUS QUAD UART WITH POWER MANAGEMENT SUPPORT
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR17V254 Datasheet(HTML) 2 Page - Exar Corporation

  XR17V254 Datasheet HTML 1Page - Exar Corporation XR17V254 Datasheet HTML 2Page - Exar Corporation XR17V254 Datasheet HTML 3Page - Exar Corporation XR17V254 Datasheet HTML 4Page - Exar Corporation XR17V254 Datasheet HTML 5Page - Exar Corporation XR17V254 Datasheet HTML 6Page - Exar Corporation XR17V254 Datasheet HTML 7Page - Exar Corporation XR17V254 Datasheet HTML 8Page - Exar Corporation XR17V254 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 70 page
background image
XR17V254
2
66MHZ PCI BUS QUAD UART WITH POWER MANAGEMENT SUPPORT
REV. 1.0.0
FIGURE 2. PIN OUT OF THE DEVICE
ORDERING INFORMATION
PART NUMBER
PACKAGE
OPERATING TEMPERATURE RANGE
DEVICE STATUS
XR17V254IV
144-Lead LQFP
-40°C to +85°C
Active
MPIO5
GND
TMRCK
ENIR
XR17V254
NC
RX3
CTS3#
DSR3#
CD3#
RI3#
RTS3#
DTR3#
TX3
GND
VCC
MPIO7
MPIO6
MPIO4
NC
NC
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
NC
NC
NC
NC
NC
NC
NC
NC
EECS
EEDI
EECK
EEDO
VCC
PME#
XTAL1
XTAL2
128
127
126
125
124
123
122
121
120
119
118
117
116
115
114
113
112
111
110
109
NC
NC
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
NC
NC
NC
NC
NC
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
AD26
AD27
AD28
AD29
AD30
AD31
GND
CLK
RST#
144
143
142
141
140
139
138
137
136
135
134
133
132
131
130
129
RX0
CTS0#
DSR0#
CD0#
RI0#
RTS0#
DTR0#
TX0
INTA#
AD25
VCC
VCC


Similar Part No. - XR17V254

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR17V254 EXAR-XR17V254 Datasheet
1Mb / 70P
   66MHZ PCI BUS QUAD UART WITH POWER MANAGEMENT SUPPORT
XR17V254IV EXAR-XR17V254IV Datasheet
1Mb / 70P
   66MHZ PCI BUS QUAD UART WITH POWER MANAGEMENT SUPPORT
XR17V254 EXAR-XR17V254_08 Datasheet
1Mb / 70P
   66MHZ PCI BUS QUAD UART WITH POWER MANAGEMENT SUPPORT
More results

Similar Description - XR17V254

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR17V254 EXAR-XR17V254_08 Datasheet
1Mb / 70P
   66MHZ PCI BUS QUAD UART WITH POWER MANAGEMENT SUPPORT
XR17V258 EXAR-XR17V258_08 Datasheet
1Mb / 70P
   66MHZ PCI BUS OCTAL UART WITH POWER MANAGEMENT SUPPORT
XR17V258 EXAR-XR17V258 Datasheet
1Mb / 70P
   66MHZ PCI BUS OCTAL UART WITH POWER MANAGEMENT SUPPORT
XR17V252 EXAR-XR17V252 Datasheet
1Mb / 69P
   66 MHZ PCI BUS DUAL UART WITH POWER MANAGEMENT SUPPORT
XR17V252 EXAR-XR17V252_08 Datasheet
1Mb / 69P
   66 MHZ PCI BUS DUAL UART WITH POWER MANAGEMENT SUPPORT
XR17L154 EXAR-XR17L154 Datasheet
587Kb / 56P
   3.3V PCI BUS QUAD UART
XR17C154 EXAR-XR17C154 Datasheet
721Kb / 62P
   5V PCI BUS QUAD UART
XR17C154 EXAR-XR17C154_05 Datasheet
1Mb / 62P
   5V PCI BUS QUAD UART
XR17D154 EXAR-XR17D154 Datasheet
836Kb / 69P
   UNIVERSAL (3.3V AND 5V) PCI BUS QUAD UART
XR17C152 EXAR-XR17C152 Datasheet
649Kb / 62P
   5V PCI BUS DUAL UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com