Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA612A Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SA612A
Description  Double-balanced mixer and oscillator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA612A Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SA612A Datasheet HTML 3Page - NXP Semiconductors SA612A Datasheet HTML 4Page - NXP Semiconductors SA612A Datasheet HTML 5Page - NXP Semiconductors SA612A Datasheet HTML 6Page - NXP Semiconductors SA612A Datasheet HTML 7Page - NXP Semiconductors SA612A Datasheet HTML 8Page - NXP Semiconductors SA612A Datasheet HTML 9Page - NXP Semiconductors SA612A Datasheet HTML 10Page - NXP Semiconductors SA612A Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
SA612A
Double-balanced mixer and oscillator
1997 Nov 07
7
612A
4
5
3
6
2
7
1
8
+6V
7pF
10pF
TO
BUFFER
DC CONTROL VOLTAGE
FROM SYNTHESIZER
MV2105
OR EQUIVALENT
1000pF
1000pF
5.5
µH
0.10pF
10
µF
0.06
µH
0.1
µF
3SK126
100k
2pF
TO SYNTHESIZER
100k
100k
330
2k
TO SYNTHESIZER
2N5484
2N918
0.01
µF
0.01
µF
1.0nF
0.01pF
SR00106
Figure 8. Colpitts Oscillator Suitable for Synthesizer Applications and Typical Buffers


Similar Part No. - SA612A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA612A PHILIPS-SA612A Datasheet
163Kb / 8P
   Double-balanced mixer and oscillator
1990 Sep 17
SA612AD PHILIPS-SA612AD Datasheet
163Kb / 8P
   Double-balanced mixer and oscillator
1990 Sep 17
SA612AN PHILIPS-SA612AN Datasheet
163Kb / 8P
   Double-balanced mixer and oscillator
1990 Sep 17
SA612A PHILIPS-SA612A_15 Datasheet
1Mb / 19P
   Double-balanced mixer and oscillator
Rev. 3-4 June 2014
More results

Similar Description - SA612A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA602A PHILIPS-SA602A Datasheet
109Kb / 11P
   Double-balanced mixer and oscillator
1997 Nov 07
SA602A PHILIPS-SA602A_15 Datasheet
1Mb / 19P
   Double-balanced mixer and oscillator
Rev. 3-27 May 2014
NE602A PHILIPS-NE602A Datasheet
379Kb / 8P
   DOUBLE BALANCED MIXER AND OSCILLATOR
April 1990
NE612A PHILIPS-NE612A_1 Datasheet
163Kb / 8P
   Double-balanced mixer and oscillator
1990 Sep 17
SA602A NXP-SA602A Datasheet
1Mb / 19P
   Double-balanced mixer and oscillator
Rev. 3-27 May 2014
SA612A PHILIPS-SA612A_15 Datasheet
1Mb / 19P
   Double-balanced mixer and oscillator
Rev. 3-4 June 2014
logo
NTE Electronics
NTE7164 NTE-NTE7164 Datasheet
64Kb / 2P
   Double−Balanced Mixer & Oscillator
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
   DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
MY63 MACOM-MY63 Datasheet
145Kb / 2P
   DOUBLE-BALANCED MIXER
M9BC MACOM-M9BC Datasheet
167Kb / 2P
   Double-Balanced Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com