Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16V2750 Datasheet(PDF) 3 Page - Exar Corporation

Part # XR16V2750
Description  HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16V2750 Datasheet(HTML) 3 Page - Exar Corporation

  XR16V2750_07 Datasheet HTML 1Page - Exar Corporation XR16V2750_07 Datasheet HTML 2Page - Exar Corporation XR16V2750_07 Datasheet HTML 3Page - Exar Corporation XR16V2750_07 Datasheet HTML 4Page - Exar Corporation XR16V2750_07 Datasheet HTML 5Page - Exar Corporation XR16V2750_07 Datasheet HTML 6Page - Exar Corporation XR16V2750_07 Datasheet HTML 7Page - Exar Corporation XR16V2750_07 Datasheet HTML 8Page - Exar Corporation XR16V2750_07 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
XR16V2750
3
REV. 1.0.2
HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
PIN DESCRIPTIONS
Pin Description
NAME
32-QFN
PIN #
48-TQFP
PIN #
TYPE
DESCRIPTION
DATA BUS INTERFACE
A2
A1
A0
18
19
20
26
27
28
I
Address data lines [2:0]. These 3 address lines select one of the inter-
nal registers in UART channel A/B during a data bus transaction.
D7
D6
D5
D4
D3
D2
D1
D0
2
1
32
31
30
29
28
27
3
2
1
48
47
46
45
44
I/O
Data bus lines [7:0] (bidirectional).
IOR#
14
19
I
Input/Output Read Strobe (active low). The falling edge instigates an
internal read cycle and retrieves the data byte from an internal register
pointed to by the address lines [A2:A0]. The data byte is placed on the
data bus to allow the host processor to read it on the rising edge.
IOW#
12
15
I
Input/Output Write Strobe (active low). The falling edge instigates an
internal write cycle and the rising edge transfers the data byte on the
data bus to an internal register pointed by the address lines.
CSA#
7
10
I
UART channel A select (active low) to enable UART channel A in the
device for data bus operation.
CSB#
8
11
I
UART channel B select (active low) to enable UART channel B in the
device for data bus operation.
INTA
22
30
O
UART channel A Interrupt output. The output state is defined by the
user through the software setting of MCR[3]. INTA is set to the active
mode and OP2A# output LOW when MCR[3] is set to a logic 1. INTA is
set to the three state mode and OP2A# output HIGH when MCR[3] is
set to a logic 0 (default). See MCR[3].
INTB
21
29
O
UART channel B Interrupt output. The output state is defined by the
user through the software setting of MCR[3]. INTB is set to the active
mode and OP2B# output LOW when MCR[3] is set to a logic 1. INTB is
set to the three state mode and OP2B# output HIGH when MCR[3] is
set to a logic 0 (default). See MCR[3].
TXRDYA#
-
43
O
UART channel A Transmitter Ready (active low). The output provides
the TX FIFO/THR status for transmit channel A. See
Table 2. If it is not
used, leave it unconnected.
RXRDYA#
-
31
O
UART channel A Receiver Ready (active low). This output provides the
RX FIFO/RHR status for receive channel A. See
Table 2. If it is not
used, leave it unconnected.
TXRDYB#
-
6
O
UART channel B Transmitter Ready (active low). The output provides
the TX FIFO/THR status for transmit channel B. See
Table 3. If it is not
used, leave it unconnected.


Similar Part No. - XR16V2750_07

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V2750_0709 EXAR-XR16V2750_0709 Datasheet
989Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
More results

Similar Description - XR16V2750_07

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V2750 EXAR-XR16V2750 Datasheet
990Kb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M752 EXAR-XR16M752_09 Datasheet
1Mb / 54P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16V2750_0709 EXAR-XR16V2750_0709 Datasheet
989Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16V2752 EXAR-XR16V2752 Datasheet
1,016Kb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16V2752 EXAR-XR16V2752_07 Datasheet
998Kb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M752 EXAR-XR16M752 Datasheet
1Mb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M2752 EXAR-XR16M2752 Datasheet
1,016Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16V2751_0709 EXAR-XR16V2751_0709 Datasheet
1,016Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16M2751 EXAR-XR16M2751 Datasheet
1,023Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16V2751 EXAR-XR16V2751_07 Datasheet
1,002Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com