Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16V2651IL32 Datasheet(PDF) 4 Page - Exar Corporation

Part # XR16V2651IL32
Description  HIGH PERFORMANCE DUART WITH 32-BYTE FIFO AND POWERSAVE
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16V2651IL32 Datasheet(HTML) 4 Page - Exar Corporation

  XR16V2651IL32 Datasheet HTML 1Page - Exar Corporation XR16V2651IL32 Datasheet HTML 2Page - Exar Corporation XR16V2651IL32 Datasheet HTML 3Page - Exar Corporation XR16V2651IL32 Datasheet HTML 4Page - Exar Corporation XR16V2651IL32 Datasheet HTML 5Page - Exar Corporation XR16V2651IL32 Datasheet HTML 6Page - Exar Corporation XR16V2651IL32 Datasheet HTML 7Page - Exar Corporation XR16V2651IL32 Datasheet HTML 8Page - Exar Corporation XR16V2651IL32 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
XR16V2651
4
HIGH PERFORMANCE DUART WITH 32-BYTE FIFO AND POWERSAVE FEATURE
REV. 1.0.2
INTB
21
29
O
UART channel B Interrupt output. The output state is defined by the user through
the software setting of MCR[3]. INTB is set to the active mode and OP2B# output
LOW when MCR[3] is set to a logic 1. INTB is set to the three state mode and
OP2B# output HIGH when MCR[3] is set to a logic 0 (default). See MCR[3].
TXRDYA#
-
43
O
UART channel A Transmitter Ready (active low). The output provides the TX FIFO/
THR status for transmit channel A. See
Table 3. If it is not used, leave it uncon-
nected.
RXRDYA#
-
31
O
UART channel A Receiver Ready (active low). This output provides the RX FIFO/
RHR status for receive channel A. See
Table 3. If it is not used, leave it uncon-
nected.
TXRDYB#
-
6
O
UART channel B Transmitter Ready (active low). The output provides the TX FIFO/
THR status for transmit channel B. See
Table 4. If it is not used, leave it uncon-
nected.
RXRDYB#
-
18
O
UART channel B Receiver Ready (active low). This output provides the RX FIFO/
RHR status for receive channel B. See
Table 3. If it is not used, leave it uncon-
nected.
MODEM OR SERIAL I/O INTERFACE
TXA
5
7
O
UART channel A Transmit Data or infrared encoder data. Standard transmit and
receive interface is enabled when MCR[6] = 0. In this mode, the TX signal will be
HIGH during reset or idle (no data). Infrared IrDA transmit and receive interface is
enabled when MCR[6] = 1. In the Infrared mode, the inactive state (no data) for the
Infrared encoder/decoder interface is LOW. If it is not used, leave it unconnected.
RXA
4
5
I
UART channel A Receive Data or infrared receive data. Normal receive data input
must idle HIGH. The infrared receiver pulses typically idles at LOW but can be
inverted by software control prior going into the decoder, see MCR[6]. If this pin is
not used, tie it to VCC or pull it high via a 100k ohm resistor.
RTSA#
23
33
O
UART channel A Request-to-Send (active low) or general purpose output. This out-
put must be asserted prior to using auto RTS flow control, see EFR[6], MCR[1],
and IER[6].
CTSA#
25
38
I
UART channel A Clear-to-Send (active low) or general purpose input. It can be
used for auto CTS flow control, see EFR[7], and IER[7]. This input should be con-
nected to VCC when not used.
DTRA#
-
34
O
UART channel A Data-Terminal-Ready (active low) or general purpose output. If it
is not used, leave it unconnected.
DSRA#
-
39
I
UART channel A Data-Set-Ready (active low) or general purpose input. This input
should be connected to VCC when not used. This input has no effect on the UART.
CDA#
-
40
I
UART channel A Carrier-Detect (active low) or general purpose input. This input
should be connected to VCC when not used. This input has no effect on the UART.
RIA#
-
41
I
UART channel A Ring-Indicator (active low) or general purpose input. This input
should be connected to VCC when not used. This input has no effect on the UART.
Pin Description
NAME
32-QFN
PIN #
48-TQFP
PIN #
TYPE
DESCRIPTION


Similar Part No. - XR16V2651IL32

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V2651IL32 EXAR-XR16V2651IL32 Datasheet
960Kb / 51P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO AND POWERSAVE
More results

Similar Description - XR16V2651IL32

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V2651 EXAR-XR16V2651 Datasheet
960Kb / 51P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO AND POWERSAVE
XR16M2651 EXAR-XR16M2651 Datasheet
1Mb / 51P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO AND POWERSAVE FEATURE
XR16V2751_0709 EXAR-XR16V2751_0709 Datasheet
1,016Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16V2751 EXAR-XR16V2751_07 Datasheet
1,002Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16M2751 EXAR-XR16M2751 Datasheet
1,023Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16V2751 EXAR-XR16V2751 Datasheet
998Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE FEATURE
XR16V2551 EXAR-XR16V2551 Datasheet
965Kb / 51P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO AND POWERSAVE FEATURE
XR16V2551 EXAR-XR16V2551_07 Datasheet
1Mb / 51P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO AND POWERSAVE FEATURE
XR16V2652 EXAR-XR16V2652 Datasheet
932Kb / 48P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO
XR16V2650 EXAR-XR16V2650 Datasheet
910Kb / 47P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com