Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16V2650 Datasheet(PDF) 1 Page - Exar Corporation

Part # XR16V2650
Description  HIGH PERFORMANCE DUART WITH 32-BYTE FIFO
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16V2650 Datasheet(HTML) 1 Page - Exar Corporation

  XR16V2650_07 Datasheet HTML 1Page - Exar Corporation XR16V2650_07 Datasheet HTML 2Page - Exar Corporation XR16V2650_07 Datasheet HTML 3Page - Exar Corporation XR16V2650_07 Datasheet HTML 4Page - Exar Corporation XR16V2650_07 Datasheet HTML 5Page - Exar Corporation XR16V2650_07 Datasheet HTML 6Page - Exar Corporation XR16V2650_07 Datasheet HTML 7Page - Exar Corporation XR16V2650_07 Datasheet HTML 8Page - Exar Corporation XR16V2650_07 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 (510) 668-7000 FAX (510) 668-7017 www.exar.com
XR16V2650
HIGH PERFORMANCE DUART WITH 32-BYTE FIFO
MAY 2007
REV. 1.0.2
GENERAL DESCRIPTION
The XR16V26501 (V2650) is a high performance dual
universal asynchronous receiver and transmitter
(UART) with 32 bytes TX and RX FIFOs. The device
operates from 2.25 to 3.6 volts with 5 Volt tolerant
inputs and is pin-to-pin compatible to Exar’s
ST16C2550, XR16C2550 and XR16V2550. The
V2650 register set is compatible to the ST16C2550,
the XR16L2550 and the XR16V2550. It supports
Exar’s enhanced features of selectable FIFO trigger
level, automatic hardware (RTS/CTS) and software
flow control, and a complete modem interface.
Onboard registers provide the user with operational
status and data error flags. An internal loopback
capability allows system diagnostics. Independent
programmable baud rate generators are provided in
each channel to select data rates up to 16 Mbps at
3.3 Volt with 4X sampling clock. The V2650 is
available in 48-pin TQFP and 32-pin QFN packages.
NOTE: 1 Covered by U.S. Patent #5,649,122
APPLICATIONS
Portable Appliances
Telecommunication Network Routers
Ethernet Network Routers
Cellular Data Devices
Factory Automation and Process Controls
FEATURES
2.25 to 3.6 Volt Operation
5 Volt Tolerant Inputs
Pin-to-pin compatible to ST16C2550, XR16C2550,
XR16L2550 and XR16V2550 in the 48-TQFP
package
Two independent UART channels
Register set compatible to XR16V2550
Data rate of up to 16 Mbps at 3.3 V, and 12.5
Mbps at 2.5 V with 4X sampling rate
Fractional Baud Rate Generator
Transmit and Receive FIFOs of 32 bytes
Selectable TX and RX FIFO Trigger Levels
Automatic Hardware (RTS/CTS) Flow Control
Automatic Software (Xon/Xoff) Flow Control
Wireless Infrared (IrDA 1.0) Encoder/Decoder
Automatic sleep mode
Full modem interface
Device Identification and Revision
Crystal oscillator (up to 32MHz) or external clock
(up to 64MHz) input
48-TQFP and 32-QFN packages
FIGURE 1. XR16V2650 BLOCK DIAGRAM
XTAL1
XTAL2
Crystal Osc/Buffer
TXA, RXA, DTRA#,
DSRA#, RTSA#,
DTSA#, CDA#, RIA#,
OP2A#
8-bit Data
Bus
Interface
UART Channel A
32 Byte TX FIFO
BRG
IR
ENDEC
TX & RX
UART
Regs
2.25 to 3.6 Volt VCC
GND
* 5 Volt Tolerant Inputs
TXB, RXB, DTRB#,
DSRB#, RTSB#,
CTSB#, CDB#, RIB#,
OP2B#
UART Channel B
(same as Channel A)
A2:A0
D7:D0
CSA#
CSB#
INTA
INTB
IOW#
IOR#
Reset
TXRDYA#
TXRDYB#
RXRDYA#
RXRDYB#
32 Byte RX FIFO


Similar Part No. - XR16V2650_07

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V2650IL32 EXAR-XR16V2650IL32 Datasheet
910Kb / 47P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO
XR16V2650IM EXAR-XR16V2650IM Datasheet
910Kb / 47P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO
More results

Similar Description - XR16V2650_07

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V2652 EXAR-XR16V2652 Datasheet
932Kb / 48P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO
XR16V2650 EXAR-XR16V2650 Datasheet
910Kb / 47P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO
XR16V2652 EXAR-XR16V2652_07 Datasheet
1Mb / 48P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO
XR16V2651 EXAR-XR16V2651 Datasheet
960Kb / 51P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO AND POWERSAVE
XR16M2650 EXAR-XR16M2650 Datasheet
1Mb / 47P
   HIGH PERFORMANCE LOW VOLTAGE DUART WITH 32-BYTE FIFO
XR16V2651 EXAR-XR16V2651_07 Datasheet
1Mb / 51P
   HIGH PERFORMANCE DUART WITH 32-BYTE FIFO AND POWERSAVE
XR16V2550IL-0B EXAR-XR16V2550IL-0B Datasheet
972Kb / 46P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO
XR16V2552 EXAR-XR16V2552_07 Datasheet
1Mb / 48P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO
XR16V2750 EXAR-XR16V2750 Datasheet
990Kb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M752 EXAR-XR16M752_09 Datasheet
1Mb / 54P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com