Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16V654DIV Datasheet(PDF) 6 Page - Exar Corporation

Part # XR16V654DIV
Description  2.25V TO 3.6V QUAD UART WITH 64-BYTE FIFO
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16V654DIV Datasheet(HTML) 6 Page - Exar Corporation

Back Button XR16V654DIV Datasheet HTML 2Page - Exar Corporation XR16V654DIV Datasheet HTML 3Page - Exar Corporation XR16V654DIV Datasheet HTML 4Page - Exar Corporation XR16V654DIV Datasheet HTML 5Page - Exar Corporation XR16V654DIV Datasheet HTML 6Page - Exar Corporation XR16V654DIV Datasheet HTML 7Page - Exar Corporation XR16V654DIV Datasheet HTML 8Page - Exar Corporation XR16V654DIV Datasheet HTML 9Page - Exar Corporation XR16V654DIV Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
XR16V654/654D
6
2.25V TO 3.6V QUAD UART WITH 64-BYTE FIFO
REV. 1.0.1
IOW#
(R/W#)
7
9
18
11
15
I
When 16/68# pin is HIGH, it selects Intel
bus interface and this input becomes write
strobe (active low). The falling edge insti-
gates the internal write cycle and the rising
edge transfers the data byte on the data
bus to an internal register pointed by the
address lines.
When 16/68# pin is LOW, the Motorola bus
interface is selected and this input becomes
read (logic 1) and write (logic 0) signal.
CSA#
(CS#)
5
7
16
9
13
I
When 16/68# pin is HIGH, this input is chip
select A (active low) to enable channel A in
the device.
When 16/68# pin is LOW, this input
becomes the chip select (active low) for the
Motorola bus interface.
CSB#
(A3)
9
11
20
13
17
I
When 16/68# pin is HIGH, this input is chip
select B (active low) to enable channel B in
the device.
When 16/68# pin is LOW, this input
becomes address line A3 which is used for
channel selection in the Motorola bus inter-
face.
CSC#
(A4)
27
38
50
49
64
I
When 16/68# pin is HIGH, this input is chip
select C (active low) to enable channel C in
the device.
When 16/68# pin is LOW, this input
becomes address line A4 which is used for
channel selection in the Motorola bus inter-
face.
CSD#
(VCC)
31
42
54
53
68
I
When 16/68# pin is HIGH, this input is chip
select D (active low) to enable channel D in
the device.
When 16/68# pin is LOW, this input is not
used and should be connected VCC.
INTA
(IRQ#)
4
6
15
8
12
O
(OD)
When 16/68# pin is HIGH for Intel bus inter-
face, this ouput becomes channel A inter-
rupt output. The output state is defined by
the user and through the software setting of
MCR[3]. INTA is set to the active mode
when MCR[3] is set to a logic 1. INTA is set
to the three state mode when MCR[3] is set
to a logic 0 (default). See MCR[3].
When 16/68# pin is LOW for Motorola bus
interface, this output becomes device inter-
rupt output (active low, open drain). An
external pull-up resistor is required for
proper operation.
Pin Description
NAME
48-QFN
PIN #
64-LQFP
PIN #
68-PLCC
PIN#
80-LQFP
PIN #
100-QFP
PIN #
TYPE
DESCRIPTION


Similar Part No. - XR16V654DIV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V654DIV EXAR-XR16V654DIV Datasheet
1Mb / 58P
   2.25V TO 3.6V QUAD UART WITH 64-BYTE FIFO
More results

Similar Description - XR16V654DIV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V654_0709 EXAR-XR16V654_0709 Datasheet
1Mb / 58P
   2.25V TO 3.6V QUAD UART WITH 64-BYTE FIFO
XR16V564 EXAR-XR16V564_07 Datasheet
1Mb / 55P
   2.25V TO 3.6V QUAD UART WITH 32-BYTE FIFO
XR16V554 EXAR-XR16V554 Datasheet
837Kb / 45P
   2.25V TO 3.6V QUAD UART WITH 16-BYTE FIFO
XR16V564 EXAR-XR16V564 Datasheet
1Mb / 55P
   2.25V TO 3.6V QUAD UART WITH 32-BYTE FIFO
XR16V554 EXAR-XR16V554_07 Datasheet
847Kb / 45P
   2.25V TO 3.6V QUAD UART WITH 16-BYTE FIFO
XR16V698 EXAR-XR16V698 Datasheet
1Mb / 58P
   2.25V TO 3.6V HIGH PERFORMANCE OCTAL UART WITH 32-BYTE FIFO
logo
Texas Instruments
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
   Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
logo
Texas Instruments
TL16C754BPNR TI-TL16C754BPNR Datasheet
671Kb / 40P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
Exar Corporation
XR16V598 EXAR-XR16V598 Datasheet
1Mb / 58P
   2.25V TO 3.6V HIGH PERFORMANCE OCTAL UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com