Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA601 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SA601
Description  Low voltage LNA and mixer - 1GHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA601 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SA601 Datasheet HTML 3Page - NXP Semiconductors SA601 Datasheet HTML 4Page - NXP Semiconductors SA601 Datasheet HTML 5Page - NXP Semiconductors SA601 Datasheet HTML 6Page - NXP Semiconductors SA601 Datasheet HTML 7Page - NXP Semiconductors SA601 Datasheet HTML 8Page - NXP Semiconductors SA601 Datasheet HTML 9Page - NXP Semiconductors SA601 Datasheet HTML 10Page - NXP Semiconductors SA601 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Philips Semiconductors RF Communications Products
Product specification
SA601
Low voltage LNA and mixer - 1GHz
December 15, 1994
7
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
CH1
S12
100 mU FS
4:
35.343 mU
-76.128
°
200.000 000 MHz
START
200.000 000
MHz
STOP
1200.000 000
MHz
1:
2:
3:
89.561mU
61.127
°
900 MHz
74.51mU
64.608
°
600 MHz
58.082mU
67.162
°
400 MHz
CH1
S21
7
U
FS
4:
6.2863 U
-150.58
°
200.000 000 MHz
START
200.000 000
MHz
STOP
1200.000 000
MHz
1:
2:
3:
3.2504U
91.219
°
900 MHz
4.6877U
112.03
°
600 MHz
5.3895U
130.33
°
400 MHz
Figure 4. LNA Transmission and Isolation Characteristics (at Device Pin)


Similar Part No. - SA601

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA60 PANJIT-SA60 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
SA60 PANJIT-SA60 Datasheet
131Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 500 Watts
SA60 PANJIT-SA60 Datasheet
110Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
SA60 CHENG-YI-SA60 Datasheet
129Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
SA60 WTE-SA60 Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - SA601

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA631 PHILIPS-SA631 Datasheet
103Kb / 16P
   1GHz low voltage LNA and mixer
1998 Jan 08
SA611 PHILIPS-SA611 Datasheet
106Kb / 16P
   1GHz low voltage LNA and mixer
1999 Mar 26
SA621 PHILIPS-SA621 Datasheet
118Kb / 16P
   1GHz - Low voltage LNA, mixer and VCO
1997 Nov 07
SA620 PHILIPS-SA620 Datasheet
331Kb / 11P
   Low voltage LNA, mixer and VCO - 1GHz
December 15, 1993
SA600 PHILIPS-SA600 Datasheet
283Kb / 17P
   1GHz LNA and mixer
1993 Dec 15
logo
RF Micro Devices
RF2418 RFMD-RF2418 Datasheet
114Kb / 10P
   LOW CURRENT LNA/MIXER
RF2418 RFMD-RF2418_1 Datasheet
282Kb / 12P
   LOW CURRENT LNA/MIXER
RF2418 RFMD-RF2418_06 Datasheet
136Kb / 10P
   LOW CURRENT LNA/MIXER
logo
Motorola, Inc
MC13142 MOTOROLA-MC13142 Datasheet
165Kb / 16P
   LOW POWER DC - 1.8 GHz LNA, MIXER and VCO
logo
Freescale Semiconductor...
MC13770 FREESCALE-MC13770 Datasheet
390Kb / 8P
   Single Band LNA and Mixer FEIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com