Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16V554 Datasheet(PDF) 23 Page - Exar Corporation

Part # XR16V554
Description  2.25V TO 3.6V QUAD UART WITH 16-BYTE FIFO
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16V554 Datasheet(HTML) 23 Page - Exar Corporation

Back Button XR16V554 Datasheet HTML 19Page - Exar Corporation XR16V554 Datasheet HTML 20Page - Exar Corporation XR16V554 Datasheet HTML 21Page - Exar Corporation XR16V554 Datasheet HTML 22Page - Exar Corporation XR16V554 Datasheet HTML 23Page - Exar Corporation XR16V554 Datasheet HTML 24Page - Exar Corporation XR16V554 Datasheet HTML 25Page - Exar Corporation XR16V554 Datasheet HTML 26Page - Exar Corporation XR16V554 Datasheet HTML 27Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
XR16V554/554D
23
REV. 1.0.1
2.25V TO 3.6V QUAD UART WITH 16-BYTE FIFO
ISR[7:6]: FIFO Enable Status
These bits are set to a logic 0 when the FIFOs are disabled. They are set to a logic 1 when the FIFOs are
enabled.
4.5
FIFO Control Register (FCR) - Write-Only
This register is used to enable the FIFOs, clear the FIFOs, set the receive FIFO trigger levels, and select the
DMA mode. The DMA, and FIFO modes are defined as follows:
FCR[0]: TX and RX FIFO Enable
Logic 0 = Disable the transmit and receive FIFO (default).
Logic 1 = Enable the transmit and receive FIFOs. This bit must be set to logic 1 when other FCR bits are
written or they will not be programmed.
FCR[1]: RX FIFO Reset
This bit is only active when FCR bit-0 is a ‘1’.
Logic 0 = No receive FIFO reset (default).
Logic 1 = Reset the receive FIFO pointers and FIFO level counter logic (the receive shift register is not
cleared or altered). This bit will return to a logic 0 after resetting the FIFO.
FCR[2]: TX FIFO Reset
This bit is only active when FCR bit-0 is a ‘1’.
Logic 0 = No transmit FIFO reset (default).
Logic 1 = Reset the transmit FIFO pointers and FIFO level counter logic (the transmit shift register is not
cleared or altered). This bit will return to a logic 0 after resetting the FIFO.
FCR[3]: DMA Mode Select
Controls the behavior of the TXRDY and RXRDY pins. See DMA operation section for details.
Logic 0 = Normal Operation (default).
Logic 1 = DMA Mode.
FCR[5:4]: Reserved (Default 0)
FCR[7:6]: Receive FIFO Trigger Select
(logic 0 = default, RX trigger level =1)
These 2 bits are used to set the trigger level for the receive FIFO. The UART will issue a receive interrupt when
the number of the characters in the FIFO crosses the trigger level. Table 10 shows the complete selections.
TABLE 10: RECEIVE FIFO TRIGGER LEVEL SELECTION
FCR BIT-7
FCR BIT-6
RECEIVE TRIGGER LEVEL
0
0
1
1
0
1
0
1
1
4
8
14


Similar Part No. - XR16V554

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V554 EXAR-XR16V554 Datasheet
847Kb / 45P
   2.25V TO 3.6V QUAD UART WITH 16-BYTE FIFO
XR16V554D EXAR-XR16V554D Datasheet
847Kb / 45P
   2.25V TO 3.6V QUAD UART WITH 16-BYTE FIFO
XR16V554DIV EXAR-XR16V554DIV Datasheet
847Kb / 45P
   2.25V TO 3.6V QUAD UART WITH 16-BYTE FIFO
XR16V554IJ EXAR-XR16V554IJ Datasheet
847Kb / 45P
   2.25V TO 3.6V QUAD UART WITH 16-BYTE FIFO
XR16V554IL EXAR-XR16V554IL Datasheet
847Kb / 45P
   2.25V TO 3.6V QUAD UART WITH 16-BYTE FIFO
More results

Similar Description - XR16V554

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V554 EXAR-XR16V554_07 Datasheet
847Kb / 45P
   2.25V TO 3.6V QUAD UART WITH 16-BYTE FIFO
XR16V564 EXAR-XR16V564_07 Datasheet
1Mb / 55P
   2.25V TO 3.6V QUAD UART WITH 32-BYTE FIFO
XR16V654_0709 EXAR-XR16V654_0709 Datasheet
1Mb / 58P
   2.25V TO 3.6V QUAD UART WITH 64-BYTE FIFO
XR16V654 EXAR-XR16V654 Datasheet
1Mb / 58P
   2.25V TO 3.6V QUAD UART WITH 64-BYTE FIFO
XR16V564 EXAR-XR16V564 Datasheet
1Mb / 55P
   2.25V TO 3.6V QUAD UART WITH 32-BYTE FIFO
XR16V598 EXAR-XR16V598 Datasheet
1Mb / 58P
   2.25V TO 3.6V HIGH PERFORMANCE OCTAL UART WITH 16-BYTE FIFO
XR16V698 EXAR-XR16V698 Datasheet
1Mb / 58P
   2.25V TO 3.6V HIGH PERFORMANCE OCTAL UART WITH 32-BYTE FIFO
XR16L651 EXAR-XR16L651 Datasheet
632Kb / 56P
   2.25V TO 5.5V UART WITH 32-BYTE FIFO
XR16L580 EXAR-XR16L580_07 Datasheet
977Kb / 52P
   SMALLEST 2.25V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
XR16L580 EXAR-XR16L580 Datasheet
285Kb / 47P
   SMALLEST 2.25V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com