Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16L570IL32 Datasheet(PDF) 8 Page - Exar Corporation

Part # XR16L570IL32
Description  SMALLEST 1.62V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16L570IL32 Datasheet(HTML) 8 Page - Exar Corporation

Back Button XR16L570IL32 Datasheet HTML 4Page - Exar Corporation XR16L570IL32 Datasheet HTML 5Page - Exar Corporation XR16L570IL32 Datasheet HTML 6Page - Exar Corporation XR16L570IL32 Datasheet HTML 7Page - Exar Corporation XR16L570IL32 Datasheet HTML 8Page - Exar Corporation XR16L570IL32 Datasheet HTML 9Page - Exar Corporation XR16L570IL32 Datasheet HTML 10Page - Exar Corporation XR16L570IL32 Datasheet HTML 11Page - Exar Corporation XR16L570IL32 Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
XR16L570
8
SMALLEST 1.62V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
REV. 1.0.1
2.8
Crystal or External Clock Input
The L570 includes an on-chip oscillator in the 32-QFN package (XTAL1 and XTAL2) to generate a clock when
a crystal is connected between the XTAL1 and XTAL2 pins of the device. Alternatively, an external clock can be
supplied through the XTAL1 or CLK pin. The CPU data bus does not require this clock for bus operation. The
crystal oscillator provides a system clock to the Baud Rate Generators (BRG) section. XTAL1 is the input to the
oscillator or external clock input and XTAL2 pin is the bufferred output which can be used as a clock signal for
other devices in the system. Please note that the XTAL1 input is not 5V tolerant and therefore, the maximum
voltage at that pin should be VCC when an external clock is supplied. For programming details, see “Section
2.9, Programmable Baud Rate Generator” on page 9.
FIGURE 4. TYPICAL CRYSTAL CONNECTIONS
The on-chip oscillator is designed to use an industry standard microprocessor crystal (parallel resonant,
fundamental frequency with 10-22 pF capacitance load, ESR of 20-120 ohms and 100ppm frequency
tolerance) connected externally between the XTAL1 and XTAL2 pins (see Figure 4). When VCC = 5V, the on-
chip oscillator can operate with a crystal whose frequency is not greater than 24 MHz. On the other hand, the
L570 can accept an external clock of up to 64MHz at XTAL1 pin, with a 2K ohms pull-up resistor on XTAL2 pin
(as shown in Figure 5). The 2K ohms pull-up resistor may be required for external clock frequencies of greater
than 24MHz. This translates to a maximum of 4Mbps serial data rate at 5V.
For further reading on the oscillator circuit please see the Application Note DAN108 on the EXAR web site at
http://www.exar.com.
FIGURE 5. EXTERNAL CLOCK CONNECTION FOR EXTENDED DATA RATE
C1
22-47pF
C2
22-47pF
Y1
1.8432 MHz
to
24 MHz
R1
0-120
(Optional)
R2
500K - 1M
XTAL1
XTAL2
2K
XTA L 1
XTA L 2
R1
VC C
E x te rnal C loc k
vcc
gnd


Similar Part No. - XR16L570IL32

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L570IL32 EXAR-XR16L570IL32 Datasheet
977Kb / 46P
   SMALLEST 1.62V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
More results

Similar Description - XR16L570IL32

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L570 EXAR-XR16L570 Datasheet
977Kb / 46P
   SMALLEST 1.62V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
XR16L580 EXAR-XR16L580 Datasheet
285Kb / 47P
   SMALLEST 2.25V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
XR16L580 EXAR-XR16L580_07 Datasheet
977Kb / 52P
   SMALLEST 2.25V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
XR16M554 EXAR-XR16M554 Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
XR16M554IV80-0A EXAR-XR16M554IV80-0A Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550_05 Datasheet
742Kb / 36P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
XR16M581 EXAR-XR16M581 Datasheet
1Mb / 51P
   1.62V TO 3.63V UART WITH 16-BYTE FIFO AND VLIO INTERFACE
XR16M570 EXAR-XR16M570 Datasheet
983Kb / 52P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M580IM48-0A EXAR-XR16M580IM48-0A Datasheet
1Mb / 56P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com