Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1206S151K2RAC Datasheet(PDF) 1 Page - Kemet Corporation

Part # C1206S151K2RAC
Description  Fail-Safe Floating Electrode MLCC / FE-CAP / X7R Dielectric
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206S151K2RAC Datasheet(HTML) 1 Page - Kemet Corporation

  C1206S151K2RAC Datasheet HTML 1Page - Kemet Corporation C1206S151K2RAC Datasheet HTML 2Page - Kemet Corporation C1206S151K2RAC Datasheet HTML 3Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
F3280A 3/07
Product Bulletin
Dimensions – Millimeters (Inches)
EIA Size
Code
Metric Size
Code
L
Length
W
Width
B
Bandwidth
S
Separation
0402
1005
1.0 (.04) ± 0.05 (.002)
0.5 (.02) ± 0.05 (.002)
0.20 (.008) -0.40 (.016)
0.30 (.012)
0603
1608
1.6 (.063) ± 0.15 (.006)
0.8 (.032) ± 0.15 (.006)
0.35 (.014) ± 0.15 (.006)
0.70 (.028)
0805
2012
2.0 (.079) ± 0.20 (.008)
1.25 (.049) ± 0.20 (.008)
0.05 (.02) ± 0.25 (.010)
0.75 (.030)
1206
3216
3.2 (.126) ± 0.20 (.008)
1.6 (.063) ± 0.20 (.008)
0.50 (.02) ± .25 (.010)
N/A
1210
3225
3.2 (.126) ± 0.20 (.008)
2.5 (.098) ± 0.20 (.008)
0.50 (.02) ± .25 (.010)
N/A
1812
4532
4.5 (.177) ± 0.30 (.012)
3.2 (.126 ) ± 0.30 (.012)
0.60 (.024) ± .35 (.014)
N/A
Refer to standard thickness dimensions and table located in the F3102 SMT catalog on pages 73, 74, and 77.
Outline Drawing
W
L
B
S
T
CONDUCTIVE METALLIZATION
ELECTRODES
TIN PLATE
NICKEL PLATE
Fail-Safe Floating Electrode MLCC /
FE-CAP / X7R Dielectric
The FE-CAP is a SMD MLCC utilizing a floating internal electrode design, wherein the electrodes are con-
figured to form multiple capacitors in series within a single MLCC package. This not only yields improved
voltage and ESD performance over standard designs, but also mitigates the risk of low-IR or short-circuit
failures that can occur due to board flex. Combined with the stability of an X7R dielectric, the FE-CAP com-
plements KEMET's Open Mode Devices by providing a fail-safe design optimized for low to mid range
capacitance values.
Product Description
FE-CAP Internal Design
Flex Crack
Unique electrode
design allows for
a fail-open during
a flex condition.


Similar Part No. - C1206S151K2RAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206S102J5RACAUTO KEMET-C1206S102J5RACAUTO Datasheet
59Kb / 1P
   SMD Auto X7R FE, Ceramic, Floating Electrode, 1000 pF, 5%, 50 VDC, X7R, SMD, MLCC, FE-CAP, Floating Electrode, Automotive Grade, 1206
C1206S102J5RACTU KEMET-C1206S102J5RACTU Datasheet
59Kb / 1P
   SMD Comm X7R FE, Ceramic, Floating Electrode, 1000 pF, 5%, 50 VDC, X7R, SMD, MLCC, FE-CAP, Floating Electrode, Temperature Stable, 1206
C1206S102JDGACAUTO KEMET-C1206S102JDGACAUTO Datasheet
276Kb / 1P
   SMD C0G HV AUTO FE, Ceramic, 1000 pF, 5%, 1000 VDC, C0G, SMD, MLCC, Floating Electrode, Low Loss, High Voltage, Automotive Grade, 1206
11/14/2022
C1206S102K1RACAUTO KEMET-C1206S102K1RACAUTO Datasheet
59Kb / 1P
   SMD Auto X7R FE, Ceramic, Floating Electrode, 1000 pF, 10%, 100 VDC, X7R, SMD, MLCC, FE-CAP, Floating Electrode, Automotive Grade, 1206
C1206S102K1RACTU KEMET-C1206S102K1RACTU Datasheet
59Kb / 1P
   SMD Comm X7R FE, Ceramic, Floating Electrode, 1000 pF, 10%, 100 VDC, X7R, SMD, MLCC, FE-CAP, Floating Electrode, Temperature Stable, 1206
More results

Similar Description - C1206S151K2RAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
FE-CAP KEMET-FE-CAP Datasheet
68Kb / 3P
   Fail-Safe Floating Electrode MLCCFE-CAP / X7R Dielectric
C0805Y103K5RAC KEMET-C0805Y103K5RAC Datasheet
89Kb / 3P
   Fail-Safe Floating Electrode MLCC with Flexible Termination
C0805S331K5RACTU KEMET-C0805S331K5RACTU Datasheet
60Kb / 1P
   SMD Comm X7R FE, Ceramic, Floating Electrode, 330 pF, 10%, 50 VDC, X7R, SMD, MLCC, FE-CAP, Floating Electrode,
C0805S103M5RACAUTO KEMET-C0805S103M5RACAUTO Datasheet
60Kb / 1P
   SMD Auto X7R FE, Ceramic, Floating Electrode, 0.01 uF, 20%, 50 VDC, X7R, SMD, MLCC, FE-CAP, Floating Electrode,
C1210S104K1RACAUTO KEMET-C1210S104K1RACAUTO Datasheet
59Kb / 1P
   SMD Auto X7R FE, Ceramic, Floating Electrode, 0.1 uF, 10%, 100 VDC, X7R, SMD, MLCC, FE-CAP, Floating Electrode, Automotive Grade, 1210
C0805S332K5RACAUTO KEMET-C0805S332K5RACAUTO Datasheet
60Kb / 1P
   SMD Auto X7R FE, Ceramic, Floating Electrode, 3300 pF, 10%, 50 VDC, X7R, SMD, MLCC, FE-CAP, Floating Electrode, Automotive Grade, 0805
C0805S472K5RACAUTO KEMET-C0805S472K5RACAUTO Datasheet
60Kb / 1P
   SMD Auto X7R FE, Ceramic, Floating Electrode, 4700 pF, 10%, 50 VDC, X7R, SMD, MLCC, FE-CAP, Floating Electrode, Automotive Grade, 0805
C1206S222K5RACAUTO KEMET-C1206S222K5RACAUTO Datasheet
59Kb / 1P
   SMD Auto X7R FE, Ceramic, Floating Electrode, 2200 pF, 10%, 50 VDC, X7R, SMD, MLCC, FE-CAP, Floating Electrode, Automotive Grade, 1206
C0603S223K4RACTU KEMET-C0603S223K4RACTU Datasheet
60Kb / 1P
   SMD Comm X7R FE, Ceramic, Floating Electrode, 0.022 uF, 10%, 16 VDC, X7R, SMD, MLCC, FE-CAP, Floating Electrode, Temperature Stable, 0603
C0603S682K5RACAUTO KEMET-C0603S682K5RACAUTO Datasheet
60Kb / 1P
   SMD Auto X7R FE, Ceramic, Floating Electrode, 6800 pF, 10%, 50 VDC, X7R, SMD, MLCC, FE-CAP, Floating Electrode, Automotive Grade, 0603
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com