Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST16C1450 Datasheet(PDF) 11 Page - Exar Corporation

Part # ST16C1450
Description  2.97V TO 5.5V UART
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C1450 Datasheet(HTML) 11 Page - Exar Corporation

Back Button ST16C1450_05 Datasheet HTML 7Page - Exar Corporation ST16C1450_05 Datasheet HTML 8Page - Exar Corporation ST16C1450_05 Datasheet HTML 9Page - Exar Corporation ST16C1450_05 Datasheet HTML 10Page - Exar Corporation ST16C1450_05 Datasheet HTML 11Page - Exar Corporation ST16C1450_05 Datasheet HTML 12Page - Exar Corporation ST16C1450_05 Datasheet HTML 13Page - Exar Corporation ST16C1450_05 Datasheet HTML 14Page - Exar Corporation ST16C1450_05 Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
xr
ST16C1450
REV. 4.2.1
2.97V TO 5.5V UART
11
.
TABLE 3: INTERNAL REGISTERS DESCRIPTION. SHADED BITS ARE ENABLED WHEN EFR BIT-4=1
ADDRESS
A2-A0
REG
NAME
READ/
WRITE
BIT-7
BIT-6
BIT-5
BIT-4
BIT-3
BIT-2
BIT-1
BIT-0
COMMENT
16C550 Compatible Registers
0 0 0
RHR
RD
Bit-7
Bit-6
Bit-5
Bit-4
Bit-3
Bit-2
Bit-1
Bit-0
LCR[7] = 0
0 0 0
THR
WR
Bit-7
Bit-6
Bit-5
Bit-4
Bit-3
Bit-2
Bit-1
Bit-0
0 0 1
IER
RD/WR
0
0
Special
Mode
Enable
(Enable
MCR bits
7, 2)
0
Modem
Status
Int.
Enable
RX Line
Status
Int.
Enable
TX
Empty
Int.
Enable
RX
Data
Int.
Enable
0 1 0
ISR
RD
0
0
0
0
INT
Source
Bit-3
INT
Source
Bit-2
INT
Source
Bit-1
INT
Source
Bit-0
0 1 1
LCR
RD/WR Divisor
Enable
Set TX
Break
Set
Parity
Even
Parity
Parity
Enable
Stop
Bits
Word
Length
Bit-1
Word
Length
Bit-0
1 0 0
MCR
RD/WR
0/
0
0
Internal
Loop-
back
Enable
(OP2#)/
INT
Output
Enable
(OP1#)/ RTS#
Output
Control
DTR#
Output
Control
LCR[7] = 0
Power
Down
Mode
SOFT
Reset
1 0 1
LSR
RD
0
THR &
TSR
Empty
THR
Empty
RX
Break
RX
Framing
Error
RX
Parity
Error
RX
Over-
run
Error
RX
Data
Ready
1 1 0
MSR
RD
CD#
Input
RI#
Input
DSR#
Input
CTS#
Input
Delta
CD#
Delta
RI#
Delta
DSR#
Delta
CTS#
1 1 1
SPR
RD/WR
Bit-7
Bit-6
Bit-5
Bit-4
Bit-3
Bit-2
Bit-1
Bit-0
Baud Rate Generator Divisor
0 0 0
DLL
RD/WR
Bit-7
Bit-6
Bit-5
Bit-4
Bit-3
Bit-2
Bit-1
Bit-0
LCR[7] = 1
0 0 1
DLM
RD/WR
Bit-7
Bit-6
Bit-5
Bit-4
Bit-3
Bit-2
Bit-1
Bit-0


Similar Part No. - ST16C1450_05

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C1450CJ28 EXAR-ST16C1450CJ28 Datasheet
355Kb / 32P
   2.97V TO 5.5V UART
ST16C1450CP28 EXAR-ST16C1450CP28 Datasheet
355Kb / 32P
   2.97V TO 5.5V UART
ST16C1450CQ48 EXAR-ST16C1450CQ48 Datasheet
355Kb / 32P
   2.97V TO 5.5V UART
ST16C1450IJ28 EXAR-ST16C1450IJ28 Datasheet
355Kb / 32P
   2.97V TO 5.5V UART
ST16C1450IP28 EXAR-ST16C1450IP28 Datasheet
355Kb / 32P
   2.97V TO 5.5V UART
More results

Similar Description - ST16C1450_05

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C1450 EXAR-ST16C1450 Datasheet
355Kb / 32P
   2.97V TO 5.5V UART
XR16L788IQ-F EXAR-XR16L788IQ-F Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L784 EXAR-XR16L784_08 Datasheet
1Mb / 51P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L784CV-F EXAR-XR16L784CV-F Datasheet
1Mb / 51P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L784 EXAR-XR16L784 Datasheet
625Kb / 52P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L784 EXAR-XR16L784_05 Datasheet
873Kb / 52P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L788 EXAR-XR16L788_05 Datasheet
893Kb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L788CQ-F EXAR-XR16L788CQ-F Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L788 EXAR-XR16L788_08 Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com