Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EV2104DJ-00A Datasheet(PDF) 4 Page - Monolithic Power Systems

Part No. EV2104DJ-00A
Description  600mA Synchronous Buck Step-Down Converter
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MPS [Monolithic Power Systems]
Homepage  http://www.monolithicpower.com
Logo 

EV2104DJ-00A Datasheet(HTML) 4 Page - Monolithic Power Systems

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
EV2104DJ-00A – 600mA SYNCHRONOUS BUCK STEP-DOWN CONVERTER
INITIAL RELEASE
NOTICE:
The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
Ev2104DJ-00A Rev. 1.1
www.MonolithicPower.com
4
8/24/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
QUICK START GUIDE (ADJUSTABLE OUTPUT)
The default output voltage of this board is set to 1.8V.
The board layout accommodates most commonly used inductors and output capacitors.
1. Attach the positive and negative ends of the load to the VOUT and GND pins, respectively.
2. Attach the Input Voltage (2.5V
≤ VIN ≤ 6V) and Input Ground to the VIN and GND pins,
respectively.
3. To enable the MP2104 apply a voltage, 1.5V
≤ VEN ≤ 6V, to the EN pin. To disable the MP2104
apply a voltage, VEN < 0.3V, to the EN pin. The default setting for the jumper J1 on the board
connects VIN to the EN pin. In this configuration, the part will operate without applying any
external voltage to the EN pin.
4. The Output Voltage VOUT can be changed by varying R2. Calculate the new value by formula:
1
V
V
1
R
2
R
FB
OUT
⎟⎟
⎜⎜
=
Where VFB = 0.6V and R1 = 300kΩ.
Example:
For VOUT = 2.5V:
=
=
k
150
1
V
6
.
0
V
5
.
2
k
300
2
R
Therefore, use a 150kΩ standard 1% value.
QUICK START GUIDE (MODIFICATION FOR FIXED OUTPUT)
For modifying the EV2104DJ-00A to accommodate a fixed output voltage version of the MP2104:
1. Verify that a fixed output version of the MP2104 chip is on the evaluation board. Refer to
MP2104 datasheet for fixed voltage package codes.
2. Remove both R1 and R2.
3. Short R1 while leaving R2 open.
4. Attach the positive and negative ends of the load to the VOUT and GND pins, respectively.
5. Attach the Input Voltage (2.5V
≤ VIN ≤ 6V) and Input Ground to the VIN and GND pins,
respectively.
6. To enable the MP2104 apply a voltage, 1.5V
≤ VEN ≤ 6V, to the EN pin. To disable the MP2104
apply a voltage, VEN < 0.3V, to the EN pin. The default setting for the jumper J1 on the board
connects VIN to the EN pin. In this configuration, the part will operate without applying any
external voltage to the EN pin.


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn