Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EV2104DJ-00A Datasheet(PDF) 2 Page - Monolithic Power Systems

Part No. EV2104DJ-00A
Description  600mA Synchronous Buck Step-Down Converter
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MPS [Monolithic Power Systems]
Homepage  http://www.monolithicpower.com
Logo 

EV2104DJ-00A Datasheet(HTML) 2 Page - Monolithic Power Systems

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EV2104DJ-00A – 600mA SYNCHRONOUS BUCK STEP-DOWN CONVERTER
EV2104DJ-00A Rev. 1.1
www.MonolithicPower.com
2
8/24/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
EVALUATION BOARD SCHEMATIC
MP2104
SW
FB
EN
GND
IN
VOUT
INPUT
2.5V - 6V
EV2104_S01
OFF ON
C3
NS
R3
NS
J1
EV2104DJ-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Manufacturer P/N
1
C1
4.7µF Ceramic Capacitor, 6.3V, X5R
SM0805
AVX
08056D475KAT2A
1
C2
10µF
Ceramic Capacitor, 6.3V, X5R
SM0805
AVX
08056D106KAT2A
1
C3
Do Not Stuff
1
J1
Jumper
1
L1
10µH 1.04A
SMD
Sumida
CR43-100
1
R1
300kΩ Resistor, 1%
SM0805
Yageo
9C08052A3003FKHFT
1
R2
150kΩ Resistor, 1%
SM0805
Panasonic
ERJ-6ENF1503V
1
R3
Do Not Stuff
1
U1
DC-DC Converter
SOT23-5
MPS
MP2104DJ


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn