Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP1541DJ Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP1541DJ
Description  MP1541 TFT Applications Evaluation Board
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1541DJ Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP1541DJ Datasheet HTML 1Page - Monolithic Power Systems MP1541DJ Datasheet HTML 2Page - Monolithic Power Systems MP1541DJ Datasheet HTML 3Page - Monolithic Power Systems MP1541DJ Datasheet HTML 4Page - Monolithic Power Systems MP1541DJ Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
EV1541DJ-TFT-00A – MP1541 TFT APPLICATIONS EVALUATION BOARD
EVALUATION BOARD
NOTICE:
The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
EV1541DJ-TFT-00A Rev. 1.0
www.MonolithicPower.com
5
6/8/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
QUICK START GUIDE
The output voltage of this board is set to 5V, –10V and 15V on VOUT, VN and VP, respectively. The
board layout accommodates most commonly used inductors and output capacitors.
1. Preset the power supply to 3V
≤ VIN ≤ 3.6V.
2. Turn off the power supply.
3. Connect the power supply terminals to:
a. Positive (+): VIN, EN
b. Negative (–): GND
4. Connect the load to:
a. Positive (+): VOUT, VP, GND (for the negative output)
b. Negative (–): GND, VN (for the negative output)
5. Turn on the power supply after making the connections.
6. The MP1541 is disabled on the evaluation board if only VIN is applied. To enable the MP1541,
EN needs to be pulled HIGH.
7. The output voltage VOUT can be changed by varying R1. Calculate the new value using the
formula:
2
R
1
V
V
1
R
FB
OUT
⎟⎟
⎜⎜
=
Where VFB = 1.25V and R2 = 10kΩ
For example, for VOUT = 7.5V
=
×
=
k
50
k
10
1
V
25
.
1
V
5
.
7
1
R
Therefore use a 49.9kΩ standard 1% value resistor.


Similar Part No. - MP1541DJ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1541DJ MPS-MP1541DJ Datasheet
272Kb / 5P
   4 Output DSL Power Supply
MP1541DJ MPS-MP1541DJ Datasheet
246Kb / 8P
   1.3MHz Boost Converter
MP1541DJ MPS-MP1541DJ Datasheet
317Kb / 8P
   1.3MHz Boost Converter
More results

Similar Description - MP1541DJ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV1542DK-TFT-00A MPS-EV1542DK-TFT-00A Datasheet
221Kb / 5P
   MP1542 TFT Applications Evaluation Board
logo
Newhaven Display Intern...
NHD-3.5-320240MF-22 NEWHAVEN-NHD-3.5-320240MF-22 Datasheet
453Kb / 7P
   TFT Controller Evaluation Board
NHD-3.5-320240MF-20 NEWHAVEN-NHD-3.5-320240MF-20 Datasheet
322Kb / 7P
   TFT Controller Evaluation Board
NHD-3.5-320240MF-34 NEWHAVEN-NHD-3.5-320240MF-34 Datasheet
441Kb / 7P
   TFT Controller Evaluation Board
NHD-4.3-480272MF-22 NEWHAVEN-NHD-4.3-480272MF-22 Datasheet
310Kb / 7P
   TFT Controller Evaluation Board
NHD-4.3-480272MF-20 NEWHAVEN-NHD-4.3-480272MF-20 Datasheet
289Kb / 8P
   TFT Controller Evaluation Board
NHD-4.3-480272MF-34 NEWHAVEN-NHD-4.3-480272MF-34 Datasheet
310Kb / 7P
   TFT Controller Evaluation Board
logo
STMicroelectronics
STEVAL-CCM006V1 STMICROELECTRONICS-STEVAL-CCM006V1 Datasheet
721Kb / 7P
   STM32-based NAND Flash driver evaluation board (without TFT)
November 2013 Rev 1
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com