Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T510X477M006AHE030 Datasheet(PDF) 2 Page - Kemet Corporation

Part # T510X477M006AHE030
Description  SOLID TANTALUM CHIP CAPACITORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T510X477M006AHE030 Datasheet(HTML) 2 Page - Kemet Corporation

  T510X477M006AHE030 Datasheet HTML 1Page - Kemet Corporation T510X477M006AHE030 Datasheet HTML 2Page - Kemet Corporation T510X477M006AHE030 Datasheet HTML 3Page - Kemet Corporation T510X477M006AHE030 Datasheet HTML 4Page - Kemet Corporation T510X477M006AHE030 Datasheet HTML 5Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
SOLID TANTALUM CHIP CAPACITORS
T510 SERIES—High Capacitance
TYPICAL CAP FREQUENCY SCAN @ 25
°C
T510E108M004AS
TYPICAL ESR/Z FREQUENCY SCAN @ 25
°C
T510E108M004AS
100Hz
1kHz
10kHz
100kHz
1MHz
500
600
700
800
900
1000
1100
1200
1300
1400
1500
100Hz
1kHz
10kHz
100kHz
1MHz
.01
.1
1
10
100Hz
1kHz
10kHz
100kHz
1MHz
.01
.1
1
10
0
50
100
150
200
250
300
350
400
450
500
100Hz
1kHz
10kHz
100kHz
1MHz
TYPICAL ESR/Z FREQUENCY SCAN @25˚C
T510X477M006AS
TYPICAL CAP FREQUENCY SCAN @25˚C
T510X477M006AS
T510
CAPACITOR MARKINGS
477
6 K
514
M+
Ultra-Low
ESR Device
Picofarad
Code
KEMET
I. D. Symbol
Rated
Voltage
1st Digit
=Year
2nd & 3rd Digits
= Week
Polarity
Indicator (+)
(Solid Stripe)
“514” = The 14th week
of 2005.
42
Polarity
Indicator
(+)
Lot Code
Picofarad
Code
Voltage
Date
Code
V5
49
Date Code
Month
1 = Jan
7 = Jul
2 = Feb
8= Aug
3 = Mar
9 = Sep
4 = Apr
10 = Oct
5 = May 11 = Nov
6 = Jun
12 = Dec
Date Code
Year
S = 2004
T = 2005
U = 2006
V = 2007
W = 2008
X = 2009
M+
KEMET
Organic
CAPACITOR ALTERNATE MARKINGS


Similar Part No. - T510X477M006AHE030

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T510X477M006AHE030 KEMET-T510X477M006AHE030 Datasheet
608Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
More results

Similar Description - T510X477M006AHE030

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D VISHAY-594D_17 Datasheet
313Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 21-Jun-17
logo
Cornell Dubilier Electr...
T491T156K004AS CDE-T491T156K004AS Datasheet
277Kb / 4P
   Solid Tantalum Chip Capacitors
logo
Vishay Siliconix
TM8 VISHAY-TM8_17 Datasheet
423Kb / 18P
   Solid Tantalum Chip Capacitors
Revision: 09-Mar-17
logo
Kemet Corporation
CWR11DB105MBA KEMET-CWR11DB105MBA Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T495 KEMET-T495 Datasheet
726Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
597D227X9020R2T VISHAY-597D227X9020R2T Datasheet
827Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 25-Jun-13
logo
Kemet Corporation
T495D476K010ATE200 KEMET-T495D476K010ATE200 Datasheet
727Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
T494A105M035AT KEMET-T494A105M035AT Datasheet
751Kb / 7P
   SOLID TANTALUM CHIP CAPACITORS
T498 KEMET-T498 Datasheet
959Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
592D VISHAY-592D_17 Datasheet
335Kb / 25P
   Solid Tantalum Chip Capacitors
Revision: 27-Jun-17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com