Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MH32S72PHB-6 Datasheet(PDF) 15 Page - Mitsubishi Electric Semiconductor

Part No. MH32S72PHB-6
Description  2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH32S72PHB-6 Datasheet(HTML) 15 Page - Mitsubishi Electric Semiconductor

Back Button MH32S72PHB-6 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor MH32S72PHB-6 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor MH32S72PHB-6 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor MH32S72PHB-6 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor MH32S72PHB-6 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor MH32S72PHB-6 Datasheet HTML 16Page - Mitsubishi Electric Semiconductor MH32S72PHB-6 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor MH32S72PHB-6 Datasheet HTML 18Page - Mitsubishi Electric Semiconductor MH32S72PHB-6 Datasheet HTML 19Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
MITSUBISHI
ELECTRIC
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72PHB-6
MITSUBISHI LSIs
12/May. /1999
MIT-DS-0318-0.0
15
AVERAGE SUPPLY CURRENT from Vdd
(Ta=0 ~70C, Vdd = 3.3 ± 0.3V, Vss = 0V, unless otherwise noted)
AC OPERATING CONDITIONS AND CHARACTERISTICS
(Ta=0 ~ 70C, Vdd = 3.3 ± 0.3V, Vss = 0V, unless otherwise noted)
Symbol
Parameter
Test Condition
Limits
Unit
Min. Max.
VOH(DC) High-Level Output Voltage(DC)
IOH=-2mA
2.4
V
VOL(DC) Low-Level Output Voltage(DC)
IOL=2mA
0.4
V
IOZ
Off-stare Output Current
Q floating VO=0 ~ Vdd
uA
Ii
Input Current
VIH=0 ~ Vdd+0.3V
-180 180
uA
Test Condition
Limits
(max)
Unit
tRC=min.tCLK=min, BL=1, CL=3
1530
mA
450
mA
270
mA
36
mA
tCLK=min, BL=4, CL=3
all banks active(discerte)
2160
mA
tRC=min, tCLK=min
3600
mA
CKE <0.2V
36
mA
Note)
1.Icc(max) is specified at the output open condition.
Symbol
Icc1
Icc4
Icc5
Icc6
Parameter
operating current
single bank operation (discrete)
CKE=L,tCLK=15ns
CKE=CLK=L
Icc2P
Icc2PS
precharge stanby current
in Power-down mode
/CS> Vcc-0.2V
burst current
auto-refresh current
self-refresh current
mA
CKE=H,tCLK=15ns,VIH> Vcc-0.2V, VIL<0.2V
Icc2NS
Icc2N
CLK=L & CKE=H, VIH> Vcc-0.2V, VIL<0.2V (fixed)
precharge stanby current in
Non power-down mode
/CS> Vcc-0.2V
720
mA
630
mA
Icc3NS
CKE=H,tCLK=15ns
Icc3N
CKE=H,CLK=L
active stanby current
Note
*1
*1
*1
*1
*1
*1
*1
*1
*1
*1
-20
20
18


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MH32S72AQJA-7 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72AVJA-6 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72BAFA-7 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72BBFA-6 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72BBFA-7 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72DBFA-6 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72DBFA-7 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72VJA-6 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32D72AKLA-10 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Double Data Rate Synchronous DRAM Module 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32D72AKLB-75 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Double Data Rate Synchronous DRAM Module 1  2  3  4  5  More Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn