Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MH32S72PHB-6 Datasheet(PDF) 37 Page - Mitsubishi Electric Semiconductor

Part No. MH32S72PHB-6
Description  2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH32S72PHB-6 Datasheet(HTML) 37 Page - Mitsubishi Electric Semiconductor

Back Button MH32S72PHB-6 Datasheet HTML 32Page - Mitsubishi Electric Semiconductor MH32S72PHB-6 Datasheet HTML 33Page - Mitsubishi Electric Semiconductor MH32S72PHB-6 Datasheet HTML 34Page - Mitsubishi Electric Semiconductor MH32S72PHB-6 Datasheet HTML 35Page - Mitsubishi Electric Semiconductor MH32S72PHB-6 Datasheet HTML 36Page - Mitsubishi Electric Semiconductor MH32S72PHB-6 Datasheet HTML 37Page - Mitsubishi Electric Semiconductor MH32S72PHB-6 Datasheet HTML 38Page - Mitsubishi Electric Semiconductor MH32S72PHB-6 Datasheet HTML 39Page - Mitsubishi Electric Semiconductor MH32S72PHB-6 Datasheet HTML 40Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
MITSUBISHI
ELECTRIC
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72PHB-6
MITSUBISHI LSIs
12/May. /1999
MIT-DS-0318-0.0
Serial Presence Detect Table I
Byte
Function described
SPD enrty data
SPD DATA(hex)
0
# of Serial PD Bytes Written during Production
128
80
1
Total # of Bytes in SPD device
256 Bytes
08
2
Fundamental memory type
SDRAM
04
3
# Row Addresses on this assembly
A0-A11
0C
4
# Column Addresses on this assembly
A0-A9
0A
5
# Module Banks on this assembly
2BANK
02
6
Data Width of this assembly...
x72
48
7
... Data Width continuation
0
00
8
Voltage interface standard of this assembly
LVTTL
01
9
SDRAM Cycletime at Max. Supported CAS Latency (CL).
75
Cycle time for CL=3
10
SDRAM Access from Clock
5.4ns
54
tAC for CL=3
11
DIMM Configuration type (Non-parity,Parity,ECC)
ECC
02
12
Refresh Rate/Type
self refresh(15.625uS)
80
13
SDRAM width,Primary DRAM
x8
08
14
Error Checking SDRAM data width
x8
08
15
Minimum Clock Delay,Back to Back Random Column Addresses
1
01
16
Burst Lengths Supported
1/2/4/8/Full page
8F
17
# Banks on Each SDRAM device
4bank
04
18
CAS# Latency
3
04
19
CS# Latency
0
01
20
Write Latency
0
01
21
SDRAM Module Attributes
unbuffered
00
22
SDRAM Device Attributes:General
Precharge All,Auto precharge
Write1/Read Burst
0E
23
SDRAM Cycle time(2nd highest CAS latency)
Cycle time for CL=2
24
SDRAM Access form Clock(2nd highest CAS latency)
00
tAC for CL=2
25
SDRAM Cycle time(3rd highest CAS latency)
N/A
00
N/A
00
26
SDRAM Access form Clock(3rd highest CAS latency)
27
Precharge to Active Minimum
23ns(22.5ns)
17
28
Row Active to Row Active Min.
15ns
0F
7.5ns
00
29
RAS to CAS Delay Min
30
Active to Precharge Min
45ns
2D
37
N/A
N/A
23ns(22.5ns)
17


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MH32S72AQJA-7 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72AVJA-6 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72BAFA-7 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72BBFA-6 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72BBFA-7 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72DBFA-6 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72DBFA-7 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32S72VJA-6 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Synchronous DYNAMIC RAM 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32D72AKLA-10 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Double Data Rate Synchronous DRAM Module 1  2  3  4  5  More Mitsubishi Electric Semiconductor
MH32D72AKLB-75 2 415 919 104-BIT 33 554 432-WORD BY 72-BIT Double Data Rate Synchronous DRAM Module 1  2  3  4  5  More Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn