Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDR32BP200B3W4 Datasheet(PDF) 9 Page - Kemet Corporation

Part # CDR32BP200B3W4
Description  CERAMIC CHIP CAPACITORS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CDR32BP200B3W4 Datasheet(HTML) 9 Page - Kemet Corporation

Back Button CDR32BP200B3W4 Datasheet HTML 5Page - Kemet Corporation CDR32BP200B3W4 Datasheet HTML 6Page - Kemet Corporation CDR32BP200B3W4 Datasheet HTML 7Page - Kemet Corporation CDR32BP200B3W4 Datasheet HTML 8Page - Kemet Corporation CDR32BP200B3W4 Datasheet HTML 9Page - Kemet Corporation CDR32BP200B3W4 Datasheet HTML 10Page - Kemet Corporation CDR32BP200B3W4 Datasheet HTML 11Page - Kemet Corporation CDR32BP200B3W4 Datasheet HTML 12Page - Kemet Corporation CDR32BP200B3W4 Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
*
Capacitance tolerance K or M. Contact your local KEMET Sales Rep for J tolerance availablity. + Reflow Only
NOTE: For non-standard capacitance values or voltages, contact your local KEMET sales representative.
50 Volt Ceramic Chips can be used for 63 volt applications.
# Extended Range Values – Cap and DF measured @ 0.5 Vrms.
Improved product with higher ratings and tighter capacitance tolerance product may be substituted within the same size (length, width, and thickness) at KEMET's option.
Reels with such substitutions will be marked with the improved KEMET part numbers.
CERAMIC CHIP/STANDARD
X7R CAPACITANCE RANGE – 1210, 1812, 1825, 2220, 2225
NOTE: For non-standard capacitance values or voltages, contact your local KEMET sales representative.
50 Volt Ceramic Chips can be used for 63 volt applications.
* EIA preferred chip sizes
+ Reflow only
See
page 7
8 for Thickness Code Reference Chart
Y5V CAPACITANCE RANGE
6.3V 10V 16V 6.3V 10V 16V 25V 6.3V 10V 16V 25V 50V 6.3V 10V 16V 25V 50V 6.3V 10V
16V 25V 50V
22,000
223
Z
DC
EB
33,000
333
Z
DC
EB
47,000
473
Z
BB
BB
BB
DD
EB
68,000
683
Z
BB
BB
BB
DD
EB
100,000
104
Z
BB
BB
BB
CB
CB
CB
CB
DD
EB
150,000
154
Z
CB
CBCB
CB
DC
DCDCDC
EC
220,000
224
Z
CB
CB
CB
CB
DC
DC
DC
DC
EC
FD+ FD+
330,000
334
Z
CB
CB
CB
CB
DC
DC
DC
DC
EB
FD+ FD+
470,000
474
Z
CC
CC
DC
DC
DC
DC
EC
FD+ FD+
680,000
684
Z
CC
CC
DE
DE
DE
DE
EB
FD+ FD+
1,000,000
105
Z
CC
CC
DG
DG
DG
DG
EG
EG
EG
EG
FH+ FH+
1,500,000
155
Z
DG
DG
DG
EC
EC
EC
FD+
2,200,000
225
Z
DG
DG
DG
ED
ED
ED
FD+
3,300,000
335
Z
DE
DE
EF
EF
EF
FE+
4,700,000
475
Z
DG
DG
EJ
EJ
EM
FG+ FG+ FG+
6,800,000
685
Z
EJ
EJ
FH+ FH+ FH+
10,000,000
106
Z
DH
EJ
EH
FH+ FH+ FP+
15,000,000
156
Z
FD+ FD+
22,000,000
226
Z
EH
FT+ FT+
Cap
pF
Cap
Code
Cap
Tol.
C0402*
C1210*
C0603*
C1206*
C0805*
75
6.3V
10V
16V
25V
50V 100V 200V 25V
50V 100V 200V
50V 100V 200V
50V
100V 200V 50V 100V 200V
2,200
222
K,M,J
FB
FB
FB
FB
FB
FB
FB
2,700
272
K,M,J
FBFB
FB
FB
FB
FBFB
3,300
332
K,M,J
FBFB
FB
FB
FB
FBFB
3,900
392
K,M,J
FBFB
FB
FB
FB
FBFB
4,700
472
K,M,J
FBFB
FB
FB
FB
FBFB
5,600
562
K,M,J
FBFB
FB
FB
FB
FBFB
6,800
682
K,M,J
FBFB
FB
FB
FB
FBFB
GB
GB
GB
GB
8,200
822
K,M,J
FBFB
FB
FB
FB
FBFB
GB
GB
GB
GB
10,000
103
K,M,J
FBFB
FB
FB
FB
FBFB
GB
GB
GB
GB
12,000
123
K,M,J
FBFB
FB
FB
FB
FBFB
GB
GB
GB
GB
15,000
153
K,M,J
FBFB
FB
FB
FB
FBFB
GB
GB
GB
GB
18,000
183
K,M,J
FBFB
FB
FB
FB
FBFB
GB
GB
GB
GB
22,000
223
K,M,J
FBFB
FB
FB
FB
FBFB
GB
GB
GB
GB
HB
HB
HB
27,000
273
K,M,J
FBFB
FB
FB
FB
FBFB
GB
GB
GB
GB
HB
HB
HB
33,000
333
K,M,J
FBFB
FB
FB
FB
FBFB
GB
GB
GB
GB
HB
HB
HB
39,000
393
K,M,J
FBFB
FB
FB
FB
FBFB
GB
GB
GB
GB
HB
HB
HB
47,000
473
K,M,JFB
FB
FBFB
FB
FB
FC
GB
GB
GB
GB
HB
HB
HB
KC
KC
KC
56,000
563
K,M,JFB
FB
FBFB
FB
FB
FC
GB
GB
GB
GB
HB
HB
HB
KC
KC
KC
68,000
683
K,M,JFB
FB
FBFB
FB
FB
FC
GB
GB
GB
GB
HB
HB
HB
KC
KC
KC
82,000
823
K,M,JFB
FB
FBFB
FC
FC
FF
GB
GB
GB
GB
HB
HB
HB
KC
KC
KC
100,000
104
K,M,JFB
FB
FBFB
FB
FD
FG
GB
GB
GB
GB
HB
HB
HB
KC
KC
KC
120,000
124
K,M,JFB
FB
FBFB
FB
FD
GB
GB
GB
GB
HB
HB
HB
KC
KC
KC
150,000
154
K,M,J
FC
FC
FCFC
FCFD
GB
GB
GB
GE
HB
HB
HB
KCKC
KC
180,000
184
K,M,J
FC
FC
FCFC
FCFD
GB
GB
GB
GG
HB
HB
HB
KCKC
KC
220,000
224
K,M,J
FC
FC
FCFC
FCFD
GB
GB
GB
HB
HB
HB
KCKC
KC
270,000
274
K,M,J
FC
FC
FCFC
FCFD
GB
GB
GH
HB
HB
HB
JC
JC
JC
KB
KC
KC
330,000
334
K,M,J
FD
FD
FDFD
FDFD
GB
GB
GH
HB
HB
HB
JC
JC
JC
KB
KC
KC
390,000
394
K,M,JFD
FD
FD
FD
FD
GB
GB
GG
HB
HB
HD
JC
JC
JC
KB
KC
KC
470,000
474
K,M,J
FD
FD
FDFD
FDFD
GB
GB
GG
HB
HB
JC
JC
KB
KC
KD
560,000
564
K,M,JFD
FD
FD
FD
FD
GC
GC
GG
HB
HD
JC
JC
KB
KC
680,000
684
K,M,JFD
FD
FD
FD
FD
GC
GC
GG
HB
HD
JC
JD
KB
KC
820,000
824
K,M,JFF
FF
FF
FF
FF
GE
GE
GG
HB
JC
JF
KB
KC
1,000,000
105
K,M,JFH
FH
FH
FH
FH
FM
GE
GE
GG
HB
JC
KB
KD
1,200,000
125
K,M,JFH
FH
FH
FH
HB
JC
KB
1,500,000
155
K,M,JFH
FH
FH
FH
HB
JC
KC
1,800,000
185
K,M,JFH
FH
FH
FH
HD
JD
KD
2,200,000
225
K,M,J
FJ
FG*+
HF
JF
KD
2,270,000
275
K,M,J
3,300,000
335
K,M,J
FM*+
3,900,000
395
K,M,J
4,700,000
475
K,M,J
FC*+ FC*+ FC*+ FG*+ FS*+
GK+ GK+
5,600,000
565
K,M,J
6,800,000
685
K,M,J
FM+
8,200,000
825
K,M,J
10,000,000
106
K,M,J
FH*+ FH*+ FH*+ FS+
GK+
12,000,000
126
K,M,J
15,000,000
156
K,M,J
18,000,000
186
K,M,J
22,000,000
226
K,M,J
Cap
pF
Cap
Code
Cap
Tol.
C1210*
C1825*
C2220
C2225
C1812*


Similar Part No. - CDR32BP200B3W4

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CDR32BP200B AVX-CDR32BP200B Datasheet
60Kb / 4P
   MIL-PRF-55681/Chips
logo
Kyocera Kinseki Corpota...
CDR32BP200B--- KSS-CDR32BP200B--- Datasheet
281Kb / 4P
   MIL-PRF-55681/Chips
More results

Similar Description - CDR32BP200B3W4

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C122J5GACTU KEMET-C0402C122J5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0603C103J3GACTU KEMET-C0603C103J3GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C473K5RACTU KEMET-C1206C473K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
logo
KOA Speer Electronics, ...
NPO0402A KOA-NPO0402A Datasheet
167Kb / 13P
   Ceramic Chip Capacitors
logo
Kemet Corporation
C0402C229C5GACTU KEMET-C0402C229C5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C225K4RACTU KEMET-C0805C225K4RACTU Datasheet
156Kb / 4P
   CERAMIC CHIP CAPACITORS
C0201C103B1GA KEMET-C0201C103B1GA Datasheet
1Mb / 8P
   CERAMIC CHIP CAPACITORS
C0805C103K5RAC KEMET-C0805C103K5RAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C472K5RACTU KEMET-C0805C472K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C152K1GAC KEMET-C1206C152K1GAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com