Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA575DK Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SA575DK
Description  Low voltage compandor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA575DK Datasheet(HTML) 4 Page - NXP Semiconductors

  SA575DK Datasheet HTML 1Page - NXP Semiconductors SA575DK Datasheet HTML 2Page - NXP Semiconductors SA575DK Datasheet HTML 3Page - NXP Semiconductors SA575DK Datasheet HTML 4Page - NXP Semiconductors SA575DK Datasheet HTML 5Page - NXP Semiconductors SA575DK Datasheet HTML 6Page - NXP Semiconductors SA575DK Datasheet HTML 7Page - NXP Semiconductors SA575DK Datasheet HTML 8Page - NXP Semiconductors SA575DK Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Philips Semiconductors
Product specification
SA575
Low voltage compandor
1997 Nov 07
4
DC ELECTRICAL CHARACTERISTICS (cont.)
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
SA575
UNITS
MIN
TYP
MAX
Crosstalk
1kHz, 0dB, CREF = 220µF
-80
-65
dB
For operational amplifier
VO
Output swing
RL = 10kΩ
VCC-0.4
VCC
V
RL
Output load
1kHz
600
CMR
Input common-mode range
0
VCC
V
CMRR
Common-mode rejection ratio
60
80
dB
IB
Input bias current
VIN = 0.5V to 4.5V
-1
1
µA
VOS
Input offset voltage
3
mV
AVOL
Open-loop gain
RL = 10kΩ
80
dB
SR
Slew rate
Unity gain
1
V/
µs
GBW
Bandwidth
Unity gain
3
MHz
ENI
Input voltage noise
BW = 20kHz
2.5
µV
PSRR
Power supply rejection ratio
1kHz, 250mV
60
dB
NOTES:
1. Operation down to VCC = 2V is possible, but performance is reduced. See curves in Figure 7a and 7b.
2. Reference voltage, VREF, is typically at 1/2VCC.
FUNCTIONAL DESCRIPTION
This section describes the basic subsystems and applications of the
SA575 Compandor. More theory of operation on compandors can
be found in AN174 and AN176. The typical applications of the
SA575 low voltage compandor in an Expandor (1:2), Compressor
(2:1) and Automatic Level Control (ALC) function are explained.
These three circuit configurations are shown in Figures 3, 4, 5
respectively.
The SA575 has two channels for a complete companding system.
The left channel, A, can be configured as a 1:2 Expandor while the
right channel, B, can be configured as either a 2:1 Compressor, a
1:2 Expandor or an ALC. Each channel consists of the basic
companding building blocks of rectifier cell, variable gain cell,
summing amplifier and VREF cell. In addition, the SA575 has two
additional high performance uncommitted op amps which can be
utilized for application such as filtering, pre-emphasis/de-emphasis
or buffering.
Figure 6 shows the complete schematic for the applications demo
board. Channel A is configured as an expandor while channel B is
configured so that it can be used either as a compressor or as an
ALC circuit. The switch, S1, toggles the circuit between compressor
and ALC mode. Jumpers J1 and J2 can be used to either include
the additional op amps for signal conditioning or exclude them from
the signal path. Bread boarding space is provided for R1, R2, C1,
C2, R10, R11, C10 and C11 so that the response can be tailored for
each individual need. The components as specified are suitable for
the complete audio spectrum from 20Hz to 20kHz.
The most common configuration is as a unity gain non-inverting
buffer where R1, C1, C2, R10, C10 and C11 are eliminated and R2
and R11 are shorted. Capacitors C3, C5, C8, and C12 are for DC
blocking. In systems where the inputs and outputs are AC coupled,
these capacitors and resistors can be eliminated. Capacitors C4
and C9 are for setting the attack and release time constant.
C6 is for decoupling and stabilizing the voltage reference circuit.
The value of C6 should be such that it will offer a very low
impedance to the lowest frequencies of interest. Too small a
capacitor will allow supply ripple to modulate the audio path. The
better filtered the power supply, the smaller this capacitor can be.
R12 provides DC reference voltage to the amplifier of channel B.
R6 and R7 provide a DC feedback path for the summing amp of
channel B, while C7 is a short-circuit to ground for signals. C14 and
C15 are for power supply decoupling. C14 can also be eliminated if
the power supply is well regulated with very low noise and ripple.
DEMONSTRATED PERFORMANCE
The applications demo board was built and tested for a frequency
range of 20Hz to 20kHz with the component values as shown in
Figure 6 and VCC = 5V. In the expandor mode, the typical input
dynamic range was from -34dB to +12dB where 0dB is equal to
100mVRMS. The typical unity gain level measured at 0dB @ 1kHz
input was +0.5dB and the typical tracking error was +0.1dB for input
range of -30 to +10dB.
In the compressor mode, the typical input dynamic range was from
-42dB to +18dB with a tracking error +0.1dB and the typical unity
gain level was +0.5dB.
In the ALC mode, the typical input dynamic range was from -42dB to
+8dB with typical output deviation of +0.2dB about the nominal
output of 0dB. For input greater than +9dB in ALC configuration, the
summing amplifier sometimes exhibits high frequency oscillations.
There are several solutions to this problem. The first is to lower the
values of R6 and R7 to 20k
Ω each. The second is to add a current
limiting resistor in series with C12 at Pin 13. The third is to add a
compensating capacitor of about 22 to 30pF between the input and
output of summing amplifier (Pins 12 and 14). With any one of the
above recommendations, the typical ALC mode input range
increased to +18dB yielding a dynamic range of over 60dB.
EXPANDOR
The typical expandor configuration is shown in Figure 3. The
variable gain cell and the rectifier cell are in the signal input path.
The VREF is always 1/2 VCC to provide the maximum headroom
without clipping. The 0dB ref is 100mVRMS. The input is AC
coupled through C5, and the output is AC coupled through C3. If in
a system the inputs and outputs are AC coupled, then C3 and C5
can be eliminated, thus requiring only one external component, C4.
The variable gain cell and rectifier cell are DC coupled so any offset


Similar Part No. - SA575DK

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SA575D ONSEMI-SA575D Datasheet
126Kb / 16P
   Low Voltage Compandor
September, 2006 ??Rev. 3
SA575DR2 ONSEMI-SA575DR2 Datasheet
126Kb / 16P
   Low Voltage Compandor
September, 2006 ??Rev. 3
SA575DR2G ONSEMI-SA575DR2G Datasheet
126Kb / 16P
   Low Voltage Compandor
September, 2006 ??Rev. 3
SA575DTB ONSEMI-SA575DTB Datasheet
126Kb / 16P
   Low Voltage Compandor
September, 2006 ??Rev. 3
SA575DTBG ONSEMI-SA575DTBG Datasheet
132Kb / 16P
   Low Voltage Compandor
September, 2006 ??Rev. 3
More results

Similar Description - SA575DK

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK10651 TOKO-TK10651 Datasheet
124Kb / 12P
   LOW VOLTAGE COMPANDOR
logo
ON Semiconductor
SA575DTBG ONSEMI-SA575DTBG Datasheet
132Kb / 16P
   Low Voltage Compandor
September, 2006 ??Rev. 3
logo
Unisonic Technologies
USA575 UTC-USA575_16 Datasheet
232Kb / 7P
   LOW VOLTAGE COMPANDOR
logo
ON Semiconductor
SA575DTBR2G ONSEMI-SA575DTBR2G Datasheet
132Kb / 16P
   Low Voltage Compandor
September, 2006 ??Rev. 3
logo
Unisonic Technologies
USA575 UTC-USA575 Datasheet
230Kb / 7P
   LOW VOLTAGE COMPANDOR
logo
ON Semiconductor
SA575 ONSEMI-SA575 Datasheet
126Kb / 16P
   Low Voltage Compandor
September, 2006 ??Rev. 3
logo
NXP Semiconductors
SA576 PHILIPS-SA576 Datasheet
77Kb / 7P
   Low power compandor
1997 Aug 14
NE576 PHILIPS-NE576 Datasheet
102Kb / 3P
   Low Power Compandor
December 1993
logo
ON Semiconductor
LA8630MC ONSEMI-LA8630MC Datasheet
197Kb / 8P
   Low Voltage and Current Dissipation Compandor IC
January 2016 - Rev. 0
logo
Sanyo Semicon Device
LA8630 SANYO-LA8630 Datasheet
133Kb / 6P
   Low Voltage and Current Dissipation Compandor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com