Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T525D227M003AHE040 Datasheet(PDF) 2 Page - Kemet Corporation

Part # T525D227M003AHE040
Description  CONDUCTIVE POLYMER CHIP CAPACITORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T525D227M003AHE040 Datasheet(HTML) 2 Page - Kemet Corporation

  T525D227M003AHE040 Datasheet HTML 1Page - Kemet Corporation T525D227M003AHE040 Datasheet HTML 2Page - Kemet Corporation T525D227M003AHE040 Datasheet HTML 3Page - Kemet Corporation T525D227M003AHE040 Datasheet HTML 4Page - Kemet Corporation T525D227M003AHE040 Datasheet HTML 5Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
54
CONDUCTIVE POLYMER CHIP CAPACITORS
T525 SERIES - High Temperature
T 525
Capacitance Picofarad Code
Case Size
B, D, T
Tantalum
Series
T525 - High Temperature
D 337 M 006
T
Capacitance Tolerance
M = ± 20%
Lead Material
Failure Rate
A - Not Applicable
Voltage
T - 100% Tin
E040
ESR
A
First two digits represent significant figures.
Third digit specifies number of zeros to follow.
Tantalum Polymer (KT)
Note: 006 - 6.3
Expressed in milliohms
H - Tin/Lead (SnPb
5% Pb minimum)
T525 ORDERING INFORMATION
T525 RATINGS & PART NUMBER REFERENCE
(1)
To complete KEMET Part Number, insert lead material designation for ordering information below. Higher voltage ratings and tighter tolerance
product may be substituted within the same size at KEMET’S option. Voltage substitutions will be marked with the higher voltage rating.
w/
ΔT= 20°C
@ -55°C to
105°C
w/
ΔT= 2°C
@ 125°C
100.0
T
T525T107M2R5A(1)E080
25
8.0
80
0.9
0.3
330.0
D
T525D337M2R5A(1)E025
83
10.0
25
2.4
0.8
470.0
D
T525D477M2R5A(1)E025
118
10.0
25
2.4
0.8
680.0
D
T525D687M2R5A(1)E025
170
10.0
25
2.4
0.8
100.0
B
T525B107M003A(1)E080
30
8.0
80
1.0
0.3
150.0
B
T525B157M003A(1)E080
45
8.0
80
1.0
0.3
330.0
D
T525D337M003A(1)E025
99
10.0
25
2.4
0.8
470.0
D
T525D477M003A(1)E025
141
10.0
25
2.4
0.8
680.0
D
T525D687M003A(1)E025
204
10.0
25
2.4
0.8
68.0
T
T525T686M004A(1)E080
27
8.0
80
0.9
0.3
68.0
B
T525B686M004A(1)E080
28
8.0
80
1.0
0.3
100.0
B
T525B107M004A(1)E080
40
8.0
80
1.0
0.3
220.0
D
T525D227M004A(1)E025
88
10.0
25
2.4
0.8
330.0
D
T525D337M004A(1)E025
132
10.0
25
2.4
0.8
470.0
D
T525D477M004A(1)E025
188
10.0
25
2.4
0.8
470.0
D
T525D477M004A(1)E040
188
10.0
40
1.9
0.6
33.0
B
T525B336M006A(1)E080
21
8.0
80
1.0
0.3
47.0
T
T525T476M006A(1)E080
30
8.0
80
0.9
0.3
47.0
B
T525B476M006A(1)E080
30
8.0
80
1.0
0.3
68.0
B
T525B686M006A(1)E080
43
8.0
80
1.0
0.3
150.0
D
T525D157M006A(1)E025
95
10.0
25
2.4
0.8
220.0
D
T525D227M006A(1)E025
139
10.0
25
2.4
0.8
330.0
D
T525D337M006A(1)E025
208
10.0
25
2.4
0.8
330.0
D
T525D337M006A(1)E040
208
10.0
40
1.9
0.6
33.0
T
T525T336M008A(1)E080
26
8.0
80
0.9
0.3
22.0
B
T525B226M010A(1)E080
22
8.0
80
1.0
0.3
33.0
T
T525T336M010A(1)E080
33
8.0
80
0.9
0.3
33.0
B
T525B336M010A(1)E080
33
8.0
80
1.0
0.3
100.0
D
T525D107M010A(1)E025
100
10.0
25
2.4
0.8
100.0
D
T525D107M010A(1)E055
100
10.0
55
1.7
0.5
150.0
D
T525D157M010A(1)E025
150
10.0
25
2.4
0.8
150.0
D
T525D157M010A(1)E055
150
10.0
55
1.7
0.5
220.0
D
T525D227M010A(1)E025
220
10.0
25
2.4
0.8
47.0
D
T525D476M016A(1)E035
76
10.0
35
2.1
0.7
47.0
D
T525D476M016A(1)E065
76
10.0
65
1.5
0.5
DF%
@ 25°C
120 Hz
Max
ESR m
Ω
@ 25°C
100 kHz
Max
Capaci-
tance µF
Case
Size
KEMET Part Number
DC
Leakage
µA @ 25°C
Max
Ripple Current
(Arms)
100 kHz Max
2.5 Volt Rating at 105°C (1.7 Volt Rating at 125°C)
3 Volt Rating at 105°C (2 Volt Rating at 125°C)
4 Volt Rating at 105°C (2.7 Volt Rating at 125°C)
6.3 Volt Rating at 105°C (4.2 Volt Rating at 125°C)
10 Volt Rating at 105°C (6.6 Volt Rating at 125°C)
16 Volt Rating at 105°C (10.6 Volt Rating at 125°C)
8 Volt Rating at 105°C (5.3 Volt Rating at 125°C)


Similar Part No. - T525D227M003AHE040

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T525D227M004AE025 KEMET-T525D227M004AE025 Datasheet
698Kb / 5P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T525D227M004AH4095 KEMET-T525D227M004AH4095 Datasheet
419Kb / 2P
   High Temperature Tantalum Surface Mount Capacitor
T525D227M004ATE025 KEMET-T525D227M004ATE025 Datasheet
76Kb / 1P
   Tantalum, Polymer Tantalum, T525, 220 uF, 20%, 4 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 25 mOhms, Height Max = 3.1mm
T525D227M006AE025 KEMET-T525D227M006AE025 Datasheet
698Kb / 5P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T525D227M006AH4095 KEMET-T525D227M006AH4095 Datasheet
419Kb / 2P
   High Temperature Tantalum Surface Mount Capacitor
More results

Similar Description - T525D227M003AHE040

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T520 KEMET-T520 Datasheet
741Kb / 7P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T525 KEMET-T525_1 Datasheet
698Kb / 5P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T520 KEMET-T520_1 Datasheet
807Kb / 8P
   CONDUCTIVE POLYMER CHIP CAPACITORS
logo
AVX Corporation
TCQB476M006R0070 AVX-TCQB476M006R0070 Datasheet
176Kb / 3P
   Automotive Conductive Polymer Chip Capacitors
logo
Rohm
TCO_B ROHM-TCO_B_12 Datasheet
133Kb / 7P
   Conductive polymer chip capacitors(Standard)
logo
AVX Corporation
TCQ AVX-TCQ Datasheet
494Kb / 4P
   Automotive Conductive Polymer Chip Capacitors
TCJ AVX-TCJ Datasheet
1Mb / 11P
   Conductive Polymer Solid Electrolytic Chip Capacitors
logo
MERITEK ELECTRONICS COR...
PEVA MERITEK-PEVA Datasheet
805Kb / 2P
   Conductive Polymer Aluminum Solid Capacitors (V Chip)
logo
AVX Corporation
TCM AVX-TCM Datasheet
610Kb / 4P
   Conductive Polymer Solid Electrolytic Chip Multianode Capacitors
logo
MERITEK ELECTRONICS COR...
PEV5 MERITEK-PEV5 Datasheet
972Kb / 5P
   Conductive Polymer Aluminum Solid Capacitors (V Chip)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com