Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDR32BP100B3W4 Datasheet(PDF) 19 Page - Kemet Corporation

Part # CDR32BP100B3W4
Description  CERAMIC CHIP CAPACITORS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CDR32BP100B3W4 Datasheet(HTML) 19 Page - Kemet Corporation

Back Button CDR32BP100B3W4 Datasheet HTML 15Page - Kemet Corporation CDR32BP100B3W4 Datasheet HTML 16Page - Kemet Corporation CDR32BP100B3W4 Datasheet HTML 17Page - Kemet Corporation CDR32BP100B3W4 Datasheet HTML 18Page - Kemet Corporation CDR32BP100B3W4 Datasheet HTML 19Page - Kemet Corporation CDR32BP100B3W4 Datasheet HTML 20Page - Kemet Corporation CDR32BP100B3W4 Datasheet HTML 21Page - Kemet Corporation CDR32BP100B3W4 Datasheet HTML 22Page - Kemet Corporation CDR32BP100B3W4 Datasheet HTML 23Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
CERAMIC CAPACITOR ARRAY
Four individual capacitors inside
one 1206 monolithic structure
Saves board and inventory space
One placement instead of four - less costly
Easier to handle and solder than 4 smaller chips
Tape and reel per EIA 481-1
RoHS Compliant
FEATURES
W
BW
P/2
Ref
P
L
CL
BW1
T
CAPACITOR OUTLINE DRAWING
TABLE 1
EIA DIMENSIONS – MILLIMETERS (INCHES)
1632
3.2 (0.126)
± 0.2 (0.008)
1.6 (.063)
± 0.2 (.008)
0.7 - 1.35
(0.027 - 0.053)
0.40 (0.016)
± 0.2 (0.008)
0.1 - 0.5
(0.004 - 0.020)
Size
Code
Length
L
Width
W
Thickness
T (max.)
Bandwidth
BW
Bandwidth
BW1
0.8 (0.031)
± 0.1 (0.004)
Pitch
P
Notes:
1. Metric is controlling - English for reference only.
2. Pitch (P) tolerances are non-cumulative along the package.
3. Thickness (T) depends on capacitance.
END METALLIZATION
Expressed in Picofarads (pF)
First two digits represent significant figures.
Third digit specifies number of zeros. (Use 9
for 1.0 thru 9.9pF. (Example: 2.2pF = 229
CERAMIC
EIA SIZE CODE
SPECIFICATION
CAPACITANCE CODE
VOLTAGE
C - Standard
CAPACITANCE TOLERANCE
K – ±10%: M – ±20% Standard Tolerances
Contact factory for any special requirements.
C-Standard
(Tin-plated nickel barrier)
5 = 50v; 3 = 25v; 4 = 16v; 8=10v
C
1632
C
103
K
5
R
C
FAILURE RATE LEVEL
A
A- Not Applicable
TEMPERATURE CHARACTERISTIC
Designated by Capacitance
Change Over Temperature Range
G – C0G (NP0) (±30 PPM/°C)
R – X7R (±15%)
Ceramic chip array
CERAMIC ARRAY ORDERING INFORMATION
85


Similar Part No. - CDR32BP100B3W4

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CDR32BP100B AVX-CDR32BP100B Datasheet
60Kb / 4P
   MIL-PRF-55681/Chips
logo
Kyocera Kinseki Corpota...
CDR32BP100B--- KSS-CDR32BP100B--- Datasheet
281Kb / 4P
   MIL-PRF-55681/Chips
More results

Similar Description - CDR32BP100B3W4

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C122J5GACTU KEMET-C0402C122J5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0603C103J3GACTU KEMET-C0603C103J3GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C473K5RACTU KEMET-C1206C473K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
logo
KOA Speer Electronics, ...
NPO0402A KOA-NPO0402A Datasheet
167Kb / 13P
   Ceramic Chip Capacitors
logo
Kemet Corporation
C0402C229C5GACTU KEMET-C0402C229C5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C225K4RACTU KEMET-C0805C225K4RACTU Datasheet
156Kb / 4P
   CERAMIC CHIP CAPACITORS
C0201C103B1GA KEMET-C0201C103B1GA Datasheet
1Mb / 8P
   CERAMIC CHIP CAPACITORS
C0805C103K5RAC KEMET-C0805C103K5RAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C472K5RACTU KEMET-C0805C472K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C152K1GAC KEMET-C1206C152K1GAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com