Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T195D256K008ASC-0200 Datasheet(PDF) 11 Page - Kemet Corporation

Part # T195D256K008ASC-0200
Description  Wet Tantalum General Information
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T195D256K008ASC-0200 Datasheet(HTML) 11 Page - Kemet Corporation

Back Button T195D256K008ASC-0200 Datasheet HTML 7Page - Kemet Corporation T195D256K008ASC-0200 Datasheet HTML 8Page - Kemet Corporation T195D256K008ASC-0200 Datasheet HTML 9Page - Kemet Corporation T195D256K008ASC-0200 Datasheet HTML 10Page - Kemet Corporation T195D256K008ASC-0200 Datasheet HTML 11Page - Kemet Corporation T195D256K008ASC-0200 Datasheet HTML 12Page - Kemet Corporation T195D256K008ASC-0200 Datasheet HTML 13Page - Kemet Corporation T195D256K008ASC-0200 Datasheet HTML 14Page - Kemet Corporation T195D256K008ASC-0200 Datasheet HTML 15Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300
Wet Tantalum General Information
Ordering Information
Mil-PRF-39006
Component Marking
Case Size
KEMET
EIA
Pieces per Tray
AT1
20
BT2
20
CT3
20
DT4
20
Packaging
T19X Commercial
Component Marking
* 1st & 2nd digit = Year;
3rd & 4th digit = Week
Case Size
Average Weight
KEMET
EIA
(grams)
A
T1
2.0
B
T2
5.1
C
T3
8.1
D
T4
14.3
Component Weight
Construction
* 1st & 2nd digit = Year
3rd & 4th digit = Week
K T192 +
6R8 μF
10% 75V+
0602AA
Manufacturer’s Identification,
Series, Polarity
Nominal Capacitance in Microfarads (μF)
(“R” Indicates a Decimal)
Capacitance Tolerance, Voltage Polarity
Date*/Lot Code
M39006/ +
22-0061
JAN K
+
31433
0605AA +
15μF 15V
Military Specification, Polarity
Specification Sheet Number
JAN Marking, Trademark, Polarity
CAGE Code
Date*/Lot Code, Polarity
Capacitance, Voltage
11
T
192
A
256
M
008
A
S
C
TANTALUM
SERIES
T190/T290 MIL-PRF-39006/30 (CLR90)
T191/T291 MIL-PRF-39006/31 (CLR91)
T192/T292 MIL-PRF-39006/22 (CLR79)
T195/T295 MIL-PRF-39006/25 (CLR81)
T197 & T198 High Temperature
CASE SIZE
A,B,C,D
CAPACITANCE PICOFARAD CODE
First two digits represent significant figures.
Third digit specifies number of zeros.
CAPACITANCE TOLERANCE
M = ±20%, K = ±10%
VOLTAGE
As Shown
FAILURE RATE
A = Not Applicable
LEAD MATERIAL
S - Standard Solder Coated Nickel
(Sn/Pb content)
*Refer to www.kemet.com for lead material transition to Pb free.
SPECIFICATION
(when necessary)
C-0100 (Uninsulated Components)
C-0200 (High Shock, High Vibration)


Similar Part No. - T195D256K008ASC-0200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T19-36 ETC1-T19-36 Datasheet
68Kb / 1P
   T 19-36
logo
Ferroxcube Internationa...
T19-3C11 FERROXCUBE-T19-3C11 Datasheet
42Kb / 3P
   Ferrite toroids
logo
TE Connectivity Ltd
T1900100232-009 TEC-T1900100232-009 Datasheet
384Kb / 1P
   H10BPR-TS/GH-PG/M-EMC-C
T1900102232-009 TEC-T1900102232-009 Datasheet
384Kb / 1P
   H10BPR-TS/GH-PG/M-EMC-C
logo
Infineon Technologies A...
T1900N INFINEON-T1900N Datasheet
416Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2021-03-10 Revision: 3.1
More results

Similar Description - T195D256K008ASC-0200

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
CA30 DBLECTRO-CA30 Datasheet
242Kb / 2P
   Wet Tantalum Capacitor
logo
Vishay Siliconix
135D826X9125K6 VISHAY-135D826X9125K6 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
135D566X9125K2 VISHAY-135D566X9125K2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
logo
Cornell Dubilier Electr...
TAT306M00611 CDE-TAT306M00611 Datasheet
284Kb / 12P
   Wet Tantalum Capacitor
logo
Vishay Siliconix
MTPH VISHAY-MTPH Datasheet
58Kb / 2P
   Wet Tantalum Capacitors
Revision 02-Sep-03
logo
AVX Corporation
TWA-Y AVX-TWA-Y Datasheet
178Kb / 4P
   Wet Electrolytic Tantalum Capacitor
logo
Vishay Siliconix
DLA19001 VISHAY-DLA19001 Datasheet
129Kb / 7P
   Wet Tantalum SMD Capacitors, Tantalum Metal Case
T16 VISHAY-T16 Datasheet
96Kb / 5P
   Wet Tantalum Capacitors, Extended Capacitance, Tantalum Case
134D687X9050K6 VISHAY-134D687X9050K6 Datasheet
94Kb / 4P
   Wet Tantalum HI-TMP Capacitors Tantalum Case
Revision: 21-Mar-13
136D VISHAY-136D Datasheet
109Kb / 7P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com