Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T498 Datasheet(PDF) 3 Page - Kemet Corporation

Part # T498
Description  Product Update - T498 High Temperature (150) Tantalum SMT Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T498 Datasheet(HTML) 3 Page - Kemet Corporation

  T498 Datasheet HTML 1Page - Kemet Corporation T498 Datasheet HTML 2Page - Kemet Corporation T498 Datasheet HTML 3Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
©2005 KEMET Electronics Corp.
May 2005
+20°C internal rise and an arbitrary figure in defining the
power capability for these devices.
This arbitrary rise
added to the ambient temperature creates the absolute in-
ternal temperature of the component. Since capacitors are
life tested under DC or static stress, there is no temperature
rise at the maximum rated temperature of the device. Only
by using the positive tolerance of +2°C at this temperature,
can we define a “tested capability” at this temperature ex-
treme. We then need to look at the difference between the
temperature extreme and the assigned or arbitrary rise of
+20°C, to calculate the point at which a power derating is
applied. For 150°C, and an allowable rise of +20°C, the
power derating must begin at 130°C. The power capabil-
ity (allowing a +20°C rise) for this device is the same from
-55°C through 130°C.
If the case power is defined as
150mW, then the power capability is defined as 150mW
for this temperature range. There is a linear reduction in
that power capability then applied from 100% at 130°C,
down to 15 mW (10% or 2°C/20°C) at 150°C. Figure 6
shows this delineation.
Figure 6. Power derating to maximum temperatures.
The allowable temperature rise is arbitrary and two
considerations must be weighed when choosing this figure.
First, the internal temperature rise plus the ambient must
never exceed the maximum temperature plus 2°C. To do
so would create an environment in which there is no reli-
ability data to justify this application.
Second, the rise
must be considered as a potential thermal shock condition
when the device is at ambient temperature and immedi-
ately after power is applied. Deltas in excess of +50°C
may lead to thermal gradients that could induce stresses
high enough to cause an internal fracture and failure.
It is evident from the plot of Figure 6 that the differ-
ence in these two types of capacitors creates entirely dif-
ferent power capabilities between 105°C and 125°C. For
example, the power dissipation for the standard tantalum
at 125°C is down to 10% of the case defined power capa-
bility, while the T498 shows a capability at this tempera-
ture of 100% of the case defined power. Consider that
these are two “D” case units and the actual power capabil-
ity here is 15 mW for the standard and 150 mW for the
T498. For devices of equal capacitance and ESR, the rip-
ple capability for the T498 would increase by a factor of
3.16 (square root of 10).
Application Areas
The ideal applications for these components begin
where the standard products’ end.
At temperatures be-
tween 115°C and 140°C, these applications would still al-
low a 10°C margin or better, between the rating and the
application. New under hood or in system applications
may be considered with the T498 that were previously
thought to be too precarious for the standard tantalum.
1
RoHS –“Restriction on the use of certain Hazardous Substances in
Electrical and Electronic Equipment” (European Union directive 2002 /
95 / EC)
2
J-STD-020C – IPC/JEDEC Joint Industry Standard – Moisture/Reflow
Sensitivity Classification
3
MIL-HDBK-217F – Notice 2, Reliability Prediction of Electronic
Equipment, Department of Defense, December 2, 1991, Washington,
DC.


Similar Part No. - T498

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T498 KEMET-T498 Datasheet
959Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T498 KEMET-T498 Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
T498 KEMET-T498 Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
T498A105K006AGE1K5 KEMET-T498A105K006AGE1K5 Datasheet
959Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T498A105K006AGE500 KEMET-T498A105K006AGE500 Datasheet
959Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
More results

Similar Description - T498

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T498D106K050ATE1K0 KEMET-T498D106K050ATE1K0 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??High Temperature T498 150C Rated MnO2 Series
PBU-022415-CA KEMET-PBU-022415-CA Datasheet
231Kb / 3P
   Product/Process Bulletin Update
T499 KEMET-T499_1 Datasheet
552Kb / 3P
   High Temperature (175) Tantalum SMT Capaci
logo
Vishay Siliconix
TH3B226K016C1900 VISHAY-TH3B226K016C1900 Datasheet
573Kb / 8P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT Molded Case, High Temperature 150 C
Revision: 27-Jun-13
logo
Kemet Corporation
T502D685M035AG6110 KEMET-T502D685M035AG6110_16 Datasheet
1Mb / 15P
   Tantalum Surface Mount Capacitors ??High Temperature
T502D685M035AG6110 KEMET-T502D685M035AG6110 Datasheet
1Mb / 16P
   Tantalum Surface Mount Capacitors ??High Temperature
T498X476K035ATE500 KEMET-T498X476K035ATE500 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, High Temperature, T498, 47 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, Hi-Temp, 150C, Auto, AECQ200, N/A, 500 mOhms, 4.3mm
logo
AVX Corporation
THJB105K035RJN AVX-THJB105K035RJN Datasheet
90Kb / 3P
   High Temperature Tantalum Chip Capacitor
THJA104K035RJN AVX-THJA104K035RJN Datasheet
113Kb / 3P
   High Temperature Tantalum Chip Capacitor
logo
Vishay Siliconix
TH3 VISHAY-TH3_17 Datasheet
576Kb / 19P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Molded Case, HI-TMP® High Temperature 150 °C, Automotive Grade
Revision: 20-Jun-17
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com