Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C0805F473M1RAC Datasheet(PDF) 1 Page - Kemet Corporation

Part No. C0805F473M1RAC
Description  Open Mode Surface Mount Ceramic Chip Capacitors - X7R Dielectric
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEMET [Kemet Corporation]
Homepage  http://www.kemet.com
Logo 

C0805F473M1RAC Datasheet(HTML) 1 Page - Kemet Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
F9121C 9/06
Product Bulletin
Dimensions – Millimeters (Inches)
EIA Size
Code
Metric Size
Code
L
Length
W
Width
B
Bandwidth
S
Separation
0805
2012
2.0 (.079)
± 0.2 (.008)
1.25 (.049)
± 0.2 (.008)
0.05 (.02)
± 0.25 (.010)
0.75 (.030)
1206
3216
3.2 (.126)
± 0.2 (.008)
1.6 (.063)
± 0.2 (.008)
0.05 (.02)
± 0.25 (.010)
N/A
1210
3225
3.2 (.126)
± 0.2 (.008)
2.5 (.098)
± 0.2 (.008)
0.05 (.02)
± 0.25 (.010)
N/A
See below for thickness dimension.
Capacitance Value
Capacitance
Values (µF)
KEMET Part
Number
Voltage
*Capacitance
Tolerance
Thickness
mm
Qty
7” Reel
Qty
13” Reel
.047
C0805F473_1RAC
100
K, M
1.0 (.039) ± 0.10 (.004)
2,500
10,000
.068
C0805F683_1RAC
100
K, M
1.25 (.049) ± 0.15 (.006)
2,500
10,000
0.22
C1206F224_1RAC
100
K, M
1.0 (.039) ± 0.10 (.004)
2,500
10,000
0.33
C1206F334_1RAC
100
K, M
1.6 (.063) ± 0.15 (.006)
2,000
8,000
1.0
C1210F105_1RAC
100
K, M
2.5 (.098) ± 0.20 (.008)
1,500
8,000
Outline Drawing
W
L
B
S
T
CONDUCTIVE METALLIZATION
ELECTRODES
TIN PLATE
NICKEL PLATE
Open Mode Surface Mount Ceramic Chip Capacitors – X7R Dielectric


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn