Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T525D687M003AH4095 Datasheet(PDF) 2 Page - Kemet Corporation

Part # T525D687M003AH4095
Description  High Temperature Tantalum Surface Mount Capacitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T525D687M003AH4095 Datasheet(HTML) 2 Page - Kemet Corporation

  T525D687M003AH4095 Datasheet HTML 1Page - Kemet Corporation T525D687M003AH4095 Datasheet HTML 2Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
Capacitance Tolerance
M = ±20%
Series
T525 - High Temperature Polymer
Lead Material
H = (Sn) Solder-Coated (90% Sn/10% Pb)
Case Size
T,B,D,
Capacitance Picofarad Code
First two digits represent significant figures. Third
digit specifies number of zeros to follow.
Tantalum
T
525
D
337
M
006
A
H
4096
DSCC Designator
4095 = DSCC Dwg. 04051 Designator
4096 = DSCC Dwg. 04051 Designator
Failure Rate
A = Not Applicable
Voltage
Ratings & Part Number Reference
Ordering Information
Capaci-
tance μF
Case
Size
KEMET Part Number
DSCC Dwg.
No. 04051
Part Number
DC
Leakage
μA @ 25°C
Max
DF%
@ 25°C
120 Hz
Max
ESR m
Ω
Ω
@ 25°C
100 kHz
Max
Ripple Current
(Arms)
100 kHz Max
w/
ΔΔT= 20°C
@ -55°C to
105°C
w/
ΔΔT= 2°C
@ 125°C
2.5 Volt Rating at 105°C (1.7 Volt Rating at 125°C)
100.0
T
T525T107M2R5AH4095
04051-001
25
8.0
80
0.9
0.3
330.0
D
T525D337M2R5AH4095
04051-002
83
10.0
25
2.4
0.8
470.0
D
T525D477M2R5AH4095
04051-003
118
10.0
25
2.4
0.8
680.0
D
T525D687M2R5AH4095
04051-004
170
10.0
25
2.4
0.8
3 Volt Rating at 105°C (2 Volt Rating at 125°C)
100.0
B
T525B107M003AH4095
04051-005
30
8.0
80
1.0
0.3
150.0
B
T525B157M003AH4095
04051-006
45
8.0
80
1.0
0.3
330.0
D
T525D337M003AH4095
04051-007
99
10.0
25
2.4
0.8
470.0
D
T525D477M003AH4095
04051-008
141
10.0
25
2.4
0.8
680.0
D
T525D687M003AH4095
04051-009
204
10.0
25
2.4
0.8
4 Volt Rating at 105°C (2.7 Volt Rating at 125°C)
68.0
T
T525T686M004AH4095
04051-010
27
8.0
80
0.9
0.3
68.0
B
T525B686M004AH4095
04051-011
28
8.0
80
1.0
0.3
100.0
B
T525B107M004AH4095
04051-012
40
8.0
80
1.0
0.3
220.0
D
T525D227M004AH4095
04051-013
88
10.0
25
2.4
0.8
330.0
D
T525D337M004AH4095
04051-014
132
10.0
25
2.4
0.8
470.0
D
T525D477M004AH4096
04051-015
188
10.0
25
2.4
0.8
470.0
D
T525D477M004AH4095
04051-016
188
10.0
40
1.9
0.6
6.3 Volt Rating at 105°C (4.2 Volt Rating at 125°C)
33.0
B
T525B336M006AH4095
04051-017
21
8.0
80
1.0
0.3
47.0
T
T525T476M006AH4095
04051-018
30
8.0
80
0.9
0.3
47.0
B
T525B476M006AH4095
04051-019
30
8.0
80
1.0
0.3
68.0
B
T525B686M006AH4095
04051-020
43
8.0
80
1.0
0.3
150.0
D
T525D157M006AH4095
04051-021
95
10.0
25
2.4
0.8
220.0
D
T525D227M006AH4095
04051-022
139
10.0
25
2.4
0.8
330.0
D
T525D337M006AH4096
04051-023
208
10.0
25
2.4
0.8
330.0
D
T525D337M006AH4095
04051-024
208
10.0
40
1.9
0.6
10 Volt Rating at 105°C (6.6 Volt Rating at 125°C)
22.0
B
T525B226M010AH4095
04051-025
22
8.0
80
1.0
0.3
33.0
T
T525T336M010AH4095
04051-026
33
8.0
80
0.9
0.3
33.0
B
T525B336M010AH4095
04051-027
33
8.0
80
1.0
0.3
100.0
D
T525D107M010AH4096
04051-028
100
10.0
25
2.4
0.8
100.0
D
T525D107M010AH4095
04051-029
100
10.0
55
1.7
0.5
150.0
D
T525D157M010AH4096
04051-030
150
10.0
25
2.4
0.8
150.0
D
T525D157M010AH4095
04051-031
150
10.0
55
1.7
0.5
220.0
D
T525D227M010AH4095
04051-032
220
10.0
25
2.4
0.8
16 Volt Rating at 105°C (10.6 Volt Rating at 125°C)
47.0
D
T525D476M016AH4096
04051-033
76
10.0
35
2.1
0.7
47.0
D
T525D476M016AH4095
04051-034
76
10.0
65
1.5
0.5


Similar Part No. - T525D687M003AH4095

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T525D687M003AHE040 KEMET-T525D687M003AHE040 Datasheet
565Kb / 5P
   CONDUCTIVE POLYMER CHIP CAPACITORS
More results

Similar Description - T525D687M003AH4095

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CWR09CB105KMA KEMET-CWR09CB105KMA Datasheet
147Kb / 10P
   Tantalum Surface Mount Capacitor
T502D685M035AG6110 KEMET-T502D685M035AG6110_16 Datasheet
1Mb / 15P
   Tantalum Surface Mount Capacitors ??High Temperature
T502D685M035AG6110 KEMET-T502D685M035AG6110 Datasheet
1Mb / 16P
   Tantalum Surface Mount Capacitors ??High Temperature
logo
NIC-Components Corp.
NTP NIC-NTP Datasheet
147Kb / 7P
   Surface Mount Polymer-Tantalum Capacitor
logo
AVX Corporation
THJA104K035RJN AVX-THJA104K035RJN Datasheet
113Kb / 3P
   High Temperature Tantalum Chip Capacitor
THJB105K035RJN AVX-THJB105K035RJN Datasheet
90Kb / 3P
   High Temperature Tantalum Chip Capacitor
logo
Kemet Corporation
T530D477M2R5AH4097 KEMET-T530D477M2R5AH4097 Datasheet
106Kb / 2P
   High Capacitance/Ultra-Low ESR Tantalum Surface Mount Capacitor
T528Z337M2R5ATE009 KEMET-T528Z337M2R5ATE009 Datasheet
222Kb / 3P
   Face Down Termination Tantalum Surface Mount Capacitor
T496C686M004AH4095 KEMET-T496C686M004AH4095 Datasheet
422Kb / 3P
   Fail-Safe Fused Tantalum Surface Mount Capacitor
logo
AVX Corporation
TACK225M00 AVX-TACK225M00 Datasheet
129Kb / 6P
   The world?셲 smallest surface mount tantalum capacitor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com