Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0805F822M5RAC Datasheet(PDF) 3 Page - Kemet Corporation

Part # C0805F822M5RAC
Description  CERAMIC OPEN MODE CAPACITORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0805F822M5RAC Datasheet(HTML) 3 Page - Kemet Corporation

  C0805F822M5RAC Datasheet HTML 1Page - Kemet Corporation C0805F822M5RAC Datasheet HTML 2Page - Kemet Corporation C0805F822M5RAC Datasheet HTML 3Page - Kemet Corporation C0805F822M5RAC Datasheet HTML 4Page - Kemet Corporation C0805F822M5RAC Datasheet HTML 5Page - Kemet Corporation C0805F822M5RAC Datasheet HTML 6Page - Kemet Corporation C0805F822M5RAC Datasheet HTML 7Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
KEMET offers Multilayer Ceramic Chip Capacitors
packaged in 8mm and 12mm plastic tape on 7" and
13" reels in accordance with EIA standard 481-1:
Taping of surface mount components for automatic
handling. This packaging system is compatible with all
tape fed automatic pick and place systems. See page 78
for details on reeling quantities for commercial chips
and page 87 for MIL-PRF-55681 chips.
CERAMIC CHIP CAPACITORS
Packaging Information
Tape & Reel Packaging
8mm ±.30
(.315 ±.012")
or
12mm ±.30
(.472 ±.012")
178mm (7.00")
or
330mm (13.00")
Anti-Static Reel
Embossed Carrier*
0402 and 0603 case sizes
available on punched paper only.
Embossment
Anti-Static Cover Tape
(.10mm (.004") Max Thickness)
Chip Orientation
in Pocket
(except 1825 Commercial, and 1825 & 2225 Military)
* Punched paper carrier used for 0402 and 0603 case size.
g
handling. This packaging system is compatible with all
tape fed automatic pick and place systems. See page 81
for details on reeling quantities for commercial chips
and page 90 for MIL-PRF-55681 chips.
KEMET
®
X
C
G
Z
Y
Grid
placement
courtyard
Z
2.14
2.78
3.30
4.50
4.50
5.90
5.90
7.00
7.00
G
0.28
0.68
0.70
1.50
1.50
2.30
2.30
3.30
3.30
X
0.74
1.08
1.60
2.00
2.90
3.70
6.90
5.50
6.80
Y(ref)
0.93
1.05
1.30
1.50
1.50
1.80
1.80
1.85
1.85
C(ref)
1.21
1.73
2.00
3.00
3.00
4.10
4.10
5.15
5.15
Z
3.18
3.70
4.90
4.90
G
0.68
0.70
1.50
1.50
X
0.80
1.10
1.40
2.00
Y(ref)
1.25
1.50
1.70
1.70
Smin
1.93
2.20
3.20
3.20
Wave Solder
Reflow Solder
Calculation Formula
Z = Lmin + 2Jt + Tt
G = Smax - 2Jh -Th
X = Wmin + 2Js + Ts
Tt, Th, Ts = Combined tolerances
0402
0603
0805
1206
1210
1812
1825
2220
2225
Dimension
Not Recommended
Not Recommended
C
X
Grid
Placement
Courtyard
G
Y
Z
SURFACE MOUNT LAND DIMENSIONS - CERAMIC CHIP CAPACITORS - MM
93


Similar Part No. - C0805F822M5RAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805F102K1RACAUTO KEMET-C0805F102K1RACAUTO Datasheet
72Kb / 1P
   Ceramic, Open Mode, AUTO-OpenMode-(CxxxxF-AUTO), 1000 pF, 10%, 100 V, 0805, X7R, SMD, MLCC, Open Mode, Automotive Grade
C0805F102K1RACTU KEMET-C0805F102K1RACTU Datasheet
71Kb / 1P
   Ceramic, Open Mode, OpenMode-(CxxxxF), 1000 pF, 10%, 100 V, 0805, X7R, SMD, MLCC, Open Mode, Temperature Stable
C0805F102K2RACAUTO KEMET-C0805F102K2RACAUTO Datasheet
60Kb / 1P
   SMD Auto X7R FO, Ceramic, Open Mode, 1000 pF, 10%, 200 VDC, X7R, SMD, MLCC, Open Mode, Automotive Grade, 0805
C0805F102K2RACTU KEMET-C0805F102K2RACTU Datasheet
60Kb / 1P
   SMD Comm X7R FO, Ceramic, Open Mode, 1000 pF, 10%, 200 VDC, X7R, SMD, MLCC, Open Mode, Temperature Stable, 0805
C0805F102K5RACAUTO KEMET-C0805F102K5RACAUTO Datasheet
60Kb / 1P
   SMD Auto X7R FO, Ceramic, Open Mode, 1000 pF, 10%, 50 VDC, X7R, SMD, MLCC, Open Mode, Automotive Grade, 0805
More results

Similar Description - C0805F822M5RAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1812F105K1RAC KEMET-C1812F105K1RAC Datasheet
473Kb / 2P
   CERAMIC OPEN MODE CAPACITORS
logo
MERITEK ELECTRONICS COR...
OP0805XR101K500 MERITEK-OP0805XR101K500 Datasheet
117Kb / 1P
   Multilayer Ceramic Capacitors OPEN-MODE DESIGN
logo
Exxelia Group
OPSERIES EXXELIA-OPSERIES Datasheet
616Kb / 16P
   Open Mode Chips Capacitors
02/21
logo
Kemet Corporation
C0805F473M1RAC KEMET-C0805F473M1RAC Datasheet
95Kb / 2P
   Open Mode Surface Mount Ceramic Chip Capacitors - X7R Dielectric
C0805F224M3RAC KEMET-C0805F224M3RAC Datasheet
196Kb / 2P
   Surface Mount Ceramic Chip Capacitors - Open Mode - X7R - Capacitance Extensions
logo
TDK Electronics
C5750X7R1C226KT5XXX TDK-C5750X7R1C226KT5XXX Datasheet
295Kb / 2P
   Open Mode Capacitor
logo
Kemet Corporation
C0805F104K5RACTU KEMET-C0805F104K5RACTU Datasheet
71Kb / 1P
   Ceramic, Open Mode, OpenMode-(CxxxxF), 0.1 uF, 10%, 50 V, 0805, X7R, SMD, MLCC, Open Mode, Temperature Stable
C1210F474K1RACTU KEMET-C1210F474K1RACTU Datasheet
71Kb / 1P
   Ceramic, Open Mode, OpenMode-(CxxxxF), 0.47 uF, 10%, 100 V, 1210, X7R, SMD, MLCC, Open Mode, Temperature Stable
C1206J154K1RACTU KEMET-C1206J154K1RACTU Datasheet
72Kb / 1P
   Ceramic, Open Mode, OpenModeFlexTerm-(CxxxxJ), 0.15 uF, 10%, 100 V, 1206, X7R, SMD, MLCC, Open Mode, Temperature Stable
C1210F105K5RACTU KEMET-C1210F105K5RACTU Datasheet
71Kb / 1P
   Ceramic, Open Mode, OpenMode-(CxxxxF), 1 uF, 10%, 50 V, 1210, X7R, SMD, MLCC, Open Mode, Temperature Stable
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com