Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C0402C223K3RAC Datasheet(PDF) 1 Page - Kemet Corporation

Part No. C0402C223K3RAC
Description  Surface Mount Ceramic Chip Capacitors - X7R Dielectric - Capacitance Extensions
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEMET [Kemet Corporation]
Homepage  http://www.kemet.com
Logo 

C0402C223K3RAC Datasheet(HTML) 1 Page - Kemet Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Bulletin
Dimensions – Millimeters (Inches)
See Capacitance Value Table below for thickness dimension.
Outline Drawing
W
L
B
S
T
CONDUCTIVE METALLIZATION
ELECTRODES
TIN PLATE
NICKEL PLATE
C
0603
C
105
K
4
R
A
C
Style
C - Ceramic
Size Code
See dimension table
Specification
C - Standard
Capacitance Code, pF
First two digits represent significant figures.
Third digit specifies number of zeros. 100 pF = 101.
(Use “9” for 1.0 through 9.9 pF)
(Use “8” for 0.1 through .99 pF)
Capacitance Tolerance
K = ± 10%
M = ±20%
Voltage
9 = 6.3V
8 = 10V
4 = 16V
3 = 25V
5 = 50V
Temperature Characteristic
Designated by Capacitance
Change Over Temperature Range
R = X7R (±15%) (-55°C +125°C)
End Metallization
C = Standard (Tin-plate
nickel barrier)
Failure Rate Level
A = Not Applicable
Capacitor Ordering Information
F-9079B 9/06
Surface Mount Ceramic Chip Capacitors – X
7R Dielectric - Capacitance Extensions
EIA Size
Metric Size
L
W
B
S
Code
Code
Length
Width
Bandwidth
Seperation
0402
1005
1.0 (.039) ± 0.05 (.002)
0.5 (.020) ± 0.05 (.002)
0.20 (.008) ± 0.4 (.016)
0.3 (.012)
0603
1608
1.6 (.063) ± 0.15 (.006)
0.8 (.032) ± 0.15 (.006)
0.35 (.014) ± 0.15 (.006)
0.7 (.028)
0805
2012
2.0 (.079) ± 0.02 (.008)
1.25 (.049) ± 0.2 (.008)
0.5 (.020) ± 0.25 (.010)
0.75 (.030)
1206
3216
3.2 (1.26) ± 0.2 (.008)
1.6 (.063) ± 0.2 (.008)
0.5 (.020) ± 0.25 (.010)
-
1210
3225
3.2 (.126) ± 0.2 (.008)
2.5 (.098) ± 0.2 (.008)
0.5 (.020) ± 0.25 (.010)
-


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn