Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1210X271K9RAC Datasheet(PDF) 4 Page - Kemet Corporation

Part # C1210X271K9RAC
Description  Surface Mount Ceramic Chip Capacitors / FT-CAP / Flexible Terminations
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1210X271K9RAC Datasheet(HTML) 4 Page - Kemet Corporation

  C1210X271K9RAC Datasheet HTML 1Page - Kemet Corporation C1210X271K9RAC Datasheet HTML 2Page - Kemet Corporation C1210X271K9RAC Datasheet HTML 3Page - Kemet Corporation C1210X271K9RAC Datasheet HTML 4Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
As detailed in the KEMET Surface Mount Catalog F3102 for X7R, with following specific requirements
based on room temperature (25°C) parameters:
• Operating Range: -55°C to +125°C, with no-bias capacitance shift limited to ± 15% over that range.
• Insulation Resistance (IR) measured after 2 minutes at rated voltage @ 25°C: Limit is 500
megohm microfarads or 100,000 M
Ω, whichever of the two is smaller.
• Capacitance and Dissipation Factor (DF) measured under the following conditions:
1kHz and 1 Vrms if capacitance
≤ 10μF
120Hz and 0.5 Vrms if capacitance > 10μF
• DF Limits are:
All parts incorporate the standard KEMET barrier layer of pure nickel, with an overplate of pure tin to pro-
vide excellent solderability as well as resistance to leaching. The recommended techniques are as follows:
1210 case size - Solder Reflow
0603/0805/1206 case sizes – Solder Wave/Solder Reflow
These chips will be supplied unmarked. If required, they can be laser-marked as an extra option.
Details on the marking format are included in KEMET Surface Mount catalog F3102.
AEC-Q200 Rev. C - Automotive
RoHS 6 - 100% tin termination
In general, the information in the KEMET Surface Mount catalog F3102 applies to these
capacitors. The information in this bulletin supplements that in the catalog.
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
50 - 200 Volts
2.5%
16 - 25 Volts
3.5%
6.3/10 Volts
5.0%
Electrical Parameters
Soldering Process
Marking
Qualification/Certification


Similar Part No. - C1210X271K9RAC

ManufacturerPart #DatasheetDescription
logo
HolyStone International
C1210X222M202T HOLYSTONECAPS-C1210X222M202T Datasheet
192Kb / 2P
   Tip & Ring Capacitors
logo
Kemet Corporation
C1210X223JAGACAUTO KEMET-C1210X223JAGACAUTO Datasheet
72Kb / 1P
   Ceramic, AUTO-FlexTerm-(CxxxxX-AUTO), 0.022 uF, 5%, 250 V, 1210, C0G, SMD, MLCC, FT-CAP, Ultra-Stable, Automotive Grade
C1210X223JDGACAUTO KEMET-C1210X223JDGACAUTO Datasheet
56Kb / 1P
   SMD Auto C0G HV Flex, Ceramic, 0.022 uF, 5%, 1000 VDC, C0G, SMD, MLCC, FT-CAP, Ultra-Stable, Automotive Grade, 1210
C1210X223KBRACTU KEMET-C1210X223KBRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, FT-CAP, Temp Stable, 0.022 uF, /-10% Tol, 630 V, X7R, 1210 (3225 metric)
C1210X223KDRACTU KEMET-C1210X223KDRACTU Datasheet
61Kb / 1P
   SMD Comm X7R HV Flex, Ceramic, 0.022 uF, 10%, 1000 VDC, X7R, SMD, MLCC, FT-CAP, Temperature Stable, 1210
More results

Similar Description - C1210X271K9RAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805X474K3RACTU KEMET-C0805X474K3RACTU Datasheet
119Kb / 4P
   Surface Mount Ceramic Chip Capacitors / FT-CAP / Flexible Terminations
logo
List of Unclassifed Man...
CZ1 ETC2-CZ1 Datasheet
122Kb / 2P
   Surface Mount Chip Terminations
CZ12010T0050GTR ETC2-CZ12010T0050GTR Datasheet
116Kb / 2P
   Surface Mount Chip Terminations
CZ12010T0050GTR ETC2-CZ12010T0050GTR Datasheet
116Kb / 2P
   Surface Mount Chip Terminations
logo
Vishay Siliconix
VJCER-F VISHAY-VJCER-F Datasheet
83Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors for Film Cap Replacement
Revision: 29-Sep-08
logo
Anaren Microwave
RFP-250375-4Z50-2 ANAREN-RFP-250375-4Z50-2 Datasheet
504Kb / 2P
   Surface Mount Terminations
logo
Vishay Siliconix
VJ0805A391JXAAT VISHAY-VJ0805A391JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 23-Sep-09
logo
Kemet Corporation
03029BX222ZJZC7189 KEMET-03029BX222ZJZC7189 Datasheet
482Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors
C1206C104J3JACTU KEMET-C1206C104J3JACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ1206A102JXCAT VISHAY-VJ1206A102JXCAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com