Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0603C274M9RAC Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0603C274M9RAC
Description  Surface Mount Ceramic Chip Capacitors X7R Dielectric
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0603C274M9RAC Datasheet(HTML) 1 Page - Kemet Corporation

  C0603C274M9RAC Datasheet HTML 1Page - Kemet Corporation C0603C274M9RAC Datasheet HTML 2Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Surface Mount Ceramic Chip Capacitors
X7R Dielectric
X7R/0603 - .27 µF (274) - .47 µF (474) @ 6.3; 10; 16 Volts
Metric
EIA Size
Max.
Size Code
Code
L - Length
W - Width
T - Thickness
B - Bandwidth
Separation
1608
0603
1.6 (.063) ± 0.15 (.006) 0.8 (.032) ± 0.15 (.006)
See Table 2
0.35 (.014) ± 0.15 (.006)
0.7 (.028)
Table 1
Dimensions - Millimeters (Inches)
New Product Bulletin
Outline Drawing
F-9023 2/05
Table 2 - X7R - Capacitance Value Extensions
Capacitance
Values (µF)
KEMET Part
Number
Capacitance
Tolerance
Thickness
mm
Qty
7” Reel
Qty
13” Reel
.27
C0603C274(1)(2)RAC
K,M
0.8 ± .15
4,000
10,000
.33
C0603C334(1)(2)RAC
K,M
0.8 ± .15
4,000
10,000
.39
C0603C394(1)(2)RAC
K,M
0.8 ± .15
4,000
10,000
.47
C0603C474(1)(2)RAC
K,M
0.8 ± .15
4,000
10,000
(1) To complete KEMET part number, insert the alpha code for tolerance desired. K = ±10%; M = ±20%
(2) To complete KEMET part number, insert the numeric code for voltage desired. 9 = 6.3 volts; 8 = 10 volts
and 4 = 16 volts.


Similar Part No. - C0603C274M9RAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C274K4RACAUTO KEMET-C0603C274K4RACAUTO Datasheet
60Kb / 1P
   SMD Auto X7R, Ceramic, 0.27 uF, 10%, 16 VDC, X7R, SMD, MLCC, Temperature Stable, Automotive Grade, 0603
C0603C274K4RACTU KEMET-C0603C274K4RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.27 uF, 10%, 16 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
C0603C274K8PACTU KEMET-C0603C274K8PACTU Datasheet
72Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.27 uF, 10%, 10 V, 0603, X5R, SMD, MLCC, Temperature Stable, Class II
More results

Similar Description - C0603C274M9RAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C123RAC KEMET-C0402C123RAC Datasheet
31Kb / 2P
   Surface Mount Ceramic Chip Capacitors X7R Dielectric
C1812C47515RAC KEMET-C1812C47515RAC Datasheet
84Kb / 1P
   Surface Mount Ceramic Chip Capacitors - X7R Dielectric
C1206C275K4RAC KEMET-C1206C275K4RAC Datasheet
23Kb / 2P
   Surface Mount Ceramic Chip Capacitors X7R Dielectric
C0805C125K9RAC KEMET-C0805C125K9RAC Datasheet
32Kb / 2P
   Surface Mount Ceramic Chip Capacitors X7R Dielectric
C1206C275K9RAC KEMET-C1206C275K9RAC Datasheet
31Kb / 2P
   Surface Mount Ceramic Chip Capacitors X7R Dielectric
C1210C4755RAC KEMET-C1210C4755RAC Datasheet
84Kb / 1P
   Surface Mount Ceramic Chip Capacitors - X7R Dielectric
C0402C223K3RAC KEMET-C0402C223K3RAC Datasheet
179Kb / 2P
   Surface Mount Ceramic Chip Capacitors - X7R Dielectric - Capacitance Extensions
C0805F473M1RAC KEMET-C0805F473M1RAC Datasheet
95Kb / 2P
   Open Mode Surface Mount Ceramic Chip Capacitors - X7R Dielectric
C0603C473K1RAC KEMET-C0603C473K1RAC Datasheet
159Kb / 2P
   Surface Mount Ceramic Chip Capacitors - 100 Volt Series - X7R Dielectric
C0805C226M9PAC KEMET-C0805C226M9PAC Datasheet
125Kb / 2P
   Surface Mount Ceramic Chip Capacitors X5R Dielectric
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com