Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1206C105K3RAC Datasheet(PDF) 2 Page - Kemet Corporation

Part # C1206C105K3RAC
Description  Ceramic Capacitor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206C105K3RAC Datasheet(HTML) 2 Page - Kemet Corporation

  C1206C105K3RAC Datasheet HTML 1Page - Kemet Corporation C1206C105K3RAC Datasheet HTML 2Page - Kemet Corporation C1206C105K3RAC Datasheet HTML 3Page - Kemet Corporation C1206C105K3RAC Datasheet HTML 4Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KEMET Part
Number
EIA Size
Code
Capacitance
pF
Tolerance Voltage Dielectric
C0603C159C5GAC
0603
1.5
±0.25pF
50
C0G
C0603C100C5GAC
0603
10
±0.25pF
50
C0G
C0603C220C5GAC
0603
22
±0.25pF
50
C0G
C0603C330D5GAC
0603
33
±0.5pF
50
C0G
C0603C470D5GAC
0603
47
±0.5pF
50
C0G
C0603C101J5GAC
0603
100
±5%
50
C0G
C0603C221J5GAC
0603
220
±5%
50
C0G
C0603C331J5GAC
0603
330
±5%
50
C0G
C0603C471J5GAC
0603
470
±5%
50
C0G
C0603C102K5RAC
0603
1000
±10%
50
X7R
C0603C222K5RAC
0603
2200
±10%
50
X7R
C0603C332K5RAC
0603
3300
±10%
50
X7R
C0603C472K5RAC
0603
4700
±10%
50
X7R
C0603C103K5RAC
0603
10,000
±10%
50
X7R
C0603C223K5RAC
0603
22,000
±10%
50
X7R
C0603C333K5RAC
0603
33,000
±10%
50
X7R
C0603C473K5RAC
0603
47,000
±10%
50
X7R
C0603C104K5RAC
0603
100,000
±10%
50
X7R
C0603C224K4RAC
0603
220,000
±10%
16
X7R
C0603C105K8PAC
0603
1,000,000
±10%
10
X5R
KEMET Part
Number
EIA Size
Code
Capacitance
pF
Tolerance Voltage Dielectric
C0805C100C2GAC
0805
10
±0.25pF
200
C0G
C0805C220C1GAC
0805
22
±0.25pF
100
C0G
C0805C470D1GAC
0805
47
±0.5pF
100
C0G
C0805C101J1GAC
0805
100
±5%
100
C0G
C0805C221J1GAC
0805
220
±5%
100
C0G
C0805C471J1GAC
0805
470
±5%
100
C0G
C0805C102J5GAC
0805
1000
±5%
50
C0G
C0805C222K1RAC
0805
2200
±10%
100
X7R
C0805C472K1RAC
0805
4700
±10%
100
X7R
C0805C103K1RAC
0805
10,000
±10%
100
X7R
C0805C223K1RAC
0805
22,000
±10%
100
X7R
C0805C333K1RAC
0805
33,000
±10%
100
X7R
C0805C473K1RAC
0805
47,000
±10%
100
X7R
C0805C104K5RAC
0805
100,000
±10%
50
X7R
C0805C224K3RAC
0805
220,000
±10%
25
X7R
C0805C474K3RAC
0805
470,000
±10%
25
X7R
C0805C105K4RAC
0805
1,000,000
±10%
16
X7R
C0805C225K8PAC
0805
2,200,000
±10%
10
X5R
C0805C475K8PAC
0805
4,700,000
±10%
10
X5R
C0805C106K9PAC
0805
10,000,000
±10%
6.3
X5R
Kit Part Number: CER ENG KIT 03
0603 (EIA) Case Size SMT Capacitors - 100 pcs. per Part Number
Kit Part Number: CER ENG KIT 04
0805 (EIA) Case Size SMT Capacitors - 100 pcs. per Part Number
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC • (864) 963-6300 • www.kemet.com


Similar Part No. - C1206C105K3RAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C105K3RAC7210 KEMET-C1206C105K3RAC7210 Datasheet
59Kb / 1P
   SMD Comm X7R, Ceramic, 1 uF, 10%, 25 VDC, X7R, SMD, MLCC, Temperature Stable, Class II, 1206
C1206C105K3RACAUTO KEMET-C1206C105K3RACAUTO Datasheet
72Kb / 1P
   Ceramic, AUTO-(CxxxxC-AUTO), 1 uF, 10%, 25 V, 1206, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
C1206C105K3RACTU KEMET-C1206C105K3RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 1 uF, 10%, 25 V, 1206, X7R, SMD, MLCC, Temperature Stable, Class II
More results

Similar Description - C1206C105K3RAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C322C152K5R5TA KEMET-C322C152K5R5TA Datasheet
56Kb / 1P
   Capacitor, ceramic
C052H104K5G5GAT500 KEMET-C052H104K5G5GAT500 Datasheet
53Kb / 1P
   Capacitor, ceramic
C315C301J1G5TA KEMET-C315C301J1G5TA Datasheet
56Kb / 1P
   Capacitor, ceramic
C316C103K5R5TA KEMET-C316C103K5R5TA Datasheet
56Kb / 1P
   Capacitor, ceramic
C317C360J5G5TA KEMET-C317C360J5G5TA Datasheet
56Kb / 1P
   Capacitor, ceramic
C322C123K5R5TA KEMET-C322C123K5R5TA Datasheet
56Kb / 1P
   Capacitor, ceramic
ARR09F125MGS KEMET-ARR09F125MGS Datasheet
51Kb / 1P
   Capacitor, ceramic
HT55BB562KN KEMET-HT55BB562KN Datasheet
49Kb / 1P
   Capacitor, ceramic
C317C160J5G5TA KEMET-C317C160J5G5TA Datasheet
56Kb / 1P
   Capacitor, ceramic
HT05CN471JN KEMET-HT05CN471JN Datasheet
52Kb / 1P
   Capacitor, ceramic
HT06BB105KN KEMET-HT06BB105KN Datasheet
51Kb / 1P
   Capacitor, ceramic
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com