Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA5225 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SA5225
Description  Fiber optic postamplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5225 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SA5225 Datasheet HTML 2Page - NXP Semiconductors SA5225 Datasheet HTML 3Page - NXP Semiconductors SA5225 Datasheet HTML 4Page - NXP Semiconductors SA5225 Datasheet HTML 5Page - NXP Semiconductors SA5225 Datasheet HTML 6Page - NXP Semiconductors SA5225 Datasheet HTML 7Page - NXP Semiconductors SA5225 Datasheet HTML 8Page - NXP Semiconductors SA5225 Datasheet HTML 9Page - NXP Semiconductors SA5225 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Philips Semiconductors
Product specification
SA5225
Fiber optic postamplifier
1998 Oct 07
7
Since Philips Semiconductors has no control of third party
procedures in the handling or packaging of die, Philips
Semiconductors assumes no liability for device functionality or
performance of the die or systems on any die sales.
Although Philips Semiconductors typically realizes a yield of 85%
after assembling die into their respective packages, with care
customers should achieve a similar yield. However, for the reasons
stated above, Philips Semiconductors cannot guarantee this or any
other yield on any die sales.
1
2
3
4
5
6
78
9
10
11
12
13
14
15
16
CAZN
CAZP
GNDA
DIN
DIN
VCCA
CF
JAM
ST
ST
GNDE
DOUT
VCCE
VREF
DOUT
VSET
ECN No.: 01671
1991 Jul 8
SD00493
Figure 8. SA5225 Bonding Diagram


Similar Part No. - SA5225

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5222 PHILIPS-SA5222 Datasheet
80Kb / 8P
   Low-power FDDI transimpedance amplifier
1995 Apr 26
SA5222D PHILIPS-SA5222D Datasheet
80Kb / 8P
   Low-power FDDI transimpedance amplifier
1995 Apr 26
SA5223 PHILIPS-SA5223 Datasheet
136Kb / 12P
   Wide dynamic range AGC transimpedance amplifier 150MHz
1995 Oct 24
SA5223D PHILIPS-SA5223D Datasheet
136Kb / 12P
   Wide dynamic range AGC transimpedance amplifier 150MHz
1995 Oct 24
SA5224 PHILIPS-SA5224 Datasheet
73Kb / 10P
   FDDI fiber optic postamplifier
1998 Oct 07
More results

Similar Description - SA5225

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5224 PHILIPS-SA5224 Datasheet
73Kb / 10P
   FDDI fiber optic postamplifier
1998 Oct 07
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
   Fiber Optic Transmitter
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
logo
Unity Opto Technology
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
   Fiber Optic Receiver
MOF-T3K2 UOT-MOF-T3K2 Datasheet
47Kb / 4P
   Fiber Optic Transmitter
MOF-T3K3 UOT-MOF-T3K3 Datasheet
55Kb / 4P
   Fiber Optic Transmitter
logo
OPTEK Technologies
OPF500 OPTEK-OPF500_14 Datasheet
222Kb / 5P
   Fiber Optic Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com