Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0603C3331RAC Datasheet(PDF) 2 Page - Kemet Corporation

Part # C0603C3331RAC
Description  Surface Mount Ceramic Chip Capacitors Extended Values 0603, X7R Dielectric, 100 & 200 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0603C3331RAC Datasheet(HTML) 2 Page - Kemet Corporation

  C0603C3331RAC Datasheet HTML 1Page - Kemet Corporation C0603C3331RAC Datasheet HTML 2Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
In general, the information in the KEMET Surface Mount catalog F3102 applies to these capacitors. The information in
this bulletin supplements that in the catalog.
Electrical Parameters
As detailed in the KEMET Surface Mount Catalog F3102 for X7R, with following specific requirements based on
room temperature (25°C) parameters:
Operating Range: -55°C to +125°C, with no-bias capacitance shift limited to ± 15% over that range
Insulation Resistance (IR) measured after 2 minutes at rated voltage @ 25°C: Limit is 1000
megohm microfarads or 100 gigohms, whichever is less.
Capacitance and Dissipation Factor (DF) measured at 1KHz at 1.0Vrms.
25 Volts - DF Limit is 3.5%
>25 Volts - DF Limit is 2.5%.
Soldering Process
Wave soldering or reflow soldering is acceptable for these chips.
Marking
These chips are normally supplied unmarked. If required, they can be laser marked as an extra cost option.
More detail on the marking format is included in our Surface Mount Catalog F3102.
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com


Similar Part No. - C0603C3331RAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C333J3RACTU KEMET-C0603C333J3RACTU Datasheet
71Kb / 1P
   Ceramic, SMD Comm X7R, 0.033 uF, 5%, 25 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
C0603C333J4RACTU KEMET-C0603C333J4RACTU Datasheet
60Kb / 1P
   SMD Comm X7R, Ceramic, 0.033 uF, 5%, 16 VDC, X7R, SMD, MLCC, Temperature Stable, Class II, 0603
C0603C333J5RACTU KEMET-C0603C333J5RACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 0.033 uF, /-5% Tol, 50 V, X7R, 0603 (1608 metric)
C0603C333K1RACAUTO KEMET-C0603C333K1RACAUTO Datasheet
60Kb / 1P
   SMD Auto X7R, Ceramic, 0.033 uF, 10%, 100 VDC, X7R, SMD, MLCC, Temperature Stable, Automotive Grade, 0603
C0603C333K1RACTU KEMET-C0603C333K1RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.033 uF, 10%, 100 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
More results

Similar Description - C0603C3331RAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C1253RAC KEMET-C1206C1253RAC Datasheet
36Kb / 2P
   Surface Mount Ceramic Chip Capacitors Extended Values 1206, X7R Dielectric, 25, 50, 100, 200 Volts
C0805C56413RAC KEMET-C0805C56413RAC Datasheet
36Kb / 2P
   Surface Mount Ceramic Chip Capacitors Extended Values 0805, X7R Dielectric, 25, 50, 100, 200 Volts
C1210C68513PAC KEMET-C1210C68513PAC Datasheet
21Kb / 2P
   Surface Mount Ceramic Chip Capacitors New Extended Values in X5R Dielectric
C0402C123RAC KEMET-C0402C123RAC Datasheet
31Kb / 2P
   Surface Mount Ceramic Chip Capacitors X7R Dielectric
C1812C47515RAC KEMET-C1812C47515RAC Datasheet
84Kb / 1P
   Surface Mount Ceramic Chip Capacitors - X7R Dielectric
C0603C274K9RAC KEMET-C0603C274K9RAC Datasheet
31Kb / 2P
   Surface Mount Ceramic Chip Capacitors X7R Dielectric
C1206C275K4RAC KEMET-C1206C275K4RAC Datasheet
23Kb / 2P
   Surface Mount Ceramic Chip Capacitors X7R Dielectric
C0805C125K9RAC KEMET-C0805C125K9RAC Datasheet
32Kb / 2P
   Surface Mount Ceramic Chip Capacitors X7R Dielectric
C1206C275K9RAC KEMET-C1206C275K9RAC Datasheet
31Kb / 2P
   Surface Mount Ceramic Chip Capacitors X7R Dielectric
C1210C4755RAC KEMET-C1210C4755RAC Datasheet
84Kb / 1P
   Surface Mount Ceramic Chip Capacitors - X7R Dielectric
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com