Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T525D477M010ATE040 Datasheet(PDF) 1 Page - Kemet Corporation

Part # T525D477M010ATE040
Description  CONDUCTIVE POLYMER CHIP CAPACITORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T525D477M010ATE040 Datasheet(HTML) 1 Page - Kemet Corporation

  T525D477M010ATE040 Datasheet HTML 1Page - Kemet Corporation T525D477M010ATE040 Datasheet HTML 2Page - Kemet Corporation T525D477M010ATE040 Datasheet HTML 3Page - Kemet Corporation T525D477M010ATE040 Datasheet HTML 4Page - Kemet Corporation T525D477M010ATE040 Datasheet HTML 5Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
53
CONDUCTIVE POLYMER CHIP CAPACITORS
T525 SERIES - High Temperature
FEATURES
OUTLINE DRAWING
W
K
X
CATHODE (-) END
VIEW
SIDE VIEW
ANODE (+) END
VIEW
T
G
S
S
H
H
BOTTOM VIEW
E
F
A
L
T525 Temperature/Application
Recommended Voltage Derating
100%
100%
100%
100%
90%
90%
90%
90%
80%
80%
80%
80%
50%
60%
70%
80%
90%
100%
-55
25
85
105
125
Temperature (˚ C)
53%
60%
67%
T525 Rated Voltage with temperature derating
T525 Recommended
Application Voltage with temperature derating
(Vr>10VDC)
T525 Recommended
Application Voltage with temperature derating
(Vr<10VDC)
RECOMMENDED TEMPERATURE/VOLTAGE DERATING
COMPONENT MARKING
DIMENSIONS - MILLIMETERS
KEMET
EIA
T3528-12
3.5 ± 0.2
2.8 ± 0.2
1.2 max.
0.3
2.2
0.8
0.05
0.1
3
2.1
1.8
2.2
B
3528-21
3.5 ± 0.2
2.8 ± 0.2
1.9 ± 0.1
0.9
2.2
0.8
0.10 ± 0.10
0.13
2.1
1.8
2.2
D
7343-31
7.3 ± 0.3
4.3 ± 0.3
2.8 ± 0.3
1.5
2.4
1.3
0.10 ± 0.10
0.13
3.8
3.5
3.5
T (Ref)
A (Min)
G (Ref) E (Ref)
K ±0.20
F ±0.1
S ±0.3
X (Ref)
Case Size
LW
H
PWC
504=4th week of 2005
• Polymer Cathode Technology
• 125ºC Maximum Temperature Capability
• High Frequency Capacitance Retention
• Non-Ignition Failure Mode
• Capacitance: 33 - 680µF
• Voltage: 2.5 to 16 volts
• Use up to 90% of Rated Voltage (10% Derating)
for part types ≤ 10 Volts
• Use up to 80% of Rated Voltage (20% Derating) for part
types >10 Volts
• Operating Temperature -55ºC to +125ºC
• 100% Accelerated Steady State Aging
• 100% Surge Current Testing
• Self-Healing Mechanism
• Volumetrically Efficient
• Extremely Stable ESR at 125ºC
• EIA Standard Case Size
• RoHS Compliant / Leadfree Termination
(See www.kemet.com for lead transition)
Polarity
Indicator (+)
(Solid Stripe)
Picofarad Code
KEMET I.D. Symbol
KEMET High
Temperature
Tantalum
Polymer (KT)
Rated
Voltage
477
4K
504
KT


Similar Part No. - T525D477M010ATE040

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T525D477M003AE025 KEMET-T525D477M003AE025 Datasheet
698Kb / 5P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T525D477M003AH4095 KEMET-T525D477M003AH4095 Datasheet
419Kb / 2P
   High Temperature Tantalum Surface Mount Capacitor
T525D477M003ATE025 KEMET-T525D477M003ATE025 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T525, 470 uF, 20%, 3 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 25 mOhms, Height Max = 3.1mm
T525D477M004AE025 KEMET-T525D477M004AE025 Datasheet
698Kb / 5P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T525D477M004AE040 KEMET-T525D477M004AE040 Datasheet
698Kb / 5P
   CONDUCTIVE POLYMER CHIP CAPACITORS
More results

Similar Description - T525D477M010ATE040

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T520 KEMET-T520 Datasheet
741Kb / 7P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T525 KEMET-T525_1 Datasheet
698Kb / 5P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T520 KEMET-T520_1 Datasheet
807Kb / 8P
   CONDUCTIVE POLYMER CHIP CAPACITORS
logo
AVX Corporation
TCQB476M006R0070 AVX-TCQB476M006R0070 Datasheet
176Kb / 3P
   Automotive Conductive Polymer Chip Capacitors
logo
Rohm
TCO_B ROHM-TCO_B_12 Datasheet
133Kb / 7P
   Conductive polymer chip capacitors(Standard)
logo
AVX Corporation
TCQ AVX-TCQ Datasheet
494Kb / 4P
   Automotive Conductive Polymer Chip Capacitors
TCJ AVX-TCJ Datasheet
1Mb / 11P
   Conductive Polymer Solid Electrolytic Chip Capacitors
logo
MERITEK ELECTRONICS COR...
PEVA MERITEK-PEVA Datasheet
805Kb / 2P
   Conductive Polymer Aluminum Solid Capacitors (V Chip)
logo
AVX Corporation
TCM AVX-TCM Datasheet
610Kb / 4P
   Conductive Polymer Solid Electrolytic Chip Multianode Capacitors
logo
MERITEK ELECTRONICS COR...
PEV5 MERITEK-PEV5 Datasheet
972Kb / 5P
   Conductive Polymer Aluminum Solid Capacitors (V Chip)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com