Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDR31BP131B3W4 Datasheet(PDF) 11 Page - Kemet Corporation

Part # CDR31BP131B3W4
Description  CERAMIC CHIP CAPACITORS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CDR31BP131B3W4 Datasheet(HTML) 11 Page - Kemet Corporation

Back Button CDR31BP131B3W4 Datasheet HTML 7Page - Kemet Corporation CDR31BP131B3W4 Datasheet HTML 8Page - Kemet Corporation CDR31BP131B3W4 Datasheet HTML 9Page - Kemet Corporation CDR31BP131B3W4 Datasheet HTML 10Page - Kemet Corporation CDR31BP131B3W4 Datasheet HTML 11Page - Kemet Corporation CDR31BP131B3W4 Datasheet HTML 12Page - Kemet Corporation CDR31BP131B3W4 Datasheet HTML 13Page - Kemet Corporation CDR31BP131B3W4 Datasheet HTML 14Page - Kemet Corporation CDR31BP131B3W4 Datasheet HTML 15Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
CERAMIC CHIP/CAPACITORS
Tin Lead L Termination
C 0805 C 103 K
5 R
A L*
CERAMIC
SIZE CODE
SPECIFICATION
C - Standard
CAPACITANCE CODE
Expressed in Picofarads (pF)
First two digits represent significant figures.
Third digit specifies number of zeros. (Use 9
for 1.0 through 9.9pF. Use 8 for 0.5 through 0.99pF)
(Example: 2.2pF = 229 or 0.50 pF = 508)
CAPACITANCE TOLERANCE
B – ±0.10pF
J – ±5%
C – ±0.25pF
K – ±10%
D – ±0.5pF
M – ±20%
F – ±1%
G – ±2%
L #
W #
B
S
MOUNTING
LENGTH
WIDTH
BANDWIDTH
MIN. SEPARATION
TECHNIQUE
1.0 (.04) ± .05(.002)
0.5 (.02) ± .05 (.002)
0.20 (0.008)-0.40 (0.016)
0.3 (.012)
Solder Reflow
1.6 (.063) ± 0.15 (.006)
0.8 (.032) ± 0.15 (.006)
0.35 (.014) ±0.15 (.006)
0.7 (.028)
2.0 (.079) ± 0.2 (.008)
1.25 (.049) ± 0.2 (.008)
0.5 (.02) ±.25 (.010)
0.75 (.030)
Solder Wave †
3.2 (.126) ± 0.2 (.008)
1.6 (.063) ± 0.2 (.008)
0.5 (.02) ±.25 (.010)
N/A
Solder Reflow
3.2 (.126) ± 0.2 (.008)
2.5 (.098) ± 0.2 (.008)
0.5 (.02) ±.25 (.010)
N/A
4.5 (.177) ± 0.3 (.012)
3.2 (.126) ± 0.3 (.012)
0.6 (.024) ±.35 (.014)
N/A
4.5 (.177) ± 0.3 (.012)
6.4 (.252) ± 0.4 (.016)
0.6 (.024) ±.35 (.014)
N/A
5.6 (.220) ± 0.4 (.016)
5.0 (.197) ± 0.4 (.016)
0.6 (.024) ±.35 (.014)
N/A
5.6 (.220) ± 0.4 (.016)
6.3 (.248) ± 0.4 (.016)
0.6 (.024) ±.35 (.014)
N/A
DIMENSIONS—MILLIMETERS AND (INCHES)
CAPACITOR ORDERING INFORMATION
CAPACITOR OUTLINE DRAWINGS
END METALLIZATION
L - SnPb plated nickel barrier
(SnPb 5% minimum)
FAILURE RATE LEVEL
A- Not Applicable
TEMPERATURE CHARACTERISTIC
Designated by Capacitance
Change Over Temperature Range
G – C0G (NP0) (±30 PPM/°C)
R – X7R (±15%) (-55°C + 125°C)
P – X5R (±15%) (-55°C + 85°C)
VOLTAGE
1 - 100V
3 - 25V
2 - 200V
4 - 16V
5 - 50V
8 - 10V
9 - 6.3V
* Part Number Example: C0805C103K5RAL
(14 digits - no spaces)
* Note: Indicates EIA Preferred Case Sizes (Tightened tolerances apply for 0402, 0603, and 0805 packaged in bulk cassette, see page 96.)
† For extended value 1210 case size – solder reflow only.
or
Solder
Reflow
METRIC
SIZE CODE
(Ref only)
1005
1608
2012
3216
3225
4532
4564
5650
5664
EIA
SIZE CODE
0402*
0603*
0805*
1206*
1210*
1812
1825*
2220
2225
(Standard Chips - For
Military see page 8
7)
See page 7
8
for thickness
dimensions.
KEMET’s line of Tin/Lead termination commercial MLCC surface mount capacitors are designed to meet the needs of the
commercial, high reliability, and military customer applications where Tin/Lead plating is required. KEMET’s Tin/Lead elec-
troplating process is designed to meet a 5% minimum lead content in the termination of the component. As the bulk of the
electronics industry marches to RoHS compliance it is important that KEMET provide the Tin/Lead terminated products for
our valued high reliability and military customers.
KEMET Tiin/Lead MLCC surface mount capacitors are available in standard EIA case sizes from 0402 to 2225 and standard
capacitance values in X7R, X5R, C0G dielectrics. Voltage ratings range from 6.3V to 200V. To order the Tin/Lead termina-
tions indicate an “L” in the 14th digit of the part number. For additional dielectrics and voltage ratings please contact the fac-
tory or local Sales personnel.
FEATURES
Refer to pages
73-76 for NP0/C0G, X7R and X5R dielectric capacitance ranges available.
W
L
B
S
T
CONDUCTIVE METALLIZATION
ELECTRODES
Sn/Pb PLATE
NICKEL PLATE
KEMET Tin/Lead MLCC surface mount capacitors are available in standard EIA case sizes from 0402 to 2225 and standard
capacitance values in X7R and C0G dielectrics. Voltage ratings range from 6.3V to 200V. To order the Tin/Lead terminations
indicate an “L” in the 14th digit of the part number. To request the L Series termination for other surface mount product lines (Open
Mode, High Voltage, Arrays, etc.) or for additional dielectrics and higher voltage ratings, please contact the factory or local Sales
representative.
77


Similar Part No. - CDR31BP131B3W4

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CDR31BP131B AVX-CDR31BP131B Datasheet
60Kb / 4P
   MIL-PRF-55681/Chips
logo
Kyocera Kinseki Corpota...
CDR31BP131B--- KSS-CDR31BP131B--- Datasheet
281Kb / 4P
   MIL-PRF-55681/Chips
More results

Similar Description - CDR31BP131B3W4

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C122J5GACTU KEMET-C0402C122J5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0603C103J3GACTU KEMET-C0603C103J3GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C473K5RACTU KEMET-C1206C473K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
logo
KOA Speer Electronics, ...
NPO0402A KOA-NPO0402A Datasheet
167Kb / 13P
   Ceramic Chip Capacitors
logo
Kemet Corporation
C0402C229C5GACTU KEMET-C0402C229C5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C225K4RACTU KEMET-C0805C225K4RACTU Datasheet
156Kb / 4P
   CERAMIC CHIP CAPACITORS
C0201C103B1GA KEMET-C0201C103B1GA Datasheet
1Mb / 8P
   CERAMIC CHIP CAPACITORS
C0805C103K5RAC KEMET-C0805C103K5RAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C472K5RACTU KEMET-C0805C472K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C152K1GAC KEMET-C1206C152K1GAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com