Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1206F822M4RAC Datasheet(PDF) 7 Page - Kemet Corporation

Part # C1206F822M4RAC
Description  CERAMIC OPEN MODE CAPACITORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206F822M4RAC Datasheet(HTML) 7 Page - Kemet Corporation

  C1206F822M4RAC Datasheet HTML 1Page - Kemet Corporation C1206F822M4RAC Datasheet HTML 2Page - Kemet Corporation C1206F822M4RAC Datasheet HTML 3Page - Kemet Corporation C1206F822M4RAC Datasheet HTML 4Page - Kemet Corporation C1206F822M4RAC Datasheet HTML 5Page - Kemet Corporation C1206F822M4RAC Datasheet HTML 6Page - Kemet Corporation C1206F822M4RAC Datasheet HTML 7Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
CERAMIC CHIP CAPACITORS
Packaging Information
CAPACITOR MARKING TABLE
(Marking Optional - Not Available
for 0402 Size or Y5V Dielectric)
A
B
C
D
E
F
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
Y
Z
a
b
d
e
f
m
n
t
y
0.10
0.11
0.12
0.13
0.15
0.16
0.18
0.20
0.22
0.24
0.27
0.30
0.33
0.36
0.39
0.43
0.47
0.51
0.56
0.62
0.68
0.75
0.82
0.91
0.25
0.35
0.40
0.45
0.50
0.60
0.70
0.80
0.90
1.0
1.1
1.2
1.3
1.5
1.6
1.8
2.0
2.2
2.4
2.7
3.0
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.2
6.8
7.5
8.2
9.1
2.5
3.5
4.0
4.5
5.0
6.0
7.0
8.0
9.0
10
11
12
13
15
16
18
20
22
24
27
30
33
36
39
43
47
51
56
62
68
75
82
91
25
35
40
45
50
60
70
80
90
100
110
120
130
150
160
180
200
220
240
270
300
330
360
390
430
470
510
560
620
680
750
820
910
250
350
400
450
500
600
700
800
900
1000
1100
1200
1300
1500
1600
1800
2000
2200
2400
2700
3000
3300
3600
3900
4300
4700
5100
5600
6200
6800
7500
8200
9100
2500
3500
4000
4500
5000
6000
7000
8000
9000
10,000
11,000
12,000
13,000
15,000
16,000
18,000
20,000
22,000
24,000
27,000
30,000
33,000
36,000
39,000
43,000
47,000
51,000
56,000
62,000
68,000
75,000
82,000
91,000
25,000
35,000
40,000
45,000
50,000
60,000
70,000
80,000
90,000
100,000
110,000
120,000
130,000
150,000
160,000
180,000
200,000
220,000
240,000
270,000
300,000
330,000
360,000
390,000
430,000
470,000
510,000
560,000
620,000
680,000
750,000
820,000
910,000
250,000
350,000
400,000
450,000
500,000
600,000
700,000
800,000
900,000
Alpha
Character
Numeral
9
01
2
3
4
5
Capacitance (pF) For Various Numeral Identifiers
1,000,000
1,100,000
1,200,000
1,300,000
1,500,000
1,600,000
1,800,000
2,000,000
2,200,000
2,400,000
2,700,000
3,000,000
3,300,000
3,600,000
3,900,000
4,300,000
4,700,000
5,100,000
5,600,000
6,200,000
6,800,000
7,500,000
8,200,000
9,100,000
2,500,000
3,500,000
4,000,000
4,500,000
5,000,000
6,000,000
7,000,000
8,000,000
9,000,000
7
10,000,000
11,000,000
12,000,000
13,000,000
15,000,000
16,000,000
18,000,000
20,000,000
22,000,000
24,000,000
27,000,000
30,000,000
33,000,000
36,000,000
39,000,000
43,000,000
47,000,000
51,000,000
56,000,000
62,000,000
68,000,000
75,000,000
82,000,000
91,000,000
25,000,000
35,000,000
40,000,000
45,000,000
50,000,000
60,000,000
70,000,000
80,000,000
90,000,000
6
Laser marking is available as an extra-cost option for
most KEMET ceramic chips. Such marking is two
sided, and includes a K to identify KEMET, followed by
two characters (per EIA-198 - see table below) to
identify the capacitance value. Note that marking is
not available for size 0402 nor for any Y5V chip. In
addition, the 0603 marking option is limited to the K
only.
Example shown is 1,000 pF capacitor.
KA3
Table 2 – Capacitance Values Available
In Bulk Cassette Packaging
0402
0603
0805
All
All
C0G
X7R
Y5V
All
All
109
109
109
221
221
221
221
221
104
104
All
All
181
331
102
392
103
273
104
104
224
224
Case
Size Dielectric Voltage
Min.
Cap
Value
Max.
Cap
Value
All
All
200
100
50
200
100
50
25
16
25
16
Terminations: KEMET nickel barrier layer with a tin overplate.
0.3
0.7
0.75
EIA
Size
Code
Length
L
Width
W
Thickness
T
Bandwidth
B
Minimum
Separation
S
Metric
Size
Code
Number of
Pcs/Cassette
50,000
15,000
10,000
0402
0603
0805
1.0 ± 0.05
1.6 ± 0.07
2.0 ± 0.10
0.5 ± 0.05
0.8 ± 0.07
1.25 ± 0.10
0.5 ± .05
0.8 ± .07
0.6 ± .10
0.2 to 0.4
0.2 to 0.5
0.5 to 0.75
1005
1608
2012
Table 1 – Capacitor Dimensions for Bulk
Cassette Packaging – Millimeters
Unit: mm
* Reference
110 ± 0.7
5.0*
10*
53.3*
3.0 ± 00.2
2.0 ± 0.1
0
1.5 ± 00.1
Bulk Cassette Packaging (Ceramic Chips only)
(Meets Dimensional Requirements IEC-286-6 and EIAJ 7201)
97


Similar Part No. - C1206F822M4RAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206F104K1RAC KEMET-C1206F104K1RAC Datasheet
125Kb / 4P
   Ceramic Capacitor
C1206F104K1RACAUTO KEMET-C1206F104K1RACAUTO Datasheet
72Kb / 1P
   Ceramic, Open Mode, AUTO-OpenMode-(CxxxxF-AUTO), 0.1 uF, 10%, 100 V, 1206, X7R, SMD, MLCC, Open Mode, Automotive Grade
C1206F104K1RACTU KEMET-C1206F104K1RACTU Datasheet
71Kb / 1P
   Ceramic, Open Mode, OpenMode-(CxxxxF), 0.1 uF, 10%, 100 V, 1206, X7R, SMD, MLCC, Open Mode, Temperature Stable
C1206F104K2RACAUTO KEMET-C1206F104K2RACAUTO Datasheet
59Kb / 1P
   SMD Auto X7R FO, Ceramic, Open Mode, 0.1 uF, 10%, 200 VDC, X7R, SMD, MLCC, Open Mode, Automotive Grade, 1206
C1206F104K2RACTU KEMET-C1206F104K2RACTU Datasheet
59Kb / 1P
   SMD Comm X7R FO, Ceramic, Open Mode, 0.1 uF, 10%, 200 VDC, X7R, SMD, MLCC, Open Mode, Temperature Stable, 1206
More results

Similar Description - C1206F822M4RAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1812F105K1RAC KEMET-C1812F105K1RAC Datasheet
473Kb / 2P
   CERAMIC OPEN MODE CAPACITORS
logo
MERITEK ELECTRONICS COR...
OP0805XR101K500 MERITEK-OP0805XR101K500 Datasheet
117Kb / 1P
   Multilayer Ceramic Capacitors OPEN-MODE DESIGN
logo
Exxelia Group
OPSERIES EXXELIA-OPSERIES Datasheet
616Kb / 16P
   Open Mode Chips Capacitors
02/21
logo
Kemet Corporation
C0805F473M1RAC KEMET-C0805F473M1RAC Datasheet
95Kb / 2P
   Open Mode Surface Mount Ceramic Chip Capacitors - X7R Dielectric
C0805F224M3RAC KEMET-C0805F224M3RAC Datasheet
196Kb / 2P
   Surface Mount Ceramic Chip Capacitors - Open Mode - X7R - Capacitance Extensions
logo
TDK Electronics
C5750X7R1C226KT5XXX TDK-C5750X7R1C226KT5XXX Datasheet
295Kb / 2P
   Open Mode Capacitor
logo
Kemet Corporation
C0805F104K5RACTU KEMET-C0805F104K5RACTU Datasheet
71Kb / 1P
   Ceramic, Open Mode, OpenMode-(CxxxxF), 0.1 uF, 10%, 50 V, 0805, X7R, SMD, MLCC, Open Mode, Temperature Stable
C1210F474K1RACTU KEMET-C1210F474K1RACTU Datasheet
71Kb / 1P
   Ceramic, Open Mode, OpenMode-(CxxxxF), 0.47 uF, 10%, 100 V, 1210, X7R, SMD, MLCC, Open Mode, Temperature Stable
C1206J154K1RACTU KEMET-C1206J154K1RACTU Datasheet
72Kb / 1P
   Ceramic, Open Mode, OpenModeFlexTerm-(CxxxxJ), 0.15 uF, 10%, 100 V, 1206, X7R, SMD, MLCC, Open Mode, Temperature Stable
C1210F105K5RACTU KEMET-C1210F105K5RACTU Datasheet
71Kb / 1P
   Ceramic, Open Mode, OpenMode-(CxxxxF), 1 uF, 10%, 50 V, 1210, X7R, SMD, MLCC, Open Mode, Temperature Stable
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com