Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA5212 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SA5212
Description  Transimpedance amplifier 140MHz
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5212 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SA5212 Datasheet HTML 3Page - NXP Semiconductors SA5212 Datasheet HTML 4Page - NXP Semiconductors SA5212 Datasheet HTML 5Page - NXP Semiconductors SA5212 Datasheet HTML 6Page - NXP Semiconductors SA5212 Datasheet HTML 7Page - NXP Semiconductors SA5212 Datasheet HTML 8Page - NXP Semiconductors SA5212 Datasheet HTML 9Page - NXP Semiconductors SA5212 Datasheet HTML 10Page - NXP Semiconductors SA5212 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Philips Semiconductors
Product specification
SA5212A
Transimpedance amplifier (140MHz)
1998 Oct 07
7
TEST CIRCUITS (Continued)
GND2
Test Circuit 8
OUT +
OUT –
GND1
IN
DUT
IIN (µA)
5V
VOUT (V)
+
Typical Differential Output Voltage
vs Current Input
2.00
1.60
1.20
0.80
0.40
0.00
–0.40
–0.80
–1.20
–1.60
–2.00
–200
–160
–120
–80
–40
0
40
80
120
160
200
CURRENT INPUT (
µA)
NE5212A TEST CONDITIONS
Procedure 1
RT measured at 30µA
RT = (VO1 – VO2)/(+30µA – (–30µA))
Where: VO1 Measured at IIN = +30µA
VO2 Measured at IIN = –30µA
Procedure 2
Linearity = 1 – ABS((VOA – VOB) / (VO3 – VO4))
Where: VO3 Measured at IIN = +60µA
VO4 Measured at IIN = –60µA
V
OA +
R
T @
(
) 60mA) ) V
OB
V
OB +
R
T @
(
* 60mA) ) V
OB
Procedure 3
VOMAX = VO7 – VO8
Where: VO7 Measured at IIN = +130µA
VO8 Measured at IIN = –130µA
Procedure 4
IIN Test Pass Conditions:
VO7 – VO5 > 20mV and V06 – VO5 > 20mV
Where: VO5 Measured at IIN = +800µA
VO6 Measured at IIN = –80µA
VO7 Measured at IIN = +130µA
VO8 Measured at IIN = –130µA
SD00340
Figure 6. Test Circuit 8


Similar Part No. - SA5212

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5211 PHILIPS-SA5211 Datasheet
172Kb / 20P
   Transimpedance amplifier 180MHz
1998 Oct 07
SA5211D PHILIPS-SA5211D Datasheet
172Kb / 20P
   Transimpedance amplifier 180MHz
1998 Oct 07
SA5214 PHILIPS-SA5214 Datasheet
83Kb / 10P
   Postamplifier with link status indicator
1998 Oct 07
SA5214D PHILIPS-SA5214D Datasheet
83Kb / 10P
   Postamplifier with link status indicator
1998 Oct 07
SA5217 PHILIPS-SA5217 Datasheet
98Kb / 12P
   Postamplifier with link status indicator
1998 Oct 07
More results

Similar Description - SA5212

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SFT-0100 SIRENZA-SFT-0100 Datasheet
162Kb / 4P
   Transimpedance Amplifier
logo
ANADIGICS, Inc
ATA30013 ANADIGICS-ATA30013 Datasheet
133Kb / 4P
   TRANSIMPEDANCE AMPLIFIER
logo
Analog Devices
HMC6590 AD-HMC6590 Datasheet
563Kb / 7P
   Transimpedance Amplifier
logo
ANADIGICS, Inc
ATA01504 ANADIGICS-ATA01504 Datasheet
204Kb / 8P
   AGC Transimpedance Amplifier
ATA00501D1C ANADIGICS-ATA00501D1C Datasheet
306Kb / 7P
   AGC TRANSIMPEDANCE AMPLIFIER
ATA01502 ANADIGICS-ATA01502 Datasheet
245Kb / 8P
   AGC Transimpedance Amplifier
ATA01502D1C ANADIGICS-ATA01502D1C Datasheet
202Kb / 6P
   AGC TRANSIMPEDANCE AMPLIFIER
ATA01504D1C ANADIGICS-ATA01504D1C Datasheet
224Kb / 6P
   AGC TRANSIMPEDANCE AMPLIFIER
logo
Roithner LaserTechnik G...
UV-TIAMO ROITHNER-UV-TIAMO Datasheet
703Kb / 3P
   integrated transimpedance amplifier
UV-TIAMO-M ROITHNER-UV-TIAMO-M Datasheet
696Kb / 3P
   integrated transimpedance amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com